Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM-BGA-9057 Arkusz danych(PDF) 5 Page - Ironwood Electronics.

Numer części SM-BGA-9057
Szczegółowy opis  Low and stable contact resistance for reliable production yield
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRONWOOD [Ironwood Electronics.]
Strona internetowa  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SM-BGA-9057 Arkusz danych(HTML) 5 Page - Ironwood Electronics.

  SM-BGA-9057 Datasheet HTML 1Page - Ironwood Electronics. SM-BGA-9057 Datasheet HTML 2Page - Ironwood Electronics. SM-BGA-9057 Datasheet HTML 3Page - Ironwood Electronics. SM-BGA-9057 Datasheet HTML 4Page - Ironwood Electronics. SM-BGA-9057 Datasheet HTML 5Page - Ironwood Electronics. SM-BGA-9057 Datasheet HTML 6Page - Ironwood Electronics. SM-BGA-9057 Datasheet HTML 7Page - Ironwood Electronics. SM-BGA-9057 Datasheet HTML 8Page - Ironwood Electronics. SM-BGA-9057 Datasheet HTML 9Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
58.50±0.125
74.50±0.125
8X
3.60 THRU ALL
25.00±0.035 (x4)
33.00±0.04 (x4)
20.00
6.80
17.30
12.00
32.00
R0.80
1.30
5.45
13.40
10.00
1.30
3.50
8.00
33.00
6.350
1.588
insulating plate
backing plate
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Socket, Backing Plate Detail
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 12/22/2014
Material: N/A
Finish: N/A
Weight: 1089.87
SM-BGA-9057 Drawing
SCALE: 1.25:1
SHEET: 5 OF 9
ENG: E. Smolentseva
FILE: SM-BGA-9057 Dwg
DRAWN BY: M. Raske


Podobny numer części - SM-BGA-9057

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ironwood Electronics.
SM-BGA-9050 IRONWOOD-SM-BGA-9050 Datasheet
459Kb / 5P
   Easily removalbe swivel socket lid
SM-BGA-9051 IRONWOOD-SM-BGA-9051 Datasheet
381Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-BGA-9052 IRONWOOD-SM-BGA-9052 Datasheet
444Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-BGA-9053 IRONWOOD-SM-BGA-9053 Datasheet
568Kb / 4P
   Ball guide prevents over compression of elastomer
SM-BGA-9054 IRONWOOD-SM-BGA-9054 Datasheet
371Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
More results

Podobny opis - SM-BGA-9057

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ironwood Electronics.
SBT-BGA-7019 IRONWOOD-SBT-BGA-7019 Datasheet
324Kb / 5P
   Low and stable contact resistance for reliable production yield
SBT-QFE-3005 IRONWOOD-SBT-QFE-3005 Datasheet
405Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9014 IRONWOOD-SM-BGA-9014 Datasheet
378Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-BGA-9009 IRONWOOD-SM-BGA-9009 Datasheet
385Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-QFN-9010 IRONWOOD-SM-QFN-9010 Datasheet
452Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7033 IRONWOOD-CBT-QFN-7033 Datasheet
492Kb / 4P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7018 IRONWOOD-CBT-QFN-7018 Datasheet
404Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7028 IRONWOOD-CBT-QFN-7028 Datasheet
501Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-QFN-9014 IRONWOOD-SM-QFN-9014 Datasheet
469Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9061 IRONWOOD-SM-BGA-9061 Datasheet
393Kb / 4P
   Low and stable contact resistance for reliable production yield
SMP-QFN-8011 IRONWOOD-SMP-QFN-8011 Datasheet
674Kb / 6P
   Low and stable contact resistance for reliable production yield
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com