Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMP-QFN-8008 Arkusz danych(PDF) 4 Page - Ironwood Electronics.

Numer części SMP-QFN-8008
Szczegółowy opis  Low and stable contact resistance for reliable production yield
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRONWOOD [Ironwood Electronics.]
Strona internetowa  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SMP-QFN-8008 Arkusz danych(HTML) 4 Page - Ironwood Electronics.

  SMP-QFN-8008 Datasheet HTML 1Page - Ironwood Electronics. SMP-QFN-8008 Datasheet HTML 2Page - Ironwood Electronics. SMP-QFN-8008 Datasheet HTML 3Page - Ironwood Electronics. SMP-QFN-8008 Datasheet HTML 4Page - Ironwood Electronics. SMP-QFN-8008 Datasheet HTML 5Page - Ironwood Electronics. SMP-QFN-8008 Datasheet HTML 6Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
3
4
7
2
9
9
10
10
8
4
7
19
5
1
13
14
6
15
16
17
20
12
ITEM
NO.
DESCRIPTION
Material
1
Socket base
Torlon 5530
2
Socket Lid clamshell double latch
7075-T6 Aluminum Alloy
3
M10x0.75 fluted knob compression
screw, Ni plated
7075-T6 Aluminum Alloy
4
Latch
7075-T6 Aluminum Alloy
5
Customer's device
FR4 High temp
6
Customer's target PCB
FR4 Standard
7
Hinge Pin and Snap Ring, 3mm OD,
25mm long, SS
Stainless Steel (ferritic)
8
Precision Compression Spring, Zinc-
Plated Music Wire, 1/2" Length, .12"
OD, .016" Wire
Zinc Plated Music Wire
9
Screw, M3 x 12mm, Low Head Cap, SS
18-8 Stainless Steel
10
Spring Clamshell lid assembly
Steel Music Wire
11
M2 Dowel Pin 4mm SS
Stainless Steel (18-8)
12
Compression plate
7075-T6 Aluminum Alloy
13 Protective Layer for 10x10 mm QFN68,
0.5mm pitch
Kapton Polyimide/Cirlex
14
SM interposer for 10x10 mm QFN68,
0.5mm pitch
SM elastomer
15
Insualtion Plate
Ultem 1000
16
Backing Plate
7075-T6 Aluminum Alloy
17
Dowel Pin, M1.5 x 5mm, SS
AISI 347 Annealed Stainless
Steel (SS)
18
Dowel Pin M2x5mm
Stainless Steel (18-8)
19
M2x0.4 Flat Head Phillips 16m long
1.1158 (C25E)
20
Alignment Pin 1/32" dia. x 1/8" lng
Chrome Stainless Steel
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Socket assembly
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 12/22/2014
Material: N/A
Finish: N/A
Weight: 81.83
SMP-QFN-8008 Drawing
SCALE: 2.75:2
SHEET: 4 OF 6
ENG: E. Smolentseva
FILE: SMP-QFN-8008 Dwg
DRAWN BY: M. Raske


Podobny numer części - SMP-QFN-8008

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ironwood Electronics.
SMP-QFN-8002 IRONWOOD-SMP-QFN-8002 Datasheet
368Kb / 5P
   Compression plate distributes forces evenly
SMP-QFN-8007 IRONWOOD-SMP-QFN-8007 Datasheet
495Kb / 6P
   Low and stable contact resistance for reliable production yield
SMP-QFN-8009 IRONWOOD-SMP-QFN-8009 Datasheet
269Kb / 4P
   Compression plate distributes forces evenly
More results

Podobny opis - SMP-QFN-8008

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ironwood Electronics.
SBT-BGA-7019 IRONWOOD-SBT-BGA-7019 Datasheet
324Kb / 5P
   Low and stable contact resistance for reliable production yield
SBT-QFE-3005 IRONWOOD-SBT-QFE-3005 Datasheet
405Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9014 IRONWOOD-SM-BGA-9014 Datasheet
378Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-BGA-9009 IRONWOOD-SM-BGA-9009 Datasheet
385Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-QFN-9010 IRONWOOD-SM-QFN-9010 Datasheet
452Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7033 IRONWOOD-CBT-QFN-7033 Datasheet
492Kb / 4P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7018 IRONWOOD-CBT-QFN-7018 Datasheet
404Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7028 IRONWOOD-CBT-QFN-7028 Datasheet
501Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-QFN-9014 IRONWOOD-SM-QFN-9014 Datasheet
469Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9061 IRONWOOD-SM-BGA-9061 Datasheet
393Kb / 4P
   Low and stable contact resistance for reliable production yield
SMP-QFN-8011 IRONWOOD-SMP-QFN-8011 Datasheet
674Kb / 6P
   Low and stable contact resistance for reliable production yield
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com