Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM3211MTX-ADJ Arkusz danych(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części LM3211MTX-ADJ
Szczegółowy opis  Step-up PWM DC/DC Converter Integrated with 4 Buffers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3211MTX-ADJ Arkusz danych(HTML) 6 Page - National Semiconductor (TI)

Back Button LM3211MTX-ADJ Datasheet HTML 2Page - National Semiconductor (TI) LM3211MTX-ADJ Datasheet HTML 3Page - National Semiconductor (TI) LM3211MTX-ADJ Datasheet HTML 4Page - National Semiconductor (TI) LM3211MTX-ADJ Datasheet HTML 5Page - National Semiconductor (TI) LM3211MTX-ADJ Datasheet HTML 6Page - National Semiconductor (TI) LM3211MTX-ADJ Datasheet HTML 7Page - National Semiconductor (TI) LM3211MTX-ADJ Datasheet HTML 8Page - National Semiconductor (TI) LM3211MTX-ADJ Datasheet HTML 9Page - National Semiconductor (TI) LM3211MTX-ADJ Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Electrical Characteristics
Specifications in standard type face are for T
J = 25˚C and those with boldface type apply over the full Operating Tempera-
ture Range (T
J = −40˚C to +125˚C). Unless otherwise specified, VIN =2.2V and Vs+ = 8V.
BUFFERS
Symbol
Parameter
Conditions
Min
(Note 4)
Typ
(Note 5)
Max
(Note 4)
Units
V
OS
Input offset voltage
2.5
10
mV
∆V
os/
∆T
Offset Voltage Drift
8
µV/˚C
I
B
Input Bias Current
170
800
nA
CMVR
Input Common-mode Voltage
Range
0.05
Vs+-0.05
V
Z
IN
Input Impedance
400
k
C
IN
Input Capacitance
1
pF
I
OUT
Continuous Output Current
Vs+=8V, Source
30
39
47
mA
Vs+=8V, Sink
−45
−37
−27
Vs+=12V, Source
35
48
59
Vs+=12V, Sink
−54
−44
−32
V
OUT Swing
R
L=10k, Vo min.
0.075
V
R
L=10k, Vo max.
7.88
R
L=2k, Vo min.
0.075
R
L=2k, Vo max.
7.85
A
VCL
Voltage Gain
R
L =2 k
R
L=10 k
0.994
0.9985
0.998
0.9999
V/V
NL
Gain Linearity
R
L =2 k
Ω, Buffer input=0.5 to
(Vs+-0.5V)
0.01
%
Vs+
Supply Voltage
412
V
PSRR
Power Supply Rejection
Ratio
Vs+=4to12V
90
316
µV/V
Is+
Supply Current/Amplifier
Vo = Vs+/2, No Load
0.75
1.2
mA
SR
Slew Rate
C
L =150pf
5.3
V/µs
BW
Bandwidth
-3dB,R
L =10 k
Ω,C
L =100pf
3
MHz
φ
M
Phase Margin
C
L =100pf
78
Deg˚
Note 1: The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(MAX), the junction-to-ambient thermal resistance, θJA,
and the ambient temperature, TA. See the Electrical Characteristics table for the thermal resistance of various layouts. The maximum allowable power dissipation
at any ambient temperature is calculated using: PD (MAX) = (TJ(MAX) −TA)/θJA. Exceeding the maximum allowable power dissipation will cause excessive die
temperature, and the regulator will go into thermal shutdown.
Note 2: Absolute maximum ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions for which the device is intended to
be functional, but device parameter specifications may not be guaranteed. For guaranteed specifications and test conditions, see the Electrical Characteristics.
Note 3: The human body model is a 100 pF capacitor discharged through a 1.5k
Ω resistor into each pin. The machine model is a 200pF capacitor discharged
directly into each pin.
Note 4: All limits guaranteed at room temperature (standard typeface) and at temperature extremes (bold typeface). All room temperature limits are 100%
production tested or guaranteed through statistical analysis. All limits at temperature extremes are guaranteed via correlation using standard Statistical Quality
Control (SQC) methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
Note 5: Typical numbers are at 25˚C and represent the most likely norm.
Note 6: Duty cycle affects current limit due to ramp generator. See Switch Current Limit vs. VIN and Switch Current Limit vs. Temperature graphs in the Typical
Performance Characteristics section.
Note 7: See Typical Performance Characteristics section for Tri-Temperature data for RDSON vs. VIN.
Note 8: Bias current flows into FB pin.
www.national.com
6


Podobny numer części - LM3211MTX-ADJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM321 NSC-LM321 Datasheet
237Kb / 9P
   Low Power Single Op Amp
logo
ON Semiconductor
LM321 ONSEMI-LM321 Datasheet
501Kb / 10P
   Single Channel Operational Amplifier
November, 2015 ??Rev. 2
logo
Seoul Semiconductor
LM321 SEOUL-LM321 Datasheet
376Kb / 14P
   INFRARED LAMP LED
logo
Unisonic Technologies
LM321 UTC-LM321 Datasheet
227Kb / 7P
   LOW POWER SINGLE OP AMP
logo
Seoul Semiconductor
LM321 SEOUL-LM321 Datasheet
360Kb / 13P
   CYAN LAMP LED
More results

Podobny opis - LM3211MTX-ADJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM2710 NSC-LM2710 Datasheet
853Kb / 20P
   Step-up PWM DC/DC Converter Integrated with 5 Buffers
logo
Diodes Incorporated
PAM2421 DIODES-PAM2421 Datasheet
561Kb / 10P
   PWM STEP-UP DC-DC CONVERTER
logo
Advanced Power Electron...
APE1911 A-POWER-APE1911 Datasheet
330Kb / 9P
   STEP-UP PWM DC/DC Converter
logo
Anpec Electronics Corop...
APW7077 ANPEC-APW7077 Datasheet
454Kb / 21P
   PWM Step-Up DC-DC Converter
logo
RICOH electronics devic...
R1210N301C RICOH-R1210N301C Datasheet
179Kb / 18P
   PWM Step-up DC/DC Converter
RH5RH301A RICOH-RH5RH301A Datasheet
199Kb / 29P
   PWM STEP-UP DC/DC CONVERTER
logo
Advanced Power Electron...
APE1912 A-POWER-APE1912 Datasheet
83Kb / 7P
   STEP-UP PWM DC/DC CONVERTER
logo
SHOUDING Shouding Semic...
SDB842X SHOUDING-SDB842X Datasheet
1Mb / 7P
   PWM Step-Up DC-DC Converter
logo
Maxim Integrated Produc...
MAX618 MAXIM-MAX618 Datasheet
204Kb / 14P
   28V, PWM, Step-Up DC-DC Converter
Rev 0; 6/99
logo
ELM Technology Corporat...
ELM95-SERIES ELM-TECH-ELM95-SERIES Datasheet
1Mb / 15P
   CMOS PWM step-up DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com