Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS114S06IPBS Arkusz danych(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS114S06IPBS
Szczegółowy opis  Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC with PGA and Voltage Reference
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS114S06IPBS Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button ADS114S06IPBS Datasheet HTML 3Page - Texas Instruments ADS114S06IPBS Datasheet HTML 4Page - Texas Instruments ADS114S06IPBS Datasheet HTML 5Page - Texas Instruments ADS114S06IPBS Datasheet HTML 6Page - Texas Instruments ADS114S06IPBS Datasheet HTML 7Page - Texas Instruments ADS114S06IPBS Datasheet HTML 8Page - Texas Instruments ADS114S06IPBS Datasheet HTML 9Page - Texas Instruments ADS114S06IPBS Datasheet HTML 10Page - Texas Instruments ADS114S06IPBS Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 103 page
background image
7
ADS114S06, ADS114S08
www.ti.com
SBAS815 – FEBRUARY 2017
Product Folder Links: ADS114S06 ADS114S08
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.5 Electrical Characteristics
minimum and maximum specifications apply from TA = –50°C to +125°C; Typical specifications are at TA = 25°C;
all specifications are at AVDD = 2.7 V to 5.25 V, AVSS = 0 V, DVDD = IOVDD = 3.3 V, all gains, internal reference, internal
oscillator, all data rates, and global chop disabled (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUTS
Absolute input current
PGA bypassed,
AVSS + 0.1 V
≤ V(AINx) ≤ AVDD – 0.1 V
0.5
nA
PGA enabled, all gains,
V(AINx)MIN ≤ V(AINx) ≤ V(AINx)MAX
–2
0.1
2
Absolute input current drift
PGA bypassed,
AVSS + 0.1 V
≤ V(AINx) ≤ AVDD – 0.1 V
2
pA/°C
PGA enabled, all gains,
V(AINx)MIN ≤ V(AINx) ≤ V(AINx)MAX
2
Differential input current
PGA bypassed,
VCM = AVDD / 2, –VREF ≤ VIN ≤ VREF
1
nA/V
PGA enabled, all gains,
VCM = AVDD / 2, –VREF / Gain ≤ VIN ≤ VREF / Gain
–1
0.02
1
nA
Differential input current drift
PGA bypassed,
VCM = AVDD / 2, –VREF ≤ VIN ≤ VREF
3
pA/°C
PGA enabled, all gains,
VCM = AVDD / 2, –VREF / Gain ≤ VIN ≤ VREF / Gain
1
PGA
Gain settings
1, 2, 4, 8, 16,
32, 64, 128
Startup time
Enabling the PGA in conversion mode
190
µs
SYSTEM PERFORMANCE
Resolution (no missing codes)
16
Bits
DR
Data rate
2.5, 5, 10, 16.6,
20, 50, 60, 100,
200, 400, 800,
1000, 2000, 4000
SPS
INL
Integral nonlinearity (best fit)
PGA bypassed, VCM = AVDD / 2
1
10
ppmFSR
PGA enabled, gain = 1 to 8, VCM = AVDD / 2
2
15
PGA enabled, gain = 16 to 128, VCM = AVDD / 2,
TA = –40°C to +85°C
3
15
VIO
Input offset voltage
TA = 25°C, PGA bypassed
–120
20
120
µV
TA = 25°C, PGA enabled, gain = 1 to 8
–120 / Gain
20 / Gain
120 / Gain
TA = 25°C, PGA enabled, gain = 16 to 128
–15
2
15
TA = 25°C, PGA bypassed, after internal offset
calibration
On the order of noisePP at the
set DR and gain
TA = 25°C, PGA enabled, gain = 1 to 128, after
internal offset calibration
On the order of noisePP at the
set DR and gain
TA = 25°C, PGA bypassed, global chop enabled
–2
0.2
2
TA = 25°C, PGA enabled, gain = 1 to 128,
global chop enabled
–2
0.2
2
Offset drift
TA = –40°C to +85°C, PGA bypassed
–75
10
75
nV/°C
TA = –40°C to +85°C, PGA enabled, gain = 1 to 128
–100
15
100
PGA bypassed
–75
10
75
PGA enabled, gain = 1 to 8
–200
15
200
PGA enabled, gain = 16 to 128
–150
15
150
PGA bypassed, global chop enabled
–10
2
10
PGA enabled, gain = 1 to 128, global chop enabled
–10
2
10


Podobny numer części - ADS114S06IPBS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS114S06B TI1-ADS114S06B Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC With PGA and Voltage Reference
ADS114S06BIPBS TI1-ADS114S06BIPBS Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC With PGA and Voltage Reference
ADS114S06BIPBSR TI1-ADS114S06BIPBSR Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC With PGA and Voltage Reference
ADS114S06BIRHBR TI1-ADS114S06BIRHBR Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC With PGA and Voltage Reference
ADS114S06BIRHBT TI1-ADS114S06BIRHBT Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC With PGA and Voltage Reference
More results

Podobny opis - ADS114S06IPBS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS114S06B TI1-ADS114S06B Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC With PGA and Voltage Reference
logo
Analog Devices
AD7124-4 AD-AD7124-4 Datasheet
1Mb / 90P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
AD7124-4-EP AD-AD7124-4-EP Datasheet
272Kb / 17P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
ADFS7124-4 AD-ADFS7124-4 Datasheet
3Mb / 93P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
AD7124-8 AD-AD7124-8 Datasheet
1Mb / 91P
   8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
AD7124-8 AD-AD7124-8_17 Datasheet
1Mb / 93P
   8-Channel, Low Noise, Low Power, 24-Bit Sigma-Delta ADC with PGA and Reference
ADFS7124-8 AD-ADFS7124-8 Datasheet
2Mb / 93P
   8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
AD7173-8 AD-AD7173-8 Datasheet
1Mb / 64P
   Low Power, 8-/16-Channel, 31.25 kSPS, 24-Bit, Highly Integrated Sigma-Delta ADC
REV. 0
logo
Microchip Technology
MCP3465R MICROCHIP-MCP3465R Datasheet
3Mb / 110P
   Two-Channel, 153.6 ksps, Low Noise 16-Bit Delta-Sigma ADC with Internal Voltage Reference
Revision C April 2021
logo
Analog Devices
AD4129-8 AD-AD4129-8 Datasheet
3Mb / 105P
   32 μA, Ultra Low Power, 16-Bit Sigma-Delta ADC with Integrated PGA and FIFO
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com