Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS114S06IRHBR Arkusz danych(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS114S06IRHBR
Szczegółowy opis  Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC with PGA and Voltage Reference
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS114S06IRHBR Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button ADS114S06IRHBR Datasheet HTML 4Page - Texas Instruments ADS114S06IRHBR Datasheet HTML 5Page - Texas Instruments ADS114S06IRHBR Datasheet HTML 6Page - Texas Instruments ADS114S06IRHBR Datasheet HTML 7Page - Texas Instruments ADS114S06IRHBR Datasheet HTML 8Page - Texas Instruments ADS114S06IRHBR Datasheet HTML 9Page - Texas Instruments ADS114S06IRHBR Datasheet HTML 10Page - Texas Instruments ADS114S06IRHBR Datasheet HTML 11Page - Texas Instruments ADS114S06IRHBR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 103 page
background image
8
ADS114S06, ADS114S08
SBAS815 – FEBRUARY 2017
www.ti.com
Product Folder Links: ADS114S06 ADS114S08
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
minimum and maximum specifications apply from TA = –50°C to +125°C; Typical specifications are at TA = 25°C;
all specifications are at AVDD = 2.7 V to 5.25 V, AVSS = 0 V, DVDD = IOVDD = 3.3 V, all gains, internal reference, internal
oscillator, all data rates, and global chop disabled (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(1)
Excluding error of voltage reference.
(2)
See the Noise Performance section for more information.
(3)
See the 50-Hz and 60-Hz Line Cycle Rejection section for more information.
SYSTEM PERFORMANCE (continued)
Gain error(1)
TA = 25°C, PGA bypassed
40
120
ppm
TA = 25°C, PGA enabled, gain = 1 to 32
40
120
TA = 25°C, PGA enabled, gain = 64 and 128
40
200
Gain drift(1)
TA = –40°C to +85°C, PGA bypassed
0.5
1
ppm/°C
TA = –40°C to +85°C, PGA enabled, gain = 1 to 128
0.5
2
PGA bypassed
0.5
1
PGA enabled, gain = 1 to 128
1
4
Noise (input-referred)(2)
PGA enabled, gain = 128, DR = 2.5 SPS,
sinc3 filter
19
nVRMS
NMRR
Normal-mode rejection ratio(3)
fIN = 50 Hz or 60 Hz (±1 Hz), DR = 10 SPS,
sinc3 filter
88
dB
fIN = 50 Hz or 60 Hz (±1 Hz), DR = 10 SPS,
sinc3 filter, external fCLK = 4.096 MHz
102
fIN = 50 Hz or 60 Hz (±1 Hz), DR = 20 SPS,
low-latency filter
79
fIN = 50 Hz or 60 Hz (±1 Hz), DR = 20 SPS,
low-latency filter, external fCLK = 4.096 MHz
95
fIN = 50 Hz (±1 Hz), DR = 50 SPS, sinc
3 filter
87
fIN = 50 Hz (±1 Hz), DR = 50 SPS,
sinc3 filter, external fCLK = 4.096 MHz
101
fIN = 60 Hz (±1 Hz), DR = 60 SPS, sinc
3 filter
89
fIN = 60 Hz (±1 Hz), DR = 60 SPS,
sinc3 filter, external fCLK = 4.096 MHz
105
CMRR
Common-mode rejection ratio
At dc
110
120
dB
fCM = 50 Hz or 60 Hz (±1 Hz),
DR = 2.5 SPS to 10 SPS, sinc3 filter
120
130
fCM = 50 Hz or 60 Hz (±1 Hz),
DR = 2.5 SPS, 5 SPS, 10 SPS, 20 SPS, low-latency
filter
115
125
PSRR
Power-supply rejection ratio
AVDD at dc
90
105
dB
AVDD at 50 Hz or 60 Hz
100
115
DVDD at dc
100
115


Podobny numer części - ADS114S06IRHBR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS114S06B TI1-ADS114S06B Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC With PGA and Voltage Reference
ADS114S06BIPBS TI1-ADS114S06BIPBS Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC With PGA and Voltage Reference
ADS114S06BIPBSR TI1-ADS114S06BIPBSR Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC With PGA and Voltage Reference
ADS114S06BIRHBR TI1-ADS114S06BIRHBR Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC With PGA and Voltage Reference
ADS114S06BIRHBT TI1-ADS114S06BIRHBT Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC With PGA and Voltage Reference
More results

Podobny opis - ADS114S06IRHBR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS114S06B TI1-ADS114S06B Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC With PGA and Voltage Reference
logo
Analog Devices
AD7124-4 AD-AD7124-4 Datasheet
1Mb / 90P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
AD7124-4-EP AD-AD7124-4-EP Datasheet
272Kb / 17P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
ADFS7124-4 AD-ADFS7124-4 Datasheet
3Mb / 93P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
AD7124-8 AD-AD7124-8 Datasheet
1Mb / 91P
   8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
AD7124-8 AD-AD7124-8_17 Datasheet
1Mb / 93P
   8-Channel, Low Noise, Low Power, 24-Bit Sigma-Delta ADC with PGA and Reference
ADFS7124-8 AD-ADFS7124-8 Datasheet
2Mb / 93P
   8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
AD7173-8 AD-AD7173-8 Datasheet
1Mb / 64P
   Low Power, 8-/16-Channel, 31.25 kSPS, 24-Bit, Highly Integrated Sigma-Delta ADC
REV. 0
logo
Microchip Technology
MCP3465R MICROCHIP-MCP3465R Datasheet
3Mb / 110P
   Two-Channel, 153.6 ksps, Low Noise 16-Bit Delta-Sigma ADC with Internal Voltage Reference
Revision C April 2021
logo
Analog Devices
AD4129-8 AD-AD4129-8 Datasheet
3Mb / 105P
   32 μA, Ultra Low Power, 16-Bit Sigma-Delta ADC with Integrated PGA and FIFO
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com