Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SS53BT Arkusz danych(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Numer części SS53BT
Szczegółowy opis  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BILIN [Galaxy Semi-Conductor Holdings Limited]
Strona internetowa  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SS53BT Arkusz danych(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  SS53BT Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SS53BT Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SS53BT Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Production specification
SURFACE MOUNT SCHOTTKY
BARRIER RECTIFIERS
SS52BT--SS510BT
Document Number: SBT408AA
www.gmicroelec.com
1
FEATURES
For surface mounted applications
Metal silicon junction, majority carrier conduction
High current capability, low forward voltage drop
Low power loss, high efficiency
Guarding for overvoltage protection
For use in low voltage high frequency inverters,
free wheeling and polarity protection applications
Plastic package has Underwriters Laborator Flammability Classification 94V-0
High temperature soldering guaranteed:250℃/10 seconds at terminals
MECHANICAL DATA
Case: SMBT molded plastic body
Terminals: Solder Plated, solderable per MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Characteristic
Symbol
SS52
BT
SS53
BT
SS54
BT
SS55
BT
SS56
BT
SS58
BT
SS59
BT
SS510
BT
UNITS
Maximum repetitive peak reverse voltage
VRRM
20
30
40
50
60
80
90
100
V
Maximum RMS voltage
VRWS
14
21
28
35
42
56
63
70
V
Maximum DC blocking voltage
VDC
20
30
40
50
60
80
90
100
V
Maximum
average
for
word
rectified
current at TL(SEEFIG.1)
IF(AV)
5.0
A
Peak forward surge current
8.3ms single half-sine-wave
IFSM
150
A
Thermal Characteristics
Characteristic
Symbol
SS52
BT
SS53
BT
SS54
BT
SS55
BT
SS56
BT
SS58
BT
SS59
BT
SS510
BT
UNITS
Operating temperature range
TJ
-55----+125
-55----+150
Storage temperature range
TSTG
-55----+150
Electrical Characteristics (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
SS52
BT
SS53
BT
SS54
BT
SS55
BT
SS56
BT
SS58
BT
SS59
BT
SS510
BT
UNITS
Maximum instantaneous forward voltage
at 5.0
VF
0.55
0.75
0.85
V
Maximum DC reverse current TA=25℃
atrated DC blocking voltage TA=100℃
IR
0.5
m A
20
10
Pb
Lead-free


Podobny numer części - SS53BT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Jinan Jing Heng Electro...
SS53BT JINGHENG-SS53BT Datasheet
110Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Podobny opis - SS53BT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SKO2 EIC-SKO2 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SD320YS PANJIT-SD320YS_09 Datasheet
89Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD820T PANJIT-SD820T_09 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B120L WEITRON-B120L Datasheet
100Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P2L VISHAY-MSS1P2L_11 Datasheet
91Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS1P3 VISHAY-MSS1P3_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS2P2 VISHAY-MSS2P2_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
logo
Weitron Technology
B520B WEITRON-B520B_09 Datasheet
603Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 04-Aug-08
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com