Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DAC-060-24-02 Arkusz danych(PDF) 1 Page - Laird Tech Smart Technology

Numer części DAC-060-24-02
Szczegółowy opis  Precise temperature control
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LSTD [Laird Tech Smart Technology]
Strona internetowa  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

DAC-060-24-02 Arkusz danych(HTML) 1 Page - Laird Tech Smart Technology

  DAC-060-24-02 Datasheet HTML 1Page - Laird Tech Smart Technology DAC-060-24-02 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
global solutions: local support
TM
Innovative Technology
for a Connected World
DA Cascade Series, DAC-060-24-02
Thermoelectric Assembly
CASCADe SerieS DireCt-to-Air thermoeleCtriC ASSembly
The DA Cascade Series is an Air to Air thermoelectric assembly (TEA) that offers dependable,
compact performance by cooling objects via conduction. Heat is absorbed through a cold
plate and dissipated thru a high density heat exchanger equipped with an air ducted shroud
and brand name fan. The thermoelectric modules are custom designed multistage cascades
to achieve a high temperature differential, which allows this series to reach colder tempera-
tures than standard DA product offerings. Custom configurations and moisture protection
options are available, however, MOQ applies.
FeAtUreS
• Compactdesign
• Precisetemperaturecontrol
• Reliablesolid-stateoperation
• DCoperation
• RoHScompliant
Americas: +1.888.246.9050
Europe: +46.31.704.67.57
Asia: +86.755.2714.1166
CLV-customerservice@lairdtech.com
www.lairdtech.com/thermal
AppliCAtionS
• Analyticalinstrumentation
• Medicaldiagnostics
• Photonicslasersystems
• Industrialinstrumentation
• Foodandbeveragecooling
Specifications
CoolingPowerQcmax(W)
58
RunningCurrent(A)
4.6
Startup Current (A)
5.5
Nominal Voltage (V)
24
Max Voltage (V)
28
PowerInput(W)
110
Operating Temperature (°C)
-10 to 48
Weight (kg)
1.8
MTBF(fans–hrs)
50,000
PerformanceTolerance
±10%
perFormAnCe CUrve


Podobny numer części - DAC-060-24-02

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Level One
DAC-0101 LVL1-DAC-0101 Datasheet
186Kb / 2P
   RoHS Compatible
DAC-0103 LVL1-DAC-0103 Datasheet
359Kb / 2P
   RoHS Compatible
DAC-0105 LVL1-DAC-0105 Datasheet
186Kb / 2P
   RoHS Compatible
logo
Faraday Technology
DAC-011A FARADAY-DAC-011A Datasheet
135Kb / 1P
   PARALLEL DIGITAL TO RGB AND YPBPR MODULE
logo
Analog Devices
DAC-02 AD-DAC-02 Datasheet
1Mb / 5P
   10-BIT-PLUS-SIGN VOLTAGE-OUTPUT D/A CONVERTERS
REV. C
More results

Podobny opis - DAC-060-24-02

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Laird Tech Smart Techno...
DA-075-12-02 LSTD-DA-075-12-02 Datasheet
754Kb / 2P
   Precise temperature control
PC4 LSTD-PC4 Datasheet
584Kb / 2P
   Precise temperature control
AA-034-12-22 LSTD-AA-034-12-22 Datasheet
976Kb / 2P
   Precise temperature control
DA-115-24-02 LSTD-DA-115-24-02 Datasheet
870Kb / 2P
   Precise temperature control
DA-039-12-02 LSTD-DA-039-12-02 Datasheet
908Kb / 2P
   Precise temperature control
HT2 LSTD-HT2 Datasheet
580Kb / 2P
   Precise Temperature Control
HT6 LSTD-HT6 Datasheet
353Kb / 2P
   Precise Temperature Control
LA-045-12-02-00-00 LSTD-LA-045-12-02-00-00 Datasheet
307Kb / 3P
   Precise temperature control
LA-115-24-02-00-00 LSTD-LA-115-24-02-00-00 Datasheet
300Kb / 3P
   Precise temperature control
MS5 LSTD-MS5 Datasheet
536Kb / 2P
   Precise temperature control
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com