Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BA17815T Arkusz danych(PDF) 9 Page - Rohm

Numer części BA17815T
Szczegółowy opis  Standard 78 series, 3-pin regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BA17815T Arkusz danych(HTML) 9 Page - Rohm

Back Button BA17815T Datasheet HTML 3Page - Rohm BA17815T Datasheet HTML 4Page - Rohm BA17815T Datasheet HTML 5Page - Rohm BA17815T Datasheet HTML 6Page - Rohm BA17815T Datasheet HTML 7Page - Rohm BA17815T Datasheet HTML 8Page - Rohm BA17815T Datasheet HTML 9Page - Rohm BA17815T Datasheet HTML 10Page - Rohm BA17815T Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
BA178!!T / FP series
Regulator ICs
"
"
"
"
Measurement circuits
0.1
µF
IO
VIN
V
OUTPUT
INPUT
COMMON
Fig. 1
Measurement circuit for output voltage,
input stability,load regulation,
temperature coefficient of output voltage
0.1
µF
0.33
µF
100
µF
VIN
IO
eOUT
eIN
10
Ω5W
eIN=1Vrms
f=120Hz
Ripple rejection ratio R.R. = 20 log
eIN
eOUT
V
~
OUTPUT
INPUT
COMMON
V
~
Fig. 2
Measurement circuit for ripple rejection rario
()
OUTPUT
INPUT
COMMON
0.1
0.33
µF
IO
VIN
Noise
meter
BPF
10Hz
100kHz
10
µF
+
µF
Fig. 3
Measurement circuit for output noise voltage
V
OUTPUT
INPUT
COMMON
0.1
µF
0.33
µF
IO
IA
VIN
V
∆V=
100mA
Fig. 4
Measurement circuit for Minimum
I / O voltage differential
IO
OUTPUT
INPUT
COMMON
0.1
0.33
VIN
A
µF
µF
Fig. 5
Measurement circuit for bias
current and bias current change
A
OUTPUT
INPUT
COMMON
0.1
0.33
IO
VIN
µF
µF
Fig. 6 Measurement circuit for
Fig. 1 output short-circuit current
"
"
"
"
Electrical characteristic curves
OUTPUT CURRENT : IOUT (A)
VIN=10V
BA17805T
10
8
6
4
2
0
1.0
1.2
1.4
1.6
1.8
2.0
Fig. 7 Current limit characteristics
JUNCTION TEMPERATURE : Tj (˚C)
6
5
4
3
2
1
0
25
50
75
100
125
150
175
200
VIN=10V, IOUT=0
BA17805T
Fig. 8 Thermal cutoff circuit
Fig. 2 characteristics
25
20
15
10
5
0
25
50
75
100
125
150
(1) Infinite heat sink,
θj-c = 5.7 (˚C/W)
(2) 100
×100×2 (mm3), with Al heat sink
(3) 50
×50×2 (mm3), with Al heat sink
(4) No heat sink
θj-a = 62.5 (˚C/W)
(3) 6.5
(4) 2.0
AMBIENT TEMPERATURE : Ta (˚C)
(1) 22.0
(2) 11.0
Fig.9 Ta - power dissipation
characteristics (TO220)
Note: With Al heat sink, tightening
torque = 6 kg/cm and silicon
grease as lubricant


Podobny numer części - BA17815T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA17815T ROHM-BA17815T Datasheet
244Kb / 6P
   Three-Terminal Regulator
More results

Podobny opis - BA17815T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA178M00T ROHM-BA178M00T Datasheet
123Kb / 11P
   Standard 78M series, 3-pin regulator
BA78 ROHM-BA78 Datasheet
391Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
logo
Panasonic Semiconductor
AN6541 PANASONIC-AN6541 Datasheet
25Kb / 3P
   3-pin Positive Voltage Regulator
logo
Rohm
BA7812FP-E2 ROHM-BA7812FP-E2 Datasheet
373Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA7806FP-E2 ROHM-BA7806FP-E2 Datasheet
495Kb / 15P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA17812FP-E2 ROHM-BA17812FP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA7810CP-E2 ROHM-BA7810CP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA17805CP-E2 ROHM-BA17805CP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 1A Output 78 series Regulators
BA17805FP-E2 ROHM-BA17805FP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA7805FP-E2 ROHM-BA7805FP-E2 Datasheet
505Kb / 15P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com