Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ES2GA Arkusz danych(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Numer części ES2GA
Szczegółowy opis  Surface Mount Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BILIN [Galaxy Semi-Conductor Holdings Limited]
Strona internetowa  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

ES2GA Arkusz danych(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  ES2GA Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited ES2GA Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited ES2GA Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Production specification
Surface Mount Rectifiers
ES2AA--ES2JA
Document Number: SMA102AA
www.gmicroelec.com
1
FEATURES
Low cost
Low leakage
Low forward voltage drop
High current capability
Easily cleaned with Alcohol, Isopropanol and similar solvents
The plastic material carries U/L recognition 94V-0
MECHANICAL DATA
Case: DO-214AC(SMA) molded plastic
Terminals: Solder able per MIL- STD-202,Method 208
Polarity: Color band denotes cathode
Weight: 0.002 ounces,0.064 grams
.
Maximum Ratings(@TA = 25°C unless otherwise specified)
Characteristic
Symbol
ES2AA
ES2BA
ES2CA
ES2DA
ES2GA
ES2HA
ES2JA
UNITS
Maximum recurrent peak reverse voltage
VRRM
50
100
150
200
400
500
600
V
Maximum RMS voltage
VRMS
35
70
105
140
280
350
420
V
Maximum DC blocking voltage
VDC
50
100
150
200
400
500
600
V
Maximum average forward rectified current
@TA=110℃
IF(AV)
2.0
A
Peak forward surge current
8.3ms single half-sine-wave
superimposed on rated load @TJ=125℃
IFSM
50
A
Thermal Characteristics
Characteristic
Symbol
ES2AA
ES2BA
ES2CA
ES2DA
ES2GA
ES2HA
ES2JA
UNITS
Typical junction capacitance (Note2)
CJ
18
p F
Typical thermal resistance
RΘja
RΘjC
50
31
/W
Operating junction temperature range
TJ
- 55 ---- + 150
Storage temperature range
TSTG
- 55 ---- + 150
Electrical Characteristics (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
ES2AA
ES2BA
ES2CA
ES2DA
ES2GA
ES2HA
ES2JA
UNITS
Maximum instantaneous forward voltage
@2.0 A
VF
0.95
1.25
1.7
V
Maximum reverse current @TA=25℃
at rated DC blocking voltage @TA=125℃
IR
5.0
100
μ A
Maximum reverse recovery time (Note1)
trr
35
ns
NOTE: 1. Measured with IF=0.5A, IR=1A, Irr=0.25A.
2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
Pb
Lead-free


Podobny numer części - ES2GA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
ES2GA TSC-ES2GA Datasheet
54Kb / 2P
   2.0 AMPS. Super Fast Surface Mount Rectifiers
logo
Shenzhen Taychipst Elec...
ES2GA TAYCHIPST-ES2GA Datasheet
4Mb / 2P
   SURFACE MOUNT RECTIFIER
logo
Taiwan Semiconductor Co...
ES2GA TSC-ES2GA Datasheet
543Kb / 6P
   2A, 200V - 600V Super Fast Surface Mount Rectifier
ES2GA TSC-ES2GA Datasheet
134Kb / 2P
   2.0 AMPS. Surface Mount Super Fast Rectifiers
logo
Microdiode Electronics ...
ES2GA CHENDA-ES2GA Datasheet
495Kb / 3P
   SURFACE MOUNT SUPER FAST RECTIFIER
More results

Podobny opis - ES2GA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
EIC discrete Semiconduc...
SN2A EIC-SN2A Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
SNWA EIC-SNWA Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Shenzhen Luguang Electr...
GL41A LUGUANG-GL41A Datasheet
300Kb / 2P
   Surface Mount Rectifiers
US3AB LUGUANG-US3AB Datasheet
173Kb / 2P
   Surface Mount Rectifiers
MURS140 LUGUANG-MURS140 Datasheet
172Kb / 2P
   Surface Mount Rectifiers
MURS340 LUGUANG-MURS340 Datasheet
174Kb / 2P
   Surface Mount Rectifiers
MURS405 LUGUANG-MURS405 Datasheet
176Kb / 2P
   Surface Mount Rectifiers
logo
MAKO SEMICONDUCTOR CO.,...
1N4007-M7 MAKOSEMI-1N4007-M7 Datasheet
266Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Diode Semiconductor Kor...
US1AB DSK-US1AB Datasheet
86Kb / 2P
   SURFACE MOUNT RECTIFIERS
RS5AC DSK-RS5AC Datasheet
146Kb / 2P
   SURFACE MOUNT RECTIFIERS
US3AB DSK-US3AB Datasheet
108Kb / 2P
   SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com