Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TSA170U Arkusz danych(PDF) 2 Page - StarHope

Numer części TSA170U
Szczegółowy opis  TSA(240W) Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SPSEMI [StarHope]
Strona internetowa  http://www.spsemi.cn
Logo SPSEMI - StarHope

TSA170U Arkusz danych(HTML) 2 Page - StarHope

  TSA170U Datasheet HTML 1Page - StarHope TSA170U Datasheet HTML 2Page - StarHope TSA170U Datasheet HTML 3Page - StarHope TSA170U Datasheet HTML 4Page - StarHope TSA170U Datasheet HTML 5Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPSEMI
www.spsemi.cn
Page 2 of 5
Dimensions (SOD-123FL)
SOD-123FL
0.04 1.00
()
0.02 0.50
()
0.114 2.9
()
0.098 2.5
()
0.152 3.82
()
0.138 3.5
()
Cathode Band
0.077 1.95
()
0.055 1.38
()
0.053 1.33
()
0.031 0.8
()
0.043 1.10
()
0.010 0.25
()
0.010 0.250
()
0.002 0.050
()
Dimensions in inches and(millimeters)
Electrical Characteristics
TSA(240W) Series
TSA6.0U
TSA8.0U
TSA12U
TSA15U
TSA16U
TSA20U
TSA22U
TSA26U
TSA28U
TSA30U
TSA33U
TSA36U
TSA40U
TSA58U
TSA60U
TSA150U
TSA170U
TSA
Part Number
Device
Marking Code
Reverse
Stand-Off
Voltage
V
(V)
RWM
V
(V)Min.
BR
V
(V)Max.
BR
Test
Current
IT(mA)
Maximum
Clamping
Voltage
@Ipp
Vc(V)
Peak Pulse
Current
Ipp(A)
Reverse
Leakage
@VRWM
I(
A)
R
μ
UNI-Polar
UNI
BI-Polar
BI
AG
AR
BE
BM
BP
BV
BX
CE
CG
CK
CM
CP
CR
RG
RK
SM
SR
WG
WR
XE
XM
XP
XV
XY
YE
YG
YK
YM
YP
YR
ZG
ZK
VM
VR
6.0
8.0
12.0
15.0
16.0
20.0
22.0
26.0
28.0
30.0
33.0
36.0
40.0
58.0
60.0
150.0
170.0
6.67
8.89
13.30
16.70
17.80
22.22
24.40
28.90
31.10
33.30
36.70
40.00
44.40
64.40
66.70
167.00
189.00
7.37
9.83
14.70
18.50
19.70
24.50
26.90
31.90
34.40
36.80
40.60
44.20
49.10
71.20
73.70
185.00
209.00
10
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
10.3
13.6
19.9
24.4
26.0
32.4
35.5
42.1
45.4
48.4
53.3
58.1
64.5
93.6
96.8
243.0
275.0
23.3
17.7
12.1
9.8
9.2
7.4
6.8
5.7
5.3
5.0
4.5
4.1
3.7
2.6
2.5
1.0
0.9
100
50
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
Breakdown
Voltage
@IT
TSA6.0B
TSA8.0B
TSA12B
TSA15B
TSA16B
TSA20B
TSA22B
TSA26B
TSA28B
TSA30B
TSA33B
TSA36B
TSA40B
TSA58B
TSA60B
TSA150B
TSA170B
For bidirectional type having Vrwm of 10 volts and less, the IR limit is double.
For parts with A , the VBR is ±5%
REV 2017 02 07
..
.


Podobny numer części - TSA170U

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TSA17 ETC1-TSA17 Datasheet
534Kb / 4P
   EURO TERMINAL BLOCKS
logo
Taiwan Semiconductor Co...
TSA1765 TSC-TSA1765 Datasheet
144Kb / 4P
   High Voltage PNP Epitaxial Planar Transistor
TSA1765 TSC-TSA1765 Datasheet
150Kb / 4P
   High Voltage PNP Epitaxial Planar Transistor
TSA1765CWRP TSC-TSA1765CWRP Datasheet
144Kb / 4P
   High Voltage PNP Epitaxial Planar Transistor
TSA1765CWRP TSC-TSA1765CWRP Datasheet
150Kb / 4P
   High Voltage PNP Epitaxial Planar Transistor
More results

Podobny opis - TSA170U

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MicroPower Direct, LLC
MDR-240S MPD-MDR-240S Datasheet
557Kb / 2P
   240W Output Power
logo
ETA-USA
AOJS240 ETA-USA-AOJS240 Datasheet
1Mb / 5P
   240W AC/DC
logo
MORNSUN Science& Techno...
LI240-10B24 MORNSUN-LI240-10B24_15 Datasheet
234Kb / 4P
   240W, AC/DC converter
logo
Arch Electronics Corp.
AQF360E_SERIES ARCH-AQF360E_SERIES Datasheet
351Kb / 6P
   240W Convection without FAN
logo
ETA-USA
AOLL1-240 ETA-USA-AOLL1-240 Datasheet
1Mb / 4P
   240W Exterior LED Driver
logo
TDK Electronics
CME150-24 TDK-CME150-24 Datasheet
654Kb / 9P
   Single Output 150W - 240W
logo
Inventronics Inc.
EUD-240SXXXDT INVENTRONICS-EUD-240SXXXDT Datasheet
1Mb / 15P
   240W Programmable IP67 Driver
Rev. G
EUD-240SXXXDTA INVENTRONICS-EUD-240SXXXDTA Datasheet
738Kb / 14P
   240W Programmable IP67 Driver
Rev. D
EUD-240SXXXDVA INVENTRONICS-EUD-240SXXXDVA Datasheet
848Kb / 13P
   240W Programmable IP67 Driver
Rev.D
EUD-240SXXXDV INVENTRONICS-EUD-240SXXXDV Datasheet
1Mb / 13P
   240W Programmable IP67 Driver
Rev. F
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com