Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SA100A Arkusz danych(PDF) 4 Page - StarHope

Numer części SA100A
Szczegółowy opis  Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 180 Volts 500 Watt Peak Pulse Power
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SPSEMI [StarHope]
Strona internetowa  http://www.spsemi.cn
Logo SPSEMI - StarHope

SA100A Arkusz danych(HTML) 4 Page - StarHope

  SA100A Datasheet HTML 1Page - StarHope SA100A Datasheet HTML 2Page - StarHope SA100A Datasheet HTML 3Page - StarHope SA100A Datasheet HTML 4Page - StarHope SA100A Datasheet HTML 5Page - StarHope SA100A Datasheet HTML 6Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SPSEMI
Rating And Characteristic Curves
www.spsemi.cn
Page 4 of
6
Fig.3 Pulse Waverform
0
0
1.0
2.0
4.0
3.0
10/1000 s Waveform
μ
as defined by R.E.A
Half Value
IPPM
2
tr=10 s
μ
Peak Value
IPPM
T=25
J
Pulse width(td) is defined
ad the Point where the Peak
Current Decays to 50% of IPPM
50
100
150
t-Time(mS)
td
Fig.4 Maximum Non-Repetitive Peak
Forward Surge Current Uni-Directional Only
1
10
100
10
100
200
Number of Cycles at 60HZ
8.3mS single half sine-wave
(JEDEC Method)
5
50
..
.
Fig.1 Peak Pulse Power Rating Curve
Fig.2 Pulse Derating Curve
T --Ambient Temperature(
)
A
100
125
150
175
75
50
25
0
0
20
40
60
80
100
120
SA(500W) Series
0.1
μs
10
μs
10ms
0.1
10
30
td - Pulse Width (sec.)
1
1.0
μs
100
μs
1.0m
s
Non-Repetitive Pulse
Waveform shown in Fig. 3
TA = 25 °C
td
td
td
P
P
P
Square
Half SINE
Exponentia
Fig.6 Typical Junction Capacitance
1
10
100
10
100
1000
V
-Reverse Stand-off Voltage(V)
WM
500
10000
Fig.5 Steady State Power Dissipation Derating Curve
0
0
50
75
150
100
1.0
2.0
T - Lead Temperature (°C)
L
25
125
175 200
3.0
4.0
L = 0.375" (9.5 mm)
Lead Lengths
1.6×1.6×0.040"
(40×40×1mm)
Copper Heat Sirks
TJ=25
f=1.0MHZ
Vsig=50mVp-p
Uni-Directional
Bi-Directional
V=0
R
V =Rated
R
Stand-Off
Voltage
REV 2016 08 10


Podobny numer części - SA100A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
SA100A MOTOROLA-SA100A Datasheet
50Kb / 3P
   MOSORB ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
Taiwan Semiconductor Co...
SA100A TSC-SA100A Datasheet
667Kb / 5P
   500 Watts Transient Voltage Suppressor
logo
Littelfuse
SA100A LITTELFUSE-SA100A Datasheet
126Kb / 4P
   Silicon Avalanche Diodes - 500 Watt Axial Leaded Transient Voltage Suppressors
logo
Vishay Siliconix
SA100A VISHAY-SA100A Datasheet
96Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
logo
JIEJIE MICROELECTRONICS...
SA100A JIEJIE-SA100A Datasheet
216Kb / 5P
   Low zener impedance
More results

Podobny opis - SA100A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
StarHope
SA SPSEMI-SA Datasheet
918Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 180 Volts
TVS-5KP SPSEMI-TVS-5KP Datasheet
326Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 250 Volts 5000 Watt Peak Pulse Power
TVS-3KP SPSEMI-TVS-3KP Datasheet
322Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 220 Volts 3000 Watt Peak Pulse Power
logo
DB Lectro Inc
3KP DBLECTRO-3KP Datasheet
149Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 180 Volts 3000 watt Peak Pulse Power
logo
Pan Jit International I...
SA50 PANJIT-SA50 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
DB Lectro Inc
5KP DBLECTRO-5KP Datasheet
146Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 TO 180 Volts 5000Watts Peak Pulse Power
logo
StarHope
TVS-PMF SPSEMI-TVS-PMF Datasheet
173Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 180 Volts 200 Watt Peak Pulse Power
TVS-20KPA SPSEMI-TVS-20KPA Datasheet
324Kb / 5P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 20 to 300 Volts 20000 Watt Peak Pulse Power
TVS-30KPA SPSEMI-TVS-30KPA Datasheet
325Kb / 5P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 28 to 288 Volts 30000 Watt Peak Pulse Power
TVS-15KPA SPSEMI-TVS-15KPA Datasheet
344Kb / 5P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 17 to 280 Volts 15000 Watt Peak Pulse Power
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com