Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI3493DDV Arkusz danych(PDF) 5 Page - Vishay Siliconix

Numer części SI3493DDV
Szczegółowy opis  P-Channel 20 V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3493DDV Arkusz danych(HTML) 5 Page - Vishay Siliconix

  SI3493DDV Datasheet HTML 1Page - Vishay Siliconix SI3493DDV Datasheet HTML 2Page - Vishay Siliconix SI3493DDV Datasheet HTML 3Page - Vishay Siliconix SI3493DDV Datasheet HTML 4Page - Vishay Siliconix SI3493DDV Datasheet HTML 5Page - Vishay Siliconix SI3493DDV Datasheet HTML 6Page - Vishay Siliconix SI3493DDV Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Si3493DDV
www.vishay.com
Vishay Siliconix
S16-2645-Rev. A, 26-Dec-16
5
Document Number: 74735
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Current Derating a
Power, Junction-to-Case
Power, Junction-to-Ambient
Note
a. The power dissipation PD is based on TJ max. = 150 °C, using junction-to-case thermal resistance, and is more useful in settling the upper
dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the
package limit.
10
100
1000
10000
0
3
6
9
12
025
50
75
100
125
150
Axis Title
T
C - Case Temperature (°C)
2nd line
10
100
1000
10000
0
0.9
1.8
2.7
3.6
4.5
025
50
75
100
125
150
Axis Title
T
C - Case Temperature (°C)
2nd line
10
100
1000
10000
0
0.3
0.6
0.9
1.2
1.5
025
50
75
100
125
150
Axis Title
T
A - Ambient Temperature (°C)
2nd line


Podobny numer części - SI3493DDV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI3493DDV VISHAY-SI3493DDV Datasheet
233Kb / 9P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI3493DDV-T1-GE3 VISHAY-SI3493DDV-T1-GE3 Datasheet
233Kb / 9P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI3493DDV VISHAY-SI3493DDV_V01 Datasheet
233Kb / 9P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

Podobny opis - SI3493DDV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com