Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ES1A Arkusz danych(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Numer części ES1A
Szczegółowy opis  Surface Mount Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BILIN [Galaxy Semi-Conductor Holdings Limited]
Strona internetowa  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

ES1A Arkusz danych(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  ES1A_15 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited ES1A_15 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited ES1A_15 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Production specification
Surface Mount Rectifiers
ES1A--ES1J
Document Number: SMA103AA
www.gmicroelec.com
1
FEATURES
Low cost
Low leakage
Low forward voltage drop
High current capability
Easily cleaned with Alcohol ,Isopropanol and similar solvents
The plastic material carries U/L recognition 94V-0
MECHANICAL DATA
Case: DO-214AC(SMA) molded plastic
Terminals: Solder able per MIL- STD-202,Method 208
Polarity: Color band denotes cathode
Weight: 0.002 ounces,0.064 grams
Mounting position: Any
Maximum Ratings(@TA = 25°C unless otherwise specified)
Characteristic
Symbol
ES1A
ES1B
ES1C
ES1D
ES1E
ES1G
ES1H
ES1J
UNITS
Device marking
ES1A
ES1B
ES1C
ES1D
ES1E
ES1G
ES1H
ES1J
Maximum recurrent peak reverse voltage
VRRM
50
100
150
200
300
400
500
600
V
Maximum RMS voltage
VRMS
35
70
105
140
210
280
350
420
V
Maximum DC blocking voltage
VDC
50
100
150
200
300
400
500
600
V
Maximum average forward rectified current
@TA=75℃
IF(AV)
1.0
A
Peak forward surge current
8.3ms single half-sine-wave
superimposed on rated load @TJ=125℃
IFSM
30
A
Thermal Characteristics
Characteristic
Symbol
ES1A
ES1B
ES1C
ES1D
ES1E
ES1G
ES1H
ES1J
UNITS
Typical junction capacitance
(Note2)
CJ
19
p F
Typical thermal resistance
RθJA
50
/W
Operating junction temperature range
TJ
- 55 ---- + 150
Storage temperature range
TSTG
- 55 ---- + 150
Electrical Characteristics (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
ES1A
ES1B
ES1C
ES1D
ES1E
ES1G
ES1H
ES1J
UNITS
Maximum instantaneous forward voltage at1.0 A
VF
0.98
1.25
1.70
V
Maximum
reverse
current
@TA=25℃
at rated DC blocking voltage @TA=125℃
IR
5.0
200
μA
Maximum Reverse Recovery Time (Note1)
trr
35
ns
NOTE: 1. Measured with IF=0.5A, IR=1A, Irr=0.25A
2. Measured at 1.0MHZ and applied reverse voltage of 4.0VDC
Pb
Lead-free


Podobny numer części - ES1A_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SHENZHEN YONGERJIA INDU...
ES1A WINNERJOIN-ES1A_15 Datasheet
158Kb / 1P
   SURFACE MOUNTED SUPER FAST RECTIFIER
logo
Rugao Dachang Electroni...
ES1A DACHANG-ES1A_15 Datasheet
122Kb / 2P
   Surface Mount Super Fast Recover Rectifiers
logo
GOOD-ARK Electronics
ES1A GOOD-ARK-ES1A_15 Datasheet
170Kb / 2P
   Super Fast Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
logo
Diotec Semiconductor
ES1A DIOTEC-ES1A_15 Datasheet
150Kb / 2P
   Superfast Efficient SMD Rectifier Diodes
More results

Podobny opis - ES1A_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
EIC discrete Semiconduc...
SN2A EIC-SN2A Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
SNWA EIC-SNWA Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Shenzhen Luguang Electr...
GL41A LUGUANG-GL41A Datasheet
300Kb / 2P
   Surface Mount Rectifiers
US3AB LUGUANG-US3AB Datasheet
173Kb / 2P
   Surface Mount Rectifiers
MURS140 LUGUANG-MURS140 Datasheet
172Kb / 2P
   Surface Mount Rectifiers
MURS340 LUGUANG-MURS340 Datasheet
174Kb / 2P
   Surface Mount Rectifiers
MURS405 LUGUANG-MURS405 Datasheet
176Kb / 2P
   Surface Mount Rectifiers
logo
MAKO SEMICONDUCTOR CO.,...
1N4007-M7 MAKOSEMI-1N4007-M7 Datasheet
266Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Diode Semiconductor Kor...
US1AB DSK-US1AB Datasheet
86Kb / 2P
   SURFACE MOUNT RECTIFIERS
RS5AC DSK-RS5AC Datasheet
146Kb / 2P
   SURFACE MOUNT RECTIFIERS
US3AB DSK-US3AB Datasheet
108Kb / 2P
   SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com