Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPL752600JBFNMXXHC-PF Arkusz danych(PDF) 3 Page - Advanced Crystal Technology

Numer części TPL752600JBFNMXXHC-PF
Szczegółowy opis  TCXO/VC-TCXO, 7.0 x 5.0mm, LVPECL output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ACT [Advanced Crystal Technology]
Strona internetowa  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

TPL752600JBFNMXXHC-PF Arkusz danych(HTML) 3 Page - Advanced Crystal Technology

  TPL752600JBFNMXXHC-PF Datasheet HTML 1Page - Advanced Crystal Technology TPL752600JBFNMXXHC-PF Datasheet HTML 2Page - Advanced Crystal Technology TPL752600JBFNMXXHC-PF Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
(V)TPL75 Series
TCXO/VC-TCXO, 7.0 x 5.0mm, LVPECL output
Advanced Crystal Technology (A wholly owned Acal BFi Company)
Tel: +44 (0) 118 978 8878 Email info@actcrystals.com / www.actcrystals.com
ISO9001 Registered
Specifications subject to change without notification
Solder reflow profile
Test circuit
Test waveform
Temp.( °C)
Time (sec.)
180 ± 10°C
90~120 sec. max
0.45 in
260 ± 5°C
10 sec. max
300
250
200
150
100
50
0
220 ± 10°C
30~40 sec. max
Vcc - 2V
50
Vcc - 2V
50
127
82.5
127
82.5
Tr
Tf
T
t
80%
50%
20%
Vol
Voh
Duty cycle = (t/T) x 100%
Drawing control: (Internal use only)
Commodity code: 854370 90 99
Issue number : 1
Date : 25042016
Internal reference : M6


Podobny numer części - TPL752600JBFNMXXHC-PF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPL7407L TI1-TPL7407L Datasheet
919Kb / 23P
[Old version datasheet]   TPL7407L 40-V 7-Channel Low Side Driver
TPL7407LA TI1-TPL7407LA Datasheet
998Kb / 22P
[Old version datasheet]   30-V 7-Channel Low Side Driver
TPL7407LA TI1-TPL7407LA Datasheet
1Mb / 25P
[Old version datasheet]   30-V 7-Channel Low Side Driver
TPL7407LA TI1-TPL7407LA Datasheet
478Kb / 21P
[Old version datasheet]   30-V 7-Channel Low Side Driver
TPL7407LA-Q1 TI1-TPL7407LA-Q1 Datasheet
478Kb / 21P
[Old version datasheet]   30-V 7-Channel Low Side Driver
More results

Podobny opis - TPL752600JBFNMXXHC-PF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advanced Crystal Techno...
TDLV75 ACT-TDLV75 Datasheet
866Kb / 3P
   TCXO/VC‐TCXO, 7.0 x 5.0mm, LVDS output
25042016
TCT75-4 ACT-TCT75-4_17 Datasheet
240Kb / 3P
   TCXO/VC‐TCXO, 7.0 x 5.0mm, HCMOS/TTL
01/02/2017
TFCT75 ACT-TFCT75 Datasheet
768Kb / 3P
   TCXO/VC-TCXO, 7.0 x 5.0mm, HCMOS, Programmable
25042016
TCT75-4 ACT-TCT75-4 Datasheet
766Kb / 3P
   TCXO/VC-TCXO 7.0 x 5.0mm, HCMOS/TTL
25042016
VTCT75-4 ACT-VTCT75-4 Datasheet
240Kb / 3P
   TCXO/VC‐TCXO, 7.0 x 5.0mm, HCMOS/TTL
TCSW75LC ACT-TCSW75LC Datasheet
780Kb / 3P
   TCXO/VC-TCXO, 7.0 x 5.0mm, Clipped sine wave
11042016
TCSW75 ACT-TCSW75 Datasheet
781Kb / 3P
   TCXO/VC-TCXO, 7.0 x 5.0mm, Clipped sine wave
11042016
logo
Epson Company
TG-5031CJ EPSON-TG-5031CJ Datasheet
374Kb / 2P
   TCXO/VC-TCXO
logo
Kyocera Kinseki Corpota...
TCXO-204C2 KSS-TCXO-204C2 Datasheet
127Kb / 1P
   TCXO, VC-TCXO
TCXO-205CA KSS-TCXO-205CA Datasheet
127Kb / 1P
   TCXO, VC-TCXO
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com