Zakładka z wyszukiwarką danych komponentów |
|
TIP35AG Arkusz danych(PDF) 1 Page - ON Semiconductor |
|
TIP35AG Arkusz danych(HTML) 1 Page - ON Semiconductor |
1 / 8 page © Semiconductor Components Industries, LLC, 2012 May, 2012 − Rev. 6 1 Publication Order Number: TIP35/D TIP35A, TIP35B, TIP35C (NPN); TIP36A, TIP36B, TIP36C (PNP) Complementary Silicon High-Power Transistors Designed for general−purpose power amplifier and switching applications. Features • 25 A Collector Current • Low Leakage Current − ICEO = 1.0 mA @ 30 and 60 V • Excellent DC Gain − hFE = 40 Typ @ 15 A • High Current Gain Bandwidth Product − ⎪hfe⎪ = 3.0 min @ IC = 1.0 A, f = 1.0 MHz • These are Pb−Free Devices* MAXIMUM RATINGS Rating Symbol TIP35A TIP36A TIP35B TIP36B TIP35C TIP36C Unit Collector − Emitter Voltage VCEO 60 80 100 Vdc Collector − Base Voltage VCB 60 80 100 Vdc Emitter − Base Voltage VEB 5.0 Vdc Collector Current − Continuous − Peak (Note 1) IC 25 40 Adc Base Current − Continuous IB 5.0 Adc Total Power Dissipation @ TC = 25_C Derate above 25_C PD 125 W W/_C Operating and Storage Junction Temperature Range TJ, Tstg −65 to +150 _C Unclamped Inductive Load ESB 90 mJ THERMAL CHARACTERISTICS Characteristic Symbol Max Unit Thermal Resistance, Junction−to−Case RqJC 1.0 °C/W Junction−To−Free−Air Thermal Resistance RqJA 35.7 °C/W Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 1. Pulse Test: Pulse Width = 10 ms, Duty Cycle v 10%. *For additional information on our Pb−Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D. 25 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60−100 VOLTS, 125 WATTS See detailed ordering and shipping information in the package dimensions section on page 2 of this data sheet. ORDERING INFORMATION http://onsemi.com SOT−93 (TO−218) CASE 340D STYLE 1 TO−247 CASE 340L STYLE 3 NOTE: Effective June 2012 this device will be available only in the TO−247 package. Reference FPCN# 16827. |
Podobny numer części - TIP35AG |
|
Podobny opis - TIP35AG |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |