Zakładka z wyszukiwarką danych komponentów |
|
TIP36AG Arkusz danych(PDF) 5 Page - ON Semiconductor |
|
TIP36AG Arkusz danych(HTML) 5 Page - ON Semiconductor |
5 / 8 page TIP35A, TIP35B, TIP35C (NPN); TIP36A, TIP36B, TIP36C (PNP) http://onsemi.com 5 0.5 1.0 2.0 7.0 0.3 3.0 5.0 0.7 IC, COLLECTOR CURRENT (AMPERES) Figure 4. Turn−Off Time 10 7.0 5.0 3.0 2.0 1.0 0.7 0.5 0.3 0.2 0.1 10 20 30 TJ = 25°C VCC = 30 V IC/IB = 10 IB1 = IB2 ts tf (PNP) (NPN) ts tf IC, COLLECTOR CURRENT (AMPS) Figure 5. DC Current Gain 200 500 0.2 0.5 2.0 100 0.1 100 50 20 10 1.0 VCE = 4.0 V TJ = 25°C 5.0 10 20 5.0 50 PNP NPN 1000 2.0 1.0 FORWARD BIAS There are two limitations on the power handling ability of a transistor: average junction temperature and second breakdown. Safe operating area curves indicate IC − VCE limits of the transistor that must be observed for reliable operation; i.e., the transistor must not be subjected to greater dissipation than the curves indicate. The data of Figure 6 is based on TC = 25_C; TJ(pk) is variable depending on power level. Second breakdown pulse limits are valid for duty cycles to 10% but must be derated when TC w 25_C. Second breakdown limitations do not derate the same as thermal limitations. REVERSE BIAS For inductive loads, high voltage and high current must be sustained simultaneously during turn−off, in most cases, with the base to emitter junction reverse biased. Under these conditions the collector voltage must be held to a safe level at or below a specific value of collector current. This can be accomplished by several means such as active clamping, RC snubbing, load line shaping, etc. The safe level for these devices is specified as Reverse Bias Safe Operating Area and represents the voltage−current conditions during reverse biased turn−off. This rating is verified under clamped conditions so that the device is never subjected to an avalanche mode. Figure 7 gives RBSOA characteristics. VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS) 7.0 20 1.0 50 100 0.2 0 0.5 SECONDARY BREAKDOWN THERMAL LIMIT BONDING WIRE LIMIT 1.0ms dc 300 ms 2.0 1.0 100 30 10ms Figure 6. Maximum Rated Forward Bias Safe Operating Area 50 20 10 5.0 0.3 2.0 3.0 5.0 10 30 70 TC = 25°C TIP35A, 36A TIP35B, 36B TIP35C, 36C VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS) 40 60 0 80 100 5.0 0 15 20 40 30 Figure 7. Maximum Rated Forward Bias Safe Operating Area 25 10 10 20 30 50 70 90 TJ ≤ 100°C TIP35A TIP36A TIP35B TIP36B TIP35C TIP36C |
Podobny numer części - TIP36AG |
|
Podobny opis - TIP36AG |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |