Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ES2JFA Arkusz danych(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Numer części ES2JFA
Szczegółowy opis  Surface Mount Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BILIN [Galaxy Semi-Conductor Holdings Limited]
Strona internetowa  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

ES2JFA Arkusz danych(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  ES2JFA Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited ES2JFA Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited ES2JFA Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Production specification
Surface Mount Rectifiers
ES2AFA--ES2JFA
Document Number: AFL103AA
www.gmicroelec.com
1
FEATURES
Low cost
Low leakage
Low forward voltage drop
High current capability
Easily cleaned with Alcohol, Isopropanol and similar solvents
The plastic material carries U/L recognition 94V-0
MECHANICAL DATA
Case: SMAFL molded plastic
Terminals: Solder able per MIL- STD-202,Method 208
Polarity: Color band denotes cathode
Mounting position: Any
Maximum Ratings(@TA = 25°C unless otherwise specified)
Characteristic
Symbol
ES2AFA
ES2BFA
ES2CFA
ES2DFA
ES2GFA
ES2HFA
ES2JFA
UNITS
Marking code
E2A
E2B
E2C
E2D
E2G
E2H
E2J
Maximum recurrent peak reverse voltage
VRRM
50
100
150
200
400
500
600
V
Maximum RMS voltage
VRMS
35
70
105
140
280
350
420
V
Maximum DC blocking voltage
VDC
50
100
150
200
400
500
600
V
Maximum average forward rectified
current @TA=110℃
IF(AV)
2.0
A
Peak forward surge current
8.3ms single half-sine-wave
superimposed on rated load @TJ=125℃
IFSM
50
A
Thermal Characteristics
Characteristic
Symbol
ES2AFA
ES2BFA
ES2CFA
ES2DFA
ES2GFA
ES2HFA
ES2JFA
UNITS
Operating junction temperature range
TJ
- 55 ---- + 150
Storage temperature range
TSTG
- 55 ---- + 150
Electrical Characteristics (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
ES2AFA
ES2BFA
ES2CFA
ES2DFA
ES2GFA
ES2HFA
ES2JFA
UNITS
Maximum instantaneous forward voltage
@2.0 A
VF
0.95
1.25
1.7
V
Maximum reverse current
@TA=25℃
at rated DC blocking voltage @TA=125℃
IR
10.0
350
μ A
Maximum Reverse Recovery Time (Note1)
trr
35
ns
NOTE: 1. Measured with IF=0.5A, IR=1A, Irr=0.25A.
Pb
Lead-free


Podobny numer części - ES2JFA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
ES2JF ETC2-ES2JF Datasheet
953Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Shenzhen Yixinwei Techn...
ES2JF YIXIN-ES2JF Datasheet
131Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Microdiode Electronics ...
ES2JF CHENDA-ES2JF Datasheet
1Mb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
GUANGDONG HOTTECH INDUS...
ES2JF HOTTECH-ES2JF Datasheet
167Kb / 3P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
ES2JF YFWDIODE-ES2JF Datasheet
137Kb / 3P
   Surface Mount Superfast Recovery Rectifier
More results

Podobny opis - ES2JFA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
EIC discrete Semiconduc...
SN2A EIC-SN2A Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
SNWA EIC-SNWA Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Shenzhen Luguang Electr...
GL41A LUGUANG-GL41A Datasheet
300Kb / 2P
   Surface Mount Rectifiers
US3AB LUGUANG-US3AB Datasheet
173Kb / 2P
   Surface Mount Rectifiers
MURS140 LUGUANG-MURS140 Datasheet
172Kb / 2P
   Surface Mount Rectifiers
MURS340 LUGUANG-MURS340 Datasheet
174Kb / 2P
   Surface Mount Rectifiers
MURS405 LUGUANG-MURS405 Datasheet
176Kb / 2P
   Surface Mount Rectifiers
logo
MAKO SEMICONDUCTOR CO.,...
1N4007-M7 MAKOSEMI-1N4007-M7 Datasheet
266Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Diode Semiconductor Kor...
US1AB DSK-US1AB Datasheet
86Kb / 2P
   SURFACE MOUNT RECTIFIERS
RS5AC DSK-RS5AC Datasheet
146Kb / 2P
   SURFACE MOUNT RECTIFIERS
US3AB DSK-US3AB Datasheet
108Kb / 2P
   SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com