Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1605 Arkusz danych(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Numer części ADS1605
Szczegółowy opis  16 BIT 5MSPS ANALOG TO DIGITAL CONVERTER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BURR-BROWN [Burr-Brown (TI)]
Strona internetowa  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS1605 Arkusz danych(HTML) 10 Page - Burr-Brown (TI)

Back Button ADS1605 Datasheet HTML 6Page - Burr-Brown (TI) ADS1605 Datasheet HTML 7Page - Burr-Brown (TI) ADS1605 Datasheet HTML 8Page - Burr-Brown (TI) ADS1605 Datasheet HTML 9Page - Burr-Brown (TI) ADS1605 Datasheet HTML 10Page - Burr-Brown (TI) ADS1605 Datasheet HTML 11Page - Burr-Brown (TI) ADS1605 Datasheet HTML 12Page - Burr-Brown (TI) ADS1605 Datasheet HTML 13Page - Burr-Brown (TI) ADS1605 Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
ADS1605
ADS1606
SBAS274E − MARCH 2003 − REVISED JUNE 2004
www.ti.com
10
CLK
DRDY
DOUT[15:0]
D1
D2
DL(2)
t
2
t
2
t
16
t
17
t
21
t
15
t
20
t
18
t
19
t
1
t
13
t
14
CS(1)
RD
(1) CS may be tied low.
(2) The number of data readings (DL) is set by the FIFO level.
Figure 4. Data Retrieval Timing (ADS1606 with FIFO Enabled)
RD, CS
DOUT[15:0]
t
8
t
7
Figure 5. DOUT Inactive/Active Timing (ADS1606 with FIFO Enabled)
TIMING REQUIREMENTS FOR FIGURE 4 AND FIGURE 5
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNIT
t1
CLK period (1/fCLK)
20
25
1000
ns
t2
CLK pulse width, high or low
10
ns
t7
Rising edge of RD and/or CS inactive (high) to DOUT high impedance
7
15
ns
t8
Falling edge of RD and/or CS active (low) to DOUT active.
7
15
ns
t13
Rising edge of CLK to DRDY high
12
ns
t14
DRDY period
8
× FIFO Level(1)
CLK
Cycles
t15
DRDY positive pulse width
1
CLK
Cycles
t16
RD high hold time after DRDY goes low
0
ns
t17
CS low before RD goes low
0
ns
t18
RD negative pulse width
10
ns
t19
RD positive pulse width
10
ns
t20
RD high before DRDY toggles
2
CLK
Cycles
t21
RD high before CS goes high
0
ns
NOTE: DOUT[15:0] and DRDY load = 10pF.
(1) See FIFO section for more details.


Podobny numer części - ADS1605

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1605 TI-ADS1605 Datasheet
846Kb / 37P
[Old version datasheet]   18-Bit, 1.25MSPS Analog-to-Digital Converter
ADS1605IPAPR TI-ADS1605IPAPR Datasheet
1Mb / 38P
[Old version datasheet]   16-Bit, 5MSPS Analog-to-Digital Converter
ADS1605IPAPRG4 TI-ADS1605IPAPRG4 Datasheet
1Mb / 38P
[Old version datasheet]   16-Bit, 5MSPS Analog-to-Digital Converter
ADS1605IPAPT TI-ADS1605IPAPT Datasheet
1Mb / 38P
[Old version datasheet]   16-Bit, 5MSPS Analog-to-Digital Converter
ADS1605IPAPTG4 TI-ADS1605IPAPTG4 Datasheet
1Mb / 38P
[Old version datasheet]   16-Bit, 5MSPS Analog-to-Digital Converter
More results

Podobny opis - ADS1605

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1606IPAPT TI-ADS1606IPAPT Datasheet
1Mb / 38P
[Old version datasheet]   16-Bit, 5MSPS Analog-to-Digital Converter
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
5962-8953102HXC DATEL-5962-8953102HXC Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
SHENZHEN FUMAN ELECTRON...
SC8211 FUMAN-SC8211 Datasheet
592Kb / 9P
   16 Bit Digital to Analog Converter
logo
Burr-Brown (TI)
ADC76 BURR-BROWN-ADC76 Datasheet
113Kb / 8P
   16-Bit ANALOG-TO-DIGITAL CONVERTER
logo
DATEL, Inc.
5962-8953102HXA DATEL-5962-8953102HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
Princeton Technology Co...
PT8211 PTC-PT8211_10 Datasheet
290Kb / 13P
   16 Bit Digital to Analog Converter
logo
DATEL, Inc.
5962-8953101HXC DATEL-5962-8953101HXC Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
Princeton Technology Co...
PT8211L PTC-PT8211L Datasheet
124Kb / 4P
   16 Bit Digital to Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com