Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SL33A Arkusz danych(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Numer części SL33A
Szczegółowy opis  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BILIN [Galaxy Semi-Conductor Holdings Limited]
Strona internetowa  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SL33A Arkusz danych(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  SL33A Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SL33A Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Production specification
SURFACE MOUNT SCHOTTKY
BARRIER RECTIFIERS
SL32A--SL310A
Document Number: SMA410AA
www.gmicroelec.com
1
FEATURES
Low leakage
Low forward voltage drop
High current capability
For surface mounted applications
Easily cleaned with Alcohol, Isopropnol and similar solvents
MECHANICAL DATA
Case: SMA molded plastic body
Terminals: Solder plated, solderable per MIL- STD-202,Method 208
Polarity: Color band denotes cathode end
Maximum Ratings (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
SL32A
SL33A
SL34A
SL345A
SL35A
SL36A
SL38A
SL39A
SL310A
UNITS
Maximum repetitive peak reverse voltage
VRRM
20
30
40
45
50
60
80
90
100
V
Maximum RMS voltage
VRWS
14
21
28
31.5
35
42
56
63
70
V
Maximum DC blocking voltage
VDC
20
30
40
45
50
60
80
90
100
V
Maximum average forward rectified current
at TL=90℃
IF(AV)
3.0
A
Peak forward surge current
8.3ms single half-sine-wave
IFSM
100
A
Thermal Characteristics
Characteristic
Symbol
SL32A
SL33A
SL34A
SL345A
SL35A
SL36A
SL38A
SL39A
SL310A
UNITS
Operating temperature range
TJ
-55 ---- +125
-55 ---- +150
Storage temperature range
TSTG
-55 ---- +150
Electrical Characteristics (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
SL32A
SL33A
SL34A
SL345A
SL35A
SL36A
SL38A
SL39A
SL310A
UNITS
Maximum instantaneous forward voltage
at IFM=3.0A
VF
0.45
0.58
0.63
V
Maximum DC reverse current TJ=25 ℃
at rated DC blocking voltage TJ=125℃
IR
0.5
20
m A
Pb
Lead-free


Podobny numer części - SL33A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Weitron Technology
SL33A WEITRON-SL33A Datasheet
189Kb / 3P
   Low VF Surface Mount Schottky Barrier Rectifiers
logo
GOOD-ARK Electronics
SL33A GOOD-ARK-SL33A Datasheet
200Kb / 3P
   Surface Mount Schottky Barrier Rectifier
logo
Frontier Electronics.
SL33A FRONTIER-SL33A Datasheet
458Kb / 2P
   3A LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIERS
logo
Microdiode Electronics ...
SL33A CHENDA-SL33A Datasheet
242Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Galaxy Semi-Conductor H...
SL33A BILIN-SL33A Datasheet
552Kb / 4P
   Schottky Barrier Rectifiers
More results

Podobny opis - SL33A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SKO2 EIC-SKO2 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SD320YS PANJIT-SD320YS_09 Datasheet
89Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD820T PANJIT-SD820T_09 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B120L WEITRON-B120L Datasheet
100Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P2L VISHAY-MSS1P2L_11 Datasheet
91Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS1P3 VISHAY-MSS1P3_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS2P2 VISHAY-MSS2P2_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
logo
Weitron Technology
B520B WEITRON-B520B_09 Datasheet
603Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 04-Aug-08
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com