Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SS12FA Arkusz danych(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Numer części SS12FA
Szczegółowy opis  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BILIN [Galaxy Semi-Conductor Holdings Limited]
Strona internetowa  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SS12FA Arkusz danych(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  SS12FA Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SS12FA Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SS12FA Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Production specification
SURFACE MOUNT SCHOTTKY
BARRIER RECTIFIERS
SS12FA--SS110FA
Document Number: AFL402AA
www.gmicroelec.com
1
FEATURES
Schottky barrier rectifier
Guarding protection
Low forward voltage
Reverse energy tested
High current capability
Extremely low thermal resistance
MECHANICAL DATA
Case: SMAFL molded plastic body
Polarity: Color band denotes cathode end
Mounting position: ANY
Maximum Ratings (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
SS12FA
SS13FA
SS14FA
SS15FA
SS16FA
SS18FA
SS19FA
SS110FA
UNITS
Device marking code
S12
S13
S14
S15
S16
S18
S19
S1AF
Maximum repetitive peak reverse voltage
VRRM
20
30
40
50
60
80
90
100
V
Maximum RMS voltage
VRWS
14
21
28
35
42
56
63
70
V
Maximum DC blocking voltage
VDC
20
30
40
50
60
80
90
100
V
Maximum
average
forward
rectified
current at TL=90℃
IF(AV)
1.0
A
Peak forward surge current
8.3ms single half-sine-wave
IFSM
35
A
Thermal Characteristics
Characteristic
Symbol
SS12FA
SS13FA
SS14FA
SS15FA
SS16FA
SS18FA
SS19FA
SS110FA
UNITS
Operating temperature range
TJ
-55 ---- +125
-55 ---- +150
Storage temperature range
TSTG
--55 ---- +150
Electrical Characteristics (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
SS12FA
SS13FA
SS14FA
SS15FA
SS16FA
SS18FA
SS19FA
SS110FA
UNITS
Maximum instantaneous forward voltage
at IFM=1.0A
VF
0.50
0.75
0.85
V
Maximum DC reverse current TJ=25℃
at rated DC blocking voltage TJ=125℃
IR
0.2
0.5
m A
6.0
5.0
Pb
Lead-free


Podobny numer części - SS12FA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SS12F DGNJDZ-SS12F Datasheet
341Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
List of Unclassifed Man...
SS12F ETC2-SS12F Datasheet
526Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Nantong Hornby Electron...
SS12F HORNBY-SS12F Datasheet
242Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Electronics ...
SS12F CHENDA-SS12F Datasheet
629Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Podobny opis - SS12FA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SKO2 EIC-SKO2 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SD320YS PANJIT-SD320YS_09 Datasheet
89Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD820T PANJIT-SD820T_09 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B120L WEITRON-B120L Datasheet
100Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P2L VISHAY-MSS1P2L_11 Datasheet
91Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS1P3 VISHAY-MSS1P3_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS2P2 VISHAY-MSS2P2_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
logo
Weitron Technology
B520B WEITRON-B520B_09 Datasheet
603Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 04-Aug-08
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com