Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS8402I Arkusz danych(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Numer części ADS8402I
Szczegółowy opis  16-BIT, 1.25 MSPS, UNIPOLAR DIFFERENTIAL INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BURR-BROWN [Burr-Brown (TI)]
Strona internetowa  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS8402I Arkusz danych(HTML) 2 Page - Burr-Brown (TI)

  ADS8402I Datasheet HTML 1Page - Burr-Brown (TI) ADS8402I Datasheet HTML 2Page - Burr-Brown (TI) ADS8402I Datasheet HTML 3Page - Burr-Brown (TI) ADS8402I Datasheet HTML 4Page - Burr-Brown (TI) ADS8402I Datasheet HTML 5Page - Burr-Brown (TI) ADS8402I Datasheet HTML 6Page - Burr-Brown (TI) ADS8402I Datasheet HTML 7Page - Burr-Brown (TI) ADS8402I Datasheet HTML 8Page - Burr-Brown (TI) ADS8402I Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
ADS8402
SLAS154B – DECEMBER 2002 – REVISED MAY 2003
www.ti.com
2
Thesedevices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during
storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
MODEL
MAXIMUM
INTEGRAL
LINEARITY
(LSB)
MAXIMUM
DIFFERENTIAL
LINEARITY
(LSB)
NO
MISSING
CODES
RESOLU-
TION (BIT)
PACKAGE
TYPE
PACKAGE
DESIGNATOR
TEMPER-
ATURE
RANGE
ORDERING
INFORMATION
TRANS-
PORT
MEDIA
QUANTITY
ADS8402I
±6
23
15
48 Pin
PFB
–40
°C to
ADS8402IPFBT
Tape and
reel 250
ADS8402I
±6
–2~+3
15
48 Pin
TQFP
PFB
–40 C to
85
°C
ADS8402IPFBR
Tape and
reel 1000
ADS8402IB
±35
12
16
48 Pin
PFB
–40
°C to
ADS8402IBPFBT
Tape and
reel 250
ADS8402IB
±3.5
–1~+2
16
48 Pin
TQFP
PFB
–40 C to
85
°C
ADS8402IBPFBR
Tape and
reel 1000
NOTE: For the most current specifications and package information, refer to our website at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
UNIT
Voltage
+IN to AGND
+VA + 0.1 V
Voltage
–IN to AGND
+VA + 0.1 V
+VA to AGND
–0.3 V to 7 V
Voltage range
+VBD to BDGND
–0.3 V to 7 V
Voltage range
+VA to +VBD
–0.3 V to 2.5 V
Digital input voltage to BDGND
–0.3 V to +VBD + 0.3 V
Digital output voltage to BDGND
–0.3 V to +VBD + 0.3 V
Operating free-air temperature range, TA
–40
°C to 85°C
Storage temperature range, Tstg
–65
°C to 150°C
Junction temperature (TJ max)
150
°C
TQFP package
Power dissipation
(TJMax – TA)/θJA
TQFP package
θJA thermal impedance
86
°C/W
Lead temperature soldering
Vapor phase (60 sec)
215
°C
Lead temperature, soldering
Infrared (15 sec)
220
°C
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied.Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.


Podobny numer części - ADS8402I

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8402IBPFBT TI1-ADS8402IBPFBT Datasheet
249Kb / 27P
[Old version datasheet]   16-BIT, 1.25 MSPS, UNIPOLAR DIFFERENTIAL INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8402IBPFBTG4 TI1-ADS8402IBPFBTG4 Datasheet
249Kb / 27P
[Old version datasheet]   16-BIT, 1.25 MSPS, UNIPOLAR DIFFERENTIAL INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8402IPFBT TI1-ADS8402IPFBT Datasheet
249Kb / 27P
[Old version datasheet]   16-BIT, 1.25 MSPS, UNIPOLAR DIFFERENTIAL INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8402IPFBTG4 TI1-ADS8402IPFBTG4 Datasheet
249Kb / 27P
[Old version datasheet]   16-BIT, 1.25 MSPS, UNIPOLAR DIFFERENTIAL INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
More results

Podobny opis - ADS8402I

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8402 TI1-ADS8402 Datasheet
249Kb / 27P
[Old version datasheet]   16-BIT, 1.25 MSPS, UNIPOLAR DIFFERENTIAL INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Burr-Brown (TI)
ADS8401 BURR-BROWN-ADS8401 Datasheet
238Kb / 10P
   16-BIT, 1.25 MSPS, UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG-TODIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8411 BURR-BROWN-ADS8411 Datasheet
778Kb / 23P
   16-BIT, 2 MSPS, UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8411 BURR-BROWN-ADS8411 Datasheet
778Kb / 23P
   16-BIT, 2 MSPS, UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Texas Instruments
ADS8405IPFBT TI-ADS8405IPFBT Datasheet
1Mb / 29P
[Old version datasheet]   16-BIT, 1.25-MSPS, UNIPOLAR PSEUDO DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
logo
Burr-Brown (TI)
ADS8412 BURR-BROWN-ADS8412 Datasheet
736Kb / 26P
   16-BIT, 2 MSPS, UNIPOLAR DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8406 BURR-BROWN-ADS8406 Datasheet
536Kb / 25P
   16-BIT, 1.25 MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
ADS8481 BURR-BROWN-ADS8481 Datasheet
921Kb / 31P
   18-BIT, 1-MSPS, PSEUDO-DIFFERENTIAL UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8471 BURR-BROWN-ADS8471 Datasheet
1Mb / 31P
   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Texas Instruments
ADS8471 TI1-ADS8471_15 Datasheet
1Mb / 31P
[Old version datasheet]   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com