Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADNS-6000 Arkusz danych(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Numer części ADNS-6000
Szczegółowy opis  Optical Mouse Designer?셲 Kit
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Strona internetowa  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNS-6000 Arkusz danych(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ADNS-6000 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ADNS-6000 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ADNS-6000 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ADNS-6000 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ADNS-6000 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ADNS-6000 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ADNS-6000 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ADNS-6000 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ADNS-6000 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Kit Component Summary
Below is the summary of the components contained in
the ADNK-6003-SP01 Designer’s Kit.
Sensor
The sensor technical information is contained in the
ADNS-6000 Data Sheet.
Lens
The lens technical information is contained in the ADNS-
6120 Data Sheet. The flange on the standard ADNS-6120
lens is for ESD protection.
LASER Assembly Clip
The information on the assembly clip is contained in the
ADNS-6230-001 Data Sheet.
LASER
The LASER technical information is contained in the
ADNV-6340 Data Sheet and Application Note AN-5088.
Additional application notes regarding Eye Safety Re-
quirements are also available at Avago Technologies
website.
Base Plate Feature – IGES File
The IGES file on the CD-ROM provides recommended
base plate molding features to ensure optical alignment.
This includes PCB assembly diagrams like solder fixture in
assembly and exploded view, as well as solder plate. See
Appendix D for details.
Reference Design Documentation – Gerber File
The Gerber File presents detailed schematics used in
ADNK-6003-SP01 in PCB layout form. See Appendix C for
more details.
Overall circuit
A schematic of the overall circuit is shown in Appendix A
of this document. Appendix B lists the bill of materials.
LASER Power Adjustment Procedure
1. The ambient temperature should be 25 ° C ± 5 ° C.
2. Set VDD3 to its permanent value.
3. Ensure that the laser drive is at 100% duty cycle by
setting bit 6 of register 0x0A to 0.
4. Program the LP_CFG0 and LP_CFG1 registers to
achieve an output power as close to 506uW as
possible without exceeding it.
Good engineering practices should be used to guarantee
performance, reliability and safety for the product design.
LASER Output Power
The laser beam output power as measured at the naviga-
tion surface plane is specified below. The following condi-
tions apply:
1. The system is adjusted according to the above
procedure.
2. The system is operated within the recommended
operating temperature range.
3. The VDD3 value is no greater than 50mV above its
value at the time of adjustment.
4. No allowance for optical power meter accuracy is
assumed.


Podobny numer części - ADNS-6000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-6000 AVAGO-ADNS-6000 Datasheet
928Kb / 41P
   Laser Mouse Sensor
logo
Broadcom Corporation.
ADNS-6000 BOARDCOM-ADNS-6000 Datasheet
65Kb / 1P
   Sample Kit
ADNS-6000 BOARDCOM-ADNS-6000 Datasheet
305Kb / 24P
   Design Guide
ADNS-6000 BOARDCOM-ADNS-6000 Datasheet
305Kb / 16P
   Optical Mouse Designer?셲 Kit
More results

Podobny opis - ADNS-6000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-5023-CY02 AVAGO-ADNK-5023-CY02 Datasheet
123Kb / 3P
   Optical Mouse Designer?셲 Kit
logo
Broadcom Corporation.
ADNK-5023-CY02 BOARDCOM-ADNK-5023-CY02 Datasheet
112Kb / 3P
   Optical Mouse Designer?셲 Kit
ADNK-6003-SP01 BOARDCOM-ADNK-6003-SP01 Datasheet
305Kb / 16P
   Optical Mouse Designer?셲 Kit
ADNK-2133 BOARDCOM-ADNK-2133 Datasheet
402Kb / 7P
   Optical Mouse Designer?셲 Kit
ADNK-2623 BOARDCOM-ADNK-2623 Datasheet
189Kb / 3P
   Optical Mouse Designer?셲 Kit
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-3533-TN24 AVAGO-ADNK-3533-TN24 Datasheet
761Kb / 17P
   Optical Mouse Designer?셲 Kit
ADNK-2623 AVAGO-ADNK-2623 Datasheet
189Kb / 3P
   Optical Mouse Designer?셲 Kit
logo
Broadcom Corporation.
ADNK-3043-TI27 BOARDCOM-ADNK-3043-TI27 Datasheet
620Kb / 14P
   Wireless USB Optical Mouse Designer?셲 Kit
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-3043-TI27 AVAGO-ADNK-3043-TI27 Datasheet
620Kb / 14P
   Wireless USB Optical Mouse Designer?셲 Kit
ADNK-6033-CC24 AVAGO-ADNK-6033-CC24 Datasheet
271Kb / 8P
   USB 2.4GHz RF Wireless Laser Mouse Designer?셲 Kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com