Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADNS-6230-001 Arkusz danych(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Numer części ADNS-6230-001
Szczegółowy opis  Optical Mouse Designer?셲 Kit
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Strona internetowa  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNS-6230-001 Arkusz danych(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  ADNS-6230-001 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ADNS-6230-001 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ADNS-6230-001 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ADNS-6230-001 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ADNS-6230-001 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ADNS-6230-001 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ADNS-6230-001 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ADNS-6230-001 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ADNS-6230-001 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
Figure 2. Optics Quadrature Signal Generation
Optical Sensor
Avago Technologies ADNS-6000 optical sensor is used in
this reference design as the primary navigation engine.
This Optical Navigation Technology contains an Image Ac-
quisition System, a Digital Signal Processor, a two channel
quadrature output, and a four-wire serial port. The
Sunplus SPCP825A periodically reads the ADNS-6000’s
Delta_X and Delta_Y registers to obtain any horizontal
and vertical motion information happening as a result of
the mouse being moved. The output of the ADNS-6000
optical sensor is 4-wire serial port.
This motion information will be reported to the PC to
update the position of the cursor. The advantages of using
ADNS-6000 optical sensor are the best tracking accuracy,
flexibility of programming the optical sensor via the SPI
port, and the automatic frame rate feature (1000fps to
6400fps). Besides, ADNS-6000 optical sensor performs
excellent tracking on difficult surfaces which convention-
al Led based technology is unable to track such as glossy
and smooth surfaces. In addition, Burst mode is another
special serial port operation mode that may be used to
reduce the serial transaction time for three predefined
operations: motion read and SROM download and frame
capture. The speed improvement is achieved by continu-
ous data clocking to or from multiple registers.
Motion Read is activated by reading the Motion_Burst
register. The ADNS-6000 will respond with the contents
of the Motion, Delta_X, Delta_Y, SQUAL, Shutter_Upper,
Shutter_Lower and Maximum_Pixel registers in that
order. SROM download uses Burst Mode to load the
Avago Technologies-supplied firmware file contents into
the ADNS-6000. The firmware file is an ASCII text file with
each 2-character byte on a single line. Frame Capture is
a fast way to download a full array of pixel values from a
single frame.
To learn more about sensor’s technical information, please
visit the Avago Technologies web site at http://www.
avagotech.com
Mouse Optics
The motion of Z-wheel is detected using the traditional
method by decoding the quadrature signal generated by
optical sensors. Two phototransistors are connected in
a source-follower configuration. An infrared LED shines,
causing the phototransistors to turn on. In between the
phototransistors and LED is a pinwheel that turns on the
mouse ball rollers. The fan of this pinwheel is mechanical-
ly designed to block the infrared light such that the pho-
totransistors are turned on and off in a quadrature output
pattern. Every change in the phototransistor outputs rep-
resents a count of mouse movement. Comparing the last
state of the optics to the current state derives direction
information. As shown in Figure 2 below, traveling along
the quadrature signal to the right produces a unique set
of state transitions, and traveling to the left produces
another set of unique state transitions. In this reference
design, only the motion at the Z-wheel is detected using
this method.


Podobny numer części - ADNS-6230-001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
ADNS-6230-001 HP-ADNS-6230-001 Datasheet
770Kb / 45P
   Low Power Laser Mouse Bundles
logo
Broadcom Corporation.
ADNS-6230-001 BOARDCOM-ADNS-6230-001 Datasheet
271Kb / 8P
   USB 2.4GHz RF Wireless Laser Mouse Designer?셲 Kit
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-6230-001 AVAGO-ADNS-6230-001 Datasheet
1Mb / 52P
   High Performance Laser Mouse Bundles
logo
Broadcom Corporation.
ADNS-6230-001 BOARDCOM-ADNS-6230-001 Datasheet
166Kb / 6P
   USB 2.4GHz RF Wireless Laser Mouse Designer?셲 Kit
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-6230-001 AVAGO-ADNS-6230-001 Datasheet
1Mb / 52P
   High Performance Laser Mouse Bundles
More results

Podobny opis - ADNS-6230-001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-5023-CY02 AVAGO-ADNK-5023-CY02 Datasheet
123Kb / 3P
   Optical Mouse Designer?셲 Kit
logo
Broadcom Corporation.
ADNK-5023-CY02 BOARDCOM-ADNK-5023-CY02 Datasheet
112Kb / 3P
   Optical Mouse Designer?셲 Kit
ADNK-6003-SP01 BOARDCOM-ADNK-6003-SP01 Datasheet
305Kb / 16P
   Optical Mouse Designer?셲 Kit
ADNK-2133 BOARDCOM-ADNK-2133 Datasheet
402Kb / 7P
   Optical Mouse Designer?셲 Kit
ADNK-2623 BOARDCOM-ADNK-2623 Datasheet
189Kb / 3P
   Optical Mouse Designer?셲 Kit
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-3533-TN24 AVAGO-ADNK-3533-TN24 Datasheet
761Kb / 17P
   Optical Mouse Designer?셲 Kit
ADNK-2623 AVAGO-ADNK-2623 Datasheet
189Kb / 3P
   Optical Mouse Designer?셲 Kit
logo
Broadcom Corporation.
ADNK-3043-TI27 BOARDCOM-ADNK-3043-TI27 Datasheet
620Kb / 14P
   Wireless USB Optical Mouse Designer?셲 Kit
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-3043-TI27 AVAGO-ADNK-3043-TI27 Datasheet
620Kb / 14P
   Wireless USB Optical Mouse Designer?셲 Kit
ADNK-6033-CC24 AVAGO-ADNK-6033-CC24 Datasheet
271Kb / 8P
   USB 2.4GHz RF Wireless Laser Mouse Designer?셲 Kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com