Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADNV-6340 Arkusz danych(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Numer części ADNV-6340
Szczegółowy opis  USB 2.4GHz RF Wireless Laser Mouse Designer?셲 Kit
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Strona internetowa  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNV-6340 Arkusz danych(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  ADNV-6340 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ADNV-6340 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ADNV-6340 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ADNV-6340 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ADNV-6340 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ADNV-6340 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Description
Avago Technologies, Texas Instruments and Nordic
Semiconductor have joined forces to produce a new
wireless laser mouse reference design kit. Based on
the new Avago Technologies ADNS-6030 low power
laser mouse sensor, Texas Instruments MSP430F1222
microcontroller, Nordic Semiconductor nRF2402 2.4GHz
RF transmitter and nRF2401A 2.4GHz RF transceiver,
Cypress CY7C63231A enCoRe
 USB microcontroller,
this reference design kit provides a power efficient and
feature-rich solution in one neat package.
The Avago Technologies ADNS-6030 low power laser
mouse sensor, an 18-pin staggered dual inline pack-
age (DIP), is based on LaserStream Technology, which
measures changes in position by optically acquiring
sequential surface images (frames) and mathematically
determining the direction and magnitude of move-
ment. Its high-performance, low power architecture is
capable of sensing high-speed mouse motion while
prolonging battery life, two performance areas essen-
tial in demanding wireless applications.
The ADNS-6030 sensor along with the ADNS-6120 or
ADNS-6130-001 lens, ADNS-6230-001 clip and ADNV-
6340 VCSEL form a complete and compact laser mouse
tracking system. There is no moving part, which means
high reliability and less maintenance for the end user.
In addition, precision optical alignment is not required,
facilitating high volume assembly.
ADNK-6033-ND24
USB 2.4GHz RF Wireless Laser Mouse Designer’s Kit
Product Overview
Features
• Complete laser mouse reference design kit
• Windows® 98SE, Windows 2000 and Windows XP
compatibility
• USB 2.0 low-speed compliance
• User identity code to avoid conflict with other de-
vices
• High reliability
• New LaserStream Technology
• Smooth surface navigation
• Enhanced SmartSpeed self-adjusting frame rate for
optimum performance
• High speed motion detection up to 20 ips and 8G
• 800 cpi resolution
• No mechanical moving parts
• A high data rate 2.4GHz RF link
• Transmission data rate up to 1 Mbps
• 15 meters communication distance
• Self-adjusting power-saving modes for longest bat-
tery life
• Laser fault detect circuitry on-chip for Eye Safety
Compliance
• Minimal number of passive components


Podobny numer części - ADNV-6340

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
ADNV-6340 AVAGO-ADNV-6340 Datasheet
1Mb / 52P
   High Performance Laser Mouse Bundles
logo
Broadcom Corporation.
ADNV-6340 BOARDCOM-ADNV-6340 Datasheet
305Kb / 16P
   Optical Mouse Designer?셲 Kit
logo
AVAGO TECHNOLOGIES LIMI...
ADNV-6340 AVAGO-ADNV-6340 Datasheet
107Kb / 1P
   Low Power Laser Mouse Sensor
logo
Broadcom Corporation.
ADNV-6340 BOARDCOM-ADNV-6340 Datasheet
103Kb / 1P
   Laser Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNV-6340 AVAGO-ADNV-6340 Datasheet
305Kb / 16P
   Optical Mouse Designer?셲 Kit
More results

Podobny opis - ADNV-6340

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-6033-CC24 AVAGO-ADNK-6033-CC24 Datasheet
271Kb / 8P
   USB 2.4GHz RF Wireless Laser Mouse Designer?셲 Kit
logo
Broadcom Corporation.
ADNK-6033-CC24 BOARDCOM-ADNK-6033-CC24 Datasheet
271Kb / 8P
   USB 2.4GHz RF Wireless Laser Mouse Designer?셲 Kit
ADNK-7053-ND24 BOARDCOM-ADNK-7053-ND24 Datasheet
98Kb / 6P
   USB 2.4GHz RF Wireless Laser Mouse Designer?셲 Kit
ADNK-6033-ND24 BOARDCOM-ADNK-6033-ND24 Datasheet
166Kb / 6P
   USB 2.4GHz RF Wireless Laser Mouse Designer?셲 Kit
ADNK-3043-TI27 BOARDCOM-ADNK-3043-TI27 Datasheet
620Kb / 14P
   Wireless USB Optical Mouse Designer?셲 Kit
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-3043-TI27 AVAGO-ADNK-3043-TI27 Datasheet
620Kb / 14P
   Wireless USB Optical Mouse Designer?셲 Kit
ADNK-5023-CY02 AVAGO-ADNK-5023-CY02 Datasheet
123Kb / 3P
   Optical Mouse Designer?셲 Kit
logo
Broadcom Corporation.
ADNK-5023-CY02 BOARDCOM-ADNK-5023-CY02 Datasheet
112Kb / 3P
   Optical Mouse Designer?셲 Kit
ADNK-6003-SP01 BOARDCOM-ADNK-6003-SP01 Datasheet
305Kb / 16P
   Optical Mouse Designer?셲 Kit
ADNK-2133 BOARDCOM-ADNK-2133 Datasheet
402Kb / 7P
   Optical Mouse Designer?셲 Kit
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com