Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADNK-5020-EN Arkusz danych(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Numer części ADNK-5020-EN
Szczegółowy opis  Optical Mouse Sensor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Strona internetowa  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNK-5020-EN Arkusz danych(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  ADNK-5020-EN Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ADNK-5020-EN
Optical Mouse Sensor
Sample Kit
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
Data subject to change. Copyright © 2005-2008 Avago Technologies. All rights reserved. Obsoletes AV01-0349EN
AV02-1530EN - September 11, 2008
Sensor
The sensor technical information is contained in the
ADNS-5020-EN Data Sheet.
Lens
The lens information is contained in the ADNS-5100
Data Sheet.
LED Assembly Clip
The assembly information is contained in the ADNS-
5200 Data Sheet.
Kit Components
Part Number
Description
Name
Quantity
ADNS-5020-EN
Optical Mouse Sensor
Sensor
5
ADNS-5100
Lens Plate (Round Lens)
Lens
5
ADNS-5100-001
Lens Plate (Trim Lens)
Lens
5
ADNS-5200
LED Assembly Clip (Black Clip)
LED Clip
5
HLMP-ED80-XX000
639 nm T 1 ¾ (5 mm) Diameter LED
LED
5
CD
a. ADNS-5020-EN Data Sheet
b. ADNS-5100 Data Sheet
c. ADNS-5200 Data Sheet
d. HLMP-ED80-XX000 LED Data Sheet
e. 3D Model IGES Files
-
1
LED
Information on the LED is contained in the HLMP-ED80-
XX000 Data Sheet.
3D Model IGES Files
The IGES file provides recommended base plate mold-
ing features to ensure optical alignment.
CD
The above technical information for the sensor, clip,
lens and 3D Model IGES Files are contained within this
media.


Podobny numer części - ADNK-5020-EN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Broadcom Corporation.
ADNK-5020-EN BOARDCOM-ADNK-5020-EN Datasheet
108Kb / 1P
   Optical Mouse Sensor
More results

Podobny opis - ADNK-5020-EN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5020-EN AVAGO-ADNS-5020-EN Datasheet
330Kb / 24P
   Optical Mouse Sensor
ADNK-5030 AVAGO-ADNK-5030 Datasheet
89Kb / 1P
   Optical Mouse Sensor
ADNS-2051 AVAGO-ADNS-2051 Datasheet
588Kb / 40P
   Optical Mouse Sensor
logo
Broadcom Corporation.
ADNK-2052 BOARDCOM-ADNK-2052 Datasheet
106Kb / 1P
   Optical Mouse Sensor
ADNK-3000 BOARDCOM-ADNK-3000 Datasheet
58Kb / 1P
   Optical Mouse Sensor
logo
Agilent(Hewlett-Packard...
ADNS-2001 HP-ADNS-2001 Datasheet
203Kb / 12P
   Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-2620 AVAGO-ADNK-2620 Datasheet
107Kb / 1P
   Optical Mouse Sensor
ADNK-3550 AVAGO-ADNK-3550 Datasheet
100Kb / 1P
   Optical Mouse Sensor
logo
Broadcom Corporation.
ADNK-2080 BOARDCOM-ADNK-2080 Datasheet
185Kb / 1P
   Optical Mouse Sensor
ADNK-5030 BOARDCOM-ADNK-5030 Datasheet
89Kb / 1P
   Optical Mouse Sensor
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com