Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC74VHCT573A Arkusz danych(PDF) 4 Page - ON Semiconductor

Numer części MC74VHCT573A
Szczegółowy opis  Octal D-Type Latch with 3-State Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHCT573A Arkusz danych(HTML) 4 Page - ON Semiconductor

  MC74VHCT573A_11 Datasheet HTML 1Page - ON Semiconductor MC74VHCT573A_11 Datasheet HTML 2Page - ON Semiconductor MC74VHCT573A_11 Datasheet HTML 3Page - ON Semiconductor MC74VHCT573A_11 Datasheet HTML 4Page - ON Semiconductor MC74VHCT573A_11 Datasheet HTML 5Page - ON Semiconductor MC74VHCT573A_11 Datasheet HTML 6Page - ON Semiconductor MC74VHCT573A_11 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MC74VHCT573A
http://onsemi.com
4
TIMING REQUIREMENTS (Input tr = tf = 3.0ns)
Symbol
Parameter
Test Conditions
TA = 25°C
TA = − 40 to 85°C
Unit
Typ
Limit
Limit
tw(h)
Minimum Pulse Width, LE
VCC = 5.0 ±0.5V
6.5
8.5
ns
tsu
Minimum Setup Time, D to LE
VCC = 5.0 ± 0.5V
1.5
1.5
ns
th
Minimum Hold Time, D to LE
VCC = 5.0 ± 0.5V
3.5
3.5
ns
ORDERING INFORMATION
Device
Package
Shipping
MC74VHCT573ADWG
SOIC−20WB
(Pb−Free)
38 Units / Rail
MC74VHCT573ADWRG
SOIC−20WB
(Pb−Free)
1000 / Tape & Reel
MC74VHCT573ADTG
TSSOP−20*
75 Units / Rail
MC74VHCT573ADTRG
TSSOP−20*
2500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*This package is inherently Pb−Free.
Figure 3. Switching Waveform
Figure 4. Switching Waveform
LE
tPLH
tPHL
Q
tw
GND
tPHL
Q
D
tPLH
1.5V
1.5V
3V
VOL
VOH
GND
3V
VOH
VOL
1.5V
1.5V
OE
Q
Q
1.5V
tPZL
tPLZ
tPZH
tPHZ
3V
HIGH
IMPEDANCE
VOL +0.3V
VOH -0.3V
HIGH
IMPEDANCE
1.5V
1.5V
GND
Figure 5. Switching Waveform
Figure 6. Switching Waveform
D
LE
3V
GND
GND
VALID
th
tsu
3V
1.5V
1.5V


Podobny numer części - MC74VHCT573A_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC74VHCT573ADT ONSEMI-MC74VHCT573ADT Datasheet
171Kb / 7P
   Octal D-Type Latch with 3-State Output
REV 0
MC74VHCT573ADT ONSEMI-MC74VHCT573ADT Datasheet
98Kb / 7P
   Octal D?뭈ype Latch with 3?뭆tate Output
January, 2006 ??Rev. 4
MC74VHCT573ADTG ONSEMI-MC74VHCT573ADTG Datasheet
98Kb / 7P
   Octal D?뭈ype Latch with 3?뭆tate Output
January, 2006 ??Rev. 4
MC74VHCT573ADTR2 ONSEMI-MC74VHCT573ADTR2 Datasheet
98Kb / 7P
   Octal D?뭈ype Latch with 3?뭆tate Output
January, 2006 ??Rev. 4
MC74VHCT573ADTRG ONSEMI-MC74VHCT573ADTRG Datasheet
98Kb / 7P
   Octal D?뭈ype Latch with 3?뭆tate Output
January, 2006 ??Rev. 4
More results

Podobny opis - MC74VHCT573A_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74VHC573F TOSHIBA-TC74VHC573F Datasheet
259Kb / 7P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
TC7MET573AFK TOSHIBA-TC7MET573AFK Datasheet
223Kb / 5P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
logo
ON Semiconductor
MC74VHCT573A ONSEMI-MC74VHCT573A Datasheet
171Kb / 7P
   Octal D-Type Latch with 3-State Output
REV 0
logo
Toshiba Semiconductor
TC7MET573AFK TOSHIBA-TC7MET573AFK_07 Datasheet
187Kb / 7P
   Octal D-Type Latch with 3-State Output
TC74VHC573F TOSHIBA-TC74VHC573F_07 Datasheet
232Kb / 10P
   Octal D-Type Latch with 3-State Output
logo
ON Semiconductor
MC74VHC573 ONSEMI-MC74VHC573_11 Datasheet
149Kb / 9P
   Octal D-Type Latch with 3-State Output
May, 2011 ??Rev. 6
logo
Toshiba Semiconductor
TC74VHC373F TOSHIBA-TC74VHC373F Datasheet
260Kb / 7P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
TC74VHCT573AF TOSHIBA-TC74VHCT573AF Datasheet
258Kb / 6P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
TC74LVX373F TOSHIBA-TC74LVX373F_07 Datasheet
211Kb / 9P
   Octal D-Type Latch with 3-State Output
TC74VHCT373AF TOSHIBA-TC74VHCT373AF_07 Datasheet
228Kb / 9P
   Octal D-Type Latch with 3-State Output
TC7MET373AFK TOSHIBA-TC7MET373AFK Datasheet
188Kb / 7P
   Octal D-Type Latch with 3-State Output
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com