Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDC37C93XAPM Arkusz danych(PDF) 7 Page - SMSC Corporation

Numer części FDC37C93XAPM
Szczegółowy opis  Plug and Play Compatible Ultra I/O??Controller with Soft Power Management
Download  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SMSC [SMSC Corporation]
Strona internetowa  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37C93XAPM Arkusz danych(HTML) 7 Page - SMSC Corporation

Back Button FDC37C93XAPM Datasheet HTML 3Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 4Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 5Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 6Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 7Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 8Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 9Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 10Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 11Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 280 page
background image
7
DESCRIPTION OF PIN FUNCTIONS
PIN NO.
NAME
SYMBOL
BUFFER
TYPE
12
Write Gate
nWGATE
OD48
11
Write Disk Data
nWDATA
OD48
13
Head Select (1 = side 0)
nHDSEL
OD48
9
Step Direction (1 = out)
nDIR
OD48
10
Step Pulse
nSTEP
OD48
18
Disk Change
nDSKCHG
IS
5,6
Drive Select Lines
nDS[1:0]
OD48
7,4
Motor On Lines
nMTR[1:0]
OD48
16
Write Protected
nWPROT
IS
15
Track 0
nTR0
IS
14
Index Pulse Input
nINDEX
IS
3,2
Drive Density Select [1:0]
DRVDEN
[1:0]
OD48
19,20
Media ID inputs. In floppy enhanced mode 2 these
inputs are the media ID [1:0] inputs.
(Note 4)
MID[1:0]
IS
SERIAL PORT 1 INTERFACE
145
Receive Serial Data 1
RXD1
I
146
Transmit Serial Data 1
TXD1
O4
148
Request to Send 1
nRTS1
O4
149
Clear to Send 1
nCTS1
I
150
Data Terminal Ready 1
nDTR1
O4
147
Data Set Ready 1
nDSR1
I
152
Data Carrier Detect 1
nDCD1
I
151
Ring Indicator 1
nRI1
I
SERIAL PORT 2 INTERFACE
155
Receive Serial Data 2 (Note 4)
RXD2
I
156
Transmit Serial Data 2 (Note 4)
TXD2
O4
158
Request to Send 2 (Note 4)
nRTS2
O4
159
Clear to Send 2 (Note 4)
nCTS2
I
160
Data Terminal Ready 2 (Note 4)
nDTR2
O4
157
Data Set Ready 2 (Note 4)
nDSR2
I


Podobny numer części - FDC37C93XAPM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SMSC Corporation
FDC37C93X SMSC-FDC37C93X Datasheet
650Kb / 203P
   Plug and Play Compatible Ultra I/O Controller
More results

Podobny opis - FDC37C93XAPM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SMSC Corporation
FDC37C93X SMSC-FDC37C93X Datasheet
650Kb / 203P
   Plug and Play Compatible Ultra I/O Controller
FDC37CXFR SMSC-FDC37CXFR Datasheet
922Kb / 258P
   Plug and Play Compatible Ultra I/O Controller with Fast IR
logo
List of Unclassifed Man...
M5123 ETC1-M5123 Datasheet
499Kb / 121P
   Mega I/O Controller with Plug & Play
logo
National Semiconductor ...
PC87317VUL NSC-PC87317VUL Datasheet
2Mb / 272P
   PC87317VUL/PC97317VUL SuperI/O Plug and Play Compatible with ACPI Compliant Controller/Extender
PC87308VUL NSC-PC87308VUL Datasheet
121Kb / 6P
   SuperI/O Enhanced Sidewinder Plug and Play Compatible Chip
PC87307 NSC-PC87307 Datasheet
1Mb / 218P
   PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
logo
SMSC Corporation
FDC37N972 SMSC-FDC37N972 Datasheet
1Mb / 390P
   Advanced Notebook I/O Controller with Enhanced Keyboard Control and System Management
logo
Texas Instruments
TL16PNP200 TI1-TL16PNP200 Datasheet
323Kb / 23P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY (PnP) CONTROLLER
logo
List of Unclassifed Man...
82C931 ETC-82C931 Datasheet
634Kb / 64P
   Plug and Play Integrated Audio Controller
logo
Texas Instruments
TL16PNP100A TI-TL16PNP100A Datasheet
281Kb / 20P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY (PnP) CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com