Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU2506-E3 Arkusz danych(PDF) 1 Page - Vishay Siliconix

Numer części BU2506-E3
Szczegółowy opis  Thin single in-line package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BU2506-E3 Arkusz danych(HTML) 1 Page - Vishay Siliconix

  BU2506-E3 Datasheet HTML 1Page - Vishay Siliconix BU2506-E3 Datasheet HTML 2Page - Vishay Siliconix BU2506-E3 Datasheet HTML 3Page - Vishay Siliconix BU2506-E3 Datasheet HTML 4Page - Vishay Siliconix BU2506-E3 Datasheet HTML 5Page - Vishay Siliconix BU2506-E3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BU2506-E3, BU2508-E3, BU2510-E3
www.vishay.com
Vishay General Semiconductor
Revision: 16-Aug-13
1
Document Number: 84805
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Enhanced isoCink+™ Bridge Rectifiers
* Tested to UL standard for safety electrically isolated
semiconductor devices. UL 1557 4th edition.
Dielectric tested to maximum case, storage and junction
temperature to 150 °C to withstand 1500 V.
Epoxy meets UL 94 V-0 flammability rating.
FEATURES
• UL recognition file number E309391 (QQQX2)
UL 1557 (see *)
• Thin single in-line package
• Available for BU-5S lead forming option
(part number with “5S” suffix, e.g. BU25065S)
• Superior thermal conductivity
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
General purpose use in AC/DC bridge full wave rectification
for
switching
power
supply,
home
appliances
and
white-goods applications.
MECHANICAL DATA
Case: BU
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS-compliant, commercial grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test
Polarity: As marked on body
Mounting Torque: 10 cm-kg (8.8 inches-lbs) max.
Recommended Torque: 5.7 cm-kg (5 inches-lbs)
Notes
(1) With 60 W air cooled heatsink
(2) Without heatsink, free air
PRIMARY CHARACTERISTICS
Package
BU
IF(AV)
25 A
VRRM
600 V, 800 V, 1000 V
IFSM
300 A
IR
5 μA
VF at IF = 12.5 A
0.87 V
TJ max.
150 °C
Diode variations
In-Line
+
~
~
-
-
~
~
+
Case Style BU
+
~~
-
isoCink+™
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
BU2506
BU2508
BU2510
UNIT
Maximum repetitive peak reverse voltage
VRRM
600
800
1000
V
Average rectified forward current (Fig. 1, 2)
TC = 60 °C (1)
IO
25
A
TA = 25 °C (2)
3.5
Non-repetitive peak forward surge current
8.3 ms single sine-wave, TJ = 25 °C
IFSM
300
A
Rating for fusing (t < 8.3 ms) TJ = 25 °C
I2t
373
A2s
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 150
°C


Podobny numer części - BU2506-E3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
BU2506-E3-51 VISHAY-BU2506-E3-51 Datasheet
107Kb / 6P
   Enhanced isoCink™ Bridge Rectifiers
Revision: 23-Apr-13
BU2506-E3/45 VISHAY-BU2506-E3/45 Datasheet
111Kb / 6P
   Enhanced isoCink Bridge Rectifiers
Revision: 16-Aug-13
BU2506-E3/51 VISHAY-BU2506-E3/51 Datasheet
111Kb / 6P
   Enhanced isoCink Bridge Rectifiers
Revision: 16-Aug-13
More results

Podobny opis - BU2506-E3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Yangzhou yangjie electr...
GBJH15005 YANGJIE-GBJH15005 Datasheet
150Kb / 4P
   Bridge Rectifiers : Thin single in-line package
logo
Shindengen Electric Mfg...
D3SB60 SHINDENGEN-D3SB60_17 Datasheet
444Kb / 4P
   Single In-line Package
D4SBL20U SHINDENGEN-D4SBL20U_17 Datasheet
615Kb / 4P
   Single In-line Package
D15XBN20 SHINDENGEN-D15XBN20_17 Datasheet
573Kb / 4P
   Single In-line Package
UD2KB80 SHINDENGEN-UD2KB80_17 Datasheet
828Kb / 4P
   Single In-line Package
UD3KB80 SHINDENGEN-UD3KB80_17 Datasheet
821Kb / 4P
   Single In-line Package
D2SBA60 SHINDENGEN-D2SBA60_17 Datasheet
557Kb / 4P
   Single In-line Package
D5SB60 SHINDENGEN-D5SB60_17 Datasheet
440Kb / 4P
   Single In-line Package
D20XB60 SHINDENGEN-D20XB60_17 Datasheet
433Kb / 4P
   Single In-line Package
D30XBN20 SHINDENGEN-D30XBN20_17 Datasheet
574Kb / 4P
   Single In-line Package
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com