Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST5420 Arkusz danych(PDF) 2 Page - Pulse A Technitrol Company

Numer części ST5420
Szczegółowy opis  ISDN S-Interface Transformers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PULSE [Pulse A Technitrol Company]
Strona internetowa  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

ST5420 Arkusz danych(HTML) 2 Page - Pulse A Technitrol Company

  ST5420 Datasheet HTML 1Page - Pulse A Technitrol Company ST5420 Datasheet HTML 2Page - Pulse A Technitrol Company ST5420 Datasheet HTML 3Page - Pulse A Technitrol Company ST5420 Datasheet HTML 4Page - Pulse A Technitrol Company ST5420 Datasheet HTML 5Page - Pulse A Technitrol Company ST5420 Datasheet HTML 6Page - Pulse A Technitrol Company ST5420 Datasheet HTML 7Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
T604.F (05/12)
2
pulseelectronics.com
ISDN S-Interface Transformers
Meets pulse waveform template of CCITT I.430 when
recommended transformer and chip pair are used
Excellent longitudinal balance
2kVrms isolation voltage
Recognized by UL
IS-1
ID-1
Mechanical
Mechanical
Schematic
Schematic
Electrical Specifications @ 25°C - Operating Temperature 0°C to +70°C
Part
Number
Ratio
(
±2%)
OCL Pri
(mH MIN)
L Sec
(
μH MAX)
Cw/w
(pF MAX)
CD Pri
(pF MAX)
DCR Pri
(
Ω ±25%)
DCR Sec
(
Ω ±25%)
Isolation
(VRMS MIN)
IDC
(mA MAX)
Package /
Schematic
PE-64995NL
1CT:2CT
22
15
100
80
2.5
4.3
2000
1
SC-1
CC
A
A
2kV Isolation, Through Hole, Single Transformers
Electrical Specifications @ 25°C - Operating Temperature -40°C to +125°C
Part
Number
Turns Ratio
DCR (mΩ MAX)
Package /
Schematic
Equivalent
Single
Primary
Pins
Secondary
Pins
Equivalent
Single
Primary
Pins
Secondary
Pins
PE-65495NL
1:2
1-4
1-4
16-13
1:2
PE-64995NL
5-8
12-9
ID-1
Ratio
Ratio
L
Through Hole, Single & Dual, 2000 Vrms
.558 MAX
14,20
1
2
3
6
4
PE-6499X
DATE CODE
.120 – .020
3,10 0,30
.400
10,20
.400
10,20
CL
CL
LEADS ARE 22 AWG SOLDERABLE
5
.558 MAX
14,20
.400 MAX
10,20
6
4
1
3
2
5
PRI : SEC
PRI
SEC
16
13
14
23
15 14
12
9
58
67
1110
COIL A
COIL B


Podobny numer części - ST5420

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microdiode Electronics ...
ST540L CHENDA-ST540L Datasheet
184Kb / 2P
   TRENCH SCHOTTKY RECTIFIER
logo
STMicroelectronics
ST5451 STMICROELECTRONICS-ST5451 Datasheet
269Kb / 34P
   ISDN HDLC AND GCI CONTROLLER
ST5451D STMICROELECTRONICS-ST5451D Datasheet
269Kb / 34P
   ISDN HDLC AND GCI CONTROLLER
ST5481 STMICROELECTRONICS-ST5481 Datasheet
167Kb / 18P
   L.O.U.I.S - LOW COST USB ISDN SOLUTION
ST5481TQF7 STMICROELECTRONICS-ST5481TQF7 Datasheet
167Kb / 18P
   L.O.U.I.S - LOW COST USB ISDN SOLUTION
More results

Podobny opis - ST5420

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
LT-S300C ETC1-LT-S300C Datasheet
34Kb / 1P
   ISDN S -Interface Transformers
logo
PCA ELECTRONICS INC.
EPR1226 PCA-EPR1226 Datasheet
109Kb / 1P
   ISDN-S Interface Transformers
logo
Rhombus Industries Inc.
T-10550 RHOMBUS-IND-T-10550 Datasheet
38Kb / 1P
   ISDN S-Interface Transformers
logo
List of Unclassifed Man...
LT-S200C ETC1-LT-S200C Datasheet
35Kb / 1P
   ISDN S -Interface Transformers
logo
Rhombus Industries Inc.
T-10400 RHOMBUS-IND-T-10400 Datasheet
58Kb / 1P
   ISDN S-Interface Transformers
logo
Pulse A Technitrol Comp...
PE-64995NL PULSE-PE-64995NL Datasheet
1Mb / 7P
   ISDN S-Interface Transformers
logo
XFMRS Inc.
XF02234A XFMRS-XF02234A Datasheet
54Kb / 1P
   ISDN S INTERFACE TRANSFORMERS
logo
Rhombus Industries Inc.
T-10550 RHOMBUS-IND-T-10550_99 Datasheet
39Kb / 1P
   ISDN S-Interface Transformers
logo
Pulse A Technitrol Comp...
PE-65793T PULSE-PE-65793T Datasheet
1Mb / 7P
   ISDN S-Interface Transformers
logo
XFMRS Inc.
XF0053-01S XFMRS-XF0053-01S Datasheet
51Kb / 1P
   ISDN S-INTERFACE TRANSFORMERS
XF0053-01S XFMRS-XF0053-01S_15 Datasheet
50Kb / 1P
   ISDN S-INTERFACE TRANSFORMERS
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com