Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADAQ7988BCCZ-RL7 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części ADAQ7988BCCZ-RL7
Szczegółowy opis  16-Bit, 1 MSPS, Integrated Data Acquisition Subsystem
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADAQ7988BCCZ-RL7 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button ADAQ7988BCCZ-RL7 Datasheet HTML 4Page - Analog Devices ADAQ7988BCCZ-RL7 Datasheet HTML 5Page - Analog Devices ADAQ7988BCCZ-RL7 Datasheet HTML 6Page - Analog Devices ADAQ7988BCCZ-RL7 Datasheet HTML 7Page - Analog Devices ADAQ7988BCCZ-RL7 Datasheet HTML 8Page - Analog Devices ADAQ7988BCCZ-RL7 Datasheet HTML 9Page - Analog Devices ADAQ7988BCCZ-RL7 Datasheet HTML 10Page - Analog Devices ADAQ7988BCCZ-RL7 Datasheet HTML 11Page - Analog Devices ADAQ7988BCCZ-RL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
ADAQ7980/ADAQ7988
Data Sheet
Rev. 0 | Page 8 of 49
VDD = V+ = 5.0 V, V− = 0 V, VIO = 1.7 V to 5.5 V, VREF = 3.3 V, TA = −55°C to +125°C, the ADC driver in a unity-gain buffer configuration, and
fSAMPLE = 1 MSPS (ADAQ7980) and fSAMPLE = 500 kSPS (ADAQ7988), unless otherwise noted.
Table 5.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
REFERENCE
Input Voltage Range
Voltage at REF pin
2.4
V+ − 1.3
V
Load Current
REFOUT
330
µA
Buffer Input
Resistance
REF
50
MΩ
Capacitance
REF
1
pF
Bias Current
470
720
nA
Offset Voltage
TA = 25°C
9
125
µV
Offset Voltage Drift
0.2
1.5
µV/°C
Voltage Noise
fIN = 100kHz
5.9
nV/√Hz
Voltage Noise 1/f Corner Frequency
8
Hz
Current Noise
fIN = 100kHz
0.6
pA/√Hz
0.1 Hz to 10 Hz Voltage Noise
54
nV rms
Linear Output Current
REFOUT
±40
mA
Short-Circuit Current
REFOUT sinking/sourcing
73/63
mA
ADC DRIVER CHARACTERISTICS
Specified Voltage Range
IN+, IN−, AMP_OUT
0.15
VREF
V
Absolute Input Voltage
IN+, IN−, AMP_OUT
−0.1
V+ − 1.3
V
ADCN
−0.1
+0.1
V
−3 dB Bandwidth
G = +1, VAMP_OUT = 0.02 V p-p
31
MHz
G = +1, VAMP_OUT = 2 V p-p
30
MHz
Bandwidth for 0.1 dB Flatness
G = +1, VAMP_OUT = 0.1 V p-p
4
MHz
Slew Rate
G = +1, VAMP_OUT = 2 V step
31
V/µs
G = +1, VAMP_OUT = 3.15 V step
20
V/µs
Input Voltage Noise
f = 100 kHz
5.9
nV/√Hz
1/f Corner Frequency
8
Hz
0.1 Hz to 10 Hz Voltage Noise
54
nV rms
Input Current
Noise
f = 100 kHz
0.6
pA/√Hz
Bias
IN+, IN−
470
720
nA
Offset
0.4
nA
Input Offset Voltage
TA = 25°C
9
125
µV
Open-Loop Gain
109
dB
Input Resistance
IN+, IN−
Common Mode
50
MΩ
Differential Mode
260
kΩ
Input Capacitance
IN+, IN−
1
pF
Input Common-Mode Voltage Range
Specified performance
−0.1
V+ − 1.3
V
Output Overdrive Recovery Time
VIN+ = 10% overdrive, fIN = 10 kHz
800
ns
Linear Output Current
±40
mA
Short-Circuit Current
Sinking/sourcing
73/63
mA
DIGITAL INPUTS
Logic Levels
Input Voltage
Low (VIL)
VIO > 3.0 V
−0.3
+0.3 × VIO
V
VIO ≤ 3.0 V
−0.3
+0.1 × VIO
V
High (VIH)
VIO > 3.0 V
0.7 × VIO
VIO + 0.3
V
VIO ≤ 3.0 V
0.9 × VIO
VIO + 0.3
V


Podobny numer części - ADAQ7988BCCZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADAQ7988 AD-ADAQ7988 Datasheet
3Mb / 38P
   16-Bit, 2 MSPS, 關Module Data Acquisition Solution
ADAQ7988 AD-ADAQ7988 Datasheet
921Kb / 35P
   18-Bit, 2 MSPS, 關Module Data Acquisition Solution
Rev. 0
More results

Podobny opis - ADAQ7988BCCZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADAS3022 AD-ADAS3022 Datasheet
802Kb / 40P
   16-Bit, 1 MSPS, 8-Channel Data Acquisition System
REV. A
logo
Exar Corporation
MP3275 EXAR-MP3275 Datasheet
138Kb / 16P
   Fault Protected 16 Channel, 12-Bit Data Acquisition Subsystem
MP3276 EXAR-MP3276 Datasheet
170Kb / 16P
   Fault Protected 16 Channel, 12-Bit Data Acquisition Subsystem
logo
Analog Devices
ADAQ23875 AD-ADAQ23875 Datasheet
650Kb / 23P
   16-Bit, 15 MSPS, 關Module Data Acquisition Solution
ADAQ4001 AD-ADAQ4001 Datasheet
3Mb / 38P
   16-Bit, 2 MSPS, 關Module Data Acquisition Solution
ADAQ23876 AD-ADAQ23876 Datasheet
3Mb / 37P
   16-Bit, 15 MSPS, 關Module Data Acquisition Solution
Rev. 0
logo
Exar Corporation
MP3274 EXAR-MP3274 Datasheet
170Kb / 16P
   Fault Protected 32 Channel, 12-Bit Data Acquisition Subsystem
logo
List of Unclassifed Man...
USB-2600 ETC-USB-2600 Datasheet
1Mb / 5P
   16-Bit, 1 MS/s, High-Speed Data Acquisition
January 2019. Rev 8
logo
Analog Devices
ADAQ4003 AD-ADAQ4003 Datasheet
921Kb / 35P
   18-Bit, 2 MSPS, 關Module Data Acquisition Solution
Rev. 0
ADAQ23878 AD-ADAQ23878 Datasheet
5Mb / 37P
   18-Bit, 15 MSPS, 關Module Data Acquisition Solution
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com