Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Q102-N00xx Arkusz danych(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Numer części Q102-N00xx
Szczegółowy opis  Ideal for space limited applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Strona internetowa  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

Q102-N00xx Arkusz danych(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  Q102-N00xx Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED Q102-N00xx Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED Q102-N00xx Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED Q102-N00xx Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED Q102-N00xx Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED Q102-N00xx Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED Q102-N00xx Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
5
300
0.0
IPEAK – PEAK FORWARD CURRENT – mA
10
20
50
100
2
1
200
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
0
0
0
1
0
0
6
10 -3
WAVELENGTH – nm
700
500
10 -2
10 -1
1.0
2
0.5
0.01
IF – DC FORWARD CURRENT – mA
510
20
50
2.4
2.0
1.0
0.2
0.1
0.05
1
0.5
5
.
3
0
.
1
300
20
1
V F – FORWARD VOLTAGE – V
1.5
2.0
2.5
3.0
200
100
50
10
5
2
0.5
0
50
0
IPEAK – PEAK FORWARD CURRENT – mA
150
250
50
40
30
20
10
100
200
300
f > 1000 Hz
f > 300 Hz
f > 100 Hz
0
0
T A – AMBIENT TEMPERATURE – °C
40
80
50
40
30
20
10
20
60
100
JA = 400° C/W
JA = 550° C/W
Electrical Characteristics at TA = 25°C
Capacitance
Speed of Response
Forward Voltage
Reverse Breakdown
C (pF)
s (ns)
Part
VF (Volts)
VR (Volts)
VF = 0,
Thermal
Time Constant
Number
@ IF = 20 mA
@ IR = 100 A
f = 1 MHz
Resistance
e-t/s
HLMP-
Typ.
Max.
Min.
Typ.
Typ.
R
J-PIN (°C/W)
Typ.
Q106
1.9
2.4
5
20
20
170
45
Q102
1.9
2.4
5
20
20
170
45
P106
1.9
2.4
5
20
20
170
45
Electrical Characteristics at TA = 25°C
Part
Capacitance
Speed of Response
Number
Forward Voltage
Reverse Breakdown
C (pF)
s (ns)
(Low
VF (Volts)
VR (Volts)
VF = 0,
Thermal
Time Constant
Current)
@ IF = 0.5 mA
@ IR = 100 A
f = 1 MHz
Resistance
e-t/s
HLMP-
Typ.
Max.
Min.
Typ.
Typ.
R
J-PIN (°C/W)
Typ.
Q156
1.6
1.9
5
20
20
170
45
Q152
1.6
1.9
5
20
20
170
45
P156
1.6
1.9
5
20
20
170
45
Figure 5. Relative efficiency vs. peak forward
current.
Figure 7. Maximum average current vs. peak
forward current.
Figure 6. Maximum forward DC current vs.
ambient temperature. Derating based on
TJMAX = 110°C.
Figure 2. Relative intensity vs. wavelength.
Figure 4. Relative luminous intensity vs. DC
forward current.
Figure 3. Forward current vs. forward voltage.


Podobny numer części - Q102-N00xx

ProducentNumer częściArkusz danychSzczegółowy opis
logo
XP Power Limited
Q10 XPPOWER-Q10 Datasheet
1Mb / 14P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Powerbox
Q10-12 POWERBOX-Q10-12 Datasheet
1Mb / 3P
   0.5 WATTS - 100 - 10KV SINGLE OUTPUT DC/DC INDUSTRIAL
Q10-24 POWERBOX-Q10-24 Datasheet
1Mb / 3P
   0.5 WATTS - 100 - 10KV SINGLE OUTPUT DC/DC INDUSTRIAL
Q10-5 POWERBOX-Q10-5 Datasheet
1Mb / 3P
   0.5 WATTS - 100 - 10KV SINGLE OUTPUT DC/DC INDUSTRIAL
logo
Jauch Quartz Gmbh
Q10.0-JXG53P2-12-100 JAUCH-Q10.0-JXG53P2-12-100 Datasheet
126Kb / 2P
   SMQDu Qarutaz rCtzr yCsrtyasl
More results

Podobny opis - Q102-N00xx

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Axiomtek Co., Ltd.
GOT-3840TL AXIOMTEK-GOT-3840TL_16 Datasheet
318Kb / 2P
   Compact design for space-limited application
GOT-3840TL AXIOMTEK-GOT-3840TL Datasheet
277Kb / 2P
   Compact design for space-limited application
logo
Mercury United Electron...
MQ MERCURY-MQ_15 Datasheet
115Kb / 1P
   1.2 mm height. Ideal for space-constrained applications such as PCMCIA
logo
Marl International Limi...
669-503-0410 MARL-669-503-0410_15 Datasheet
321Kb / 4P
   Ideal for marine applications
507-501-2112 MARL-507-501-2112_15 Datasheet
434Kb / 5P
   Ideal for high vibration applications
logo
Ohmite Mfg. Co.
RES-60-4TERM OHMITE-RES-60-4TERM Datasheet
341Kb / 1P
   Ideal for current sensing applications
logo
Sangdest Microelectroni...
DSR1A SMC-DSR1A Datasheet
162Kb / 5P
   Ideal for surface mouted applications
logo
Ohmite Mfg. Co.
RES-10 OHMITE-RES-10 Datasheet
427Kb / 2P
   Ideal for current sensing applications
logo
Marl International Limi...
240-061-64 MARL-240-061-64_13 Datasheet
202Kb / 4P
   Ideal for high vibration applications
logo
International Rectifier
IRF7342D2PBF IRF-IRF7342D2PBF_15 Datasheet
203Kb / 11P
   Ideal For Buck Regulator Applications
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com