Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HLMP-0401-B00xx Arkusz danych(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Numer części HLMP-0401-B00xx
Szczegółowy opis  Rectangular light emitting surface
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Strona internetowa  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-0401-B00xx Arkusz danych(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-0401-B00xx Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-0401-B00xx Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-0401-B00xx Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-0401-B00xx Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-0401-B00xx Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-0401-B00xx Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-0401-B00xx Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-0401-B00xx Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
HLMP-R100, HLMP-0301, HLMP-0401, HLMP-0504
2.5 mm x 7.6 mm Rectangular LED Lamps
Data Sheet
Description
The HLMP-R100, -0301, -0401, -0504 are solid state
lamps encapsulated in a radial lead rectangular epoxy
package. They utilize a tinted, diffused epoxy to
provide high on-off contrast and a flat high intensity
emitting surface. Borderless package design allows
creation of uninterrupted light emitting areas.
The HLMP-R100 uses a double heterojunction (DH)
absorbing substrate (AS) aluminum gallium arsenide
(AlGaAs) red LED chip in a light red epoxy package. This
combination produces outstanding light output over a
wide range of drive currents.
The HLMP-0301 has a high efficiency red GaAsP on
GaP LED chip in a light red epoxy package.
The HLMP-0401 provides a yellow GaAsP on GaP LED chip
in a yellow epoxy package.
The HLMP-0504 provides a green GaP LED chip in a green
epoxy package.
Package Dimensions
Features
• Rectangular light emitting surface
• Flat high sterance emitting surface
• Stackable on 2.54 mm (0.100 inch) centers
• Ideal as flush mounted panel indicators
• Ideal for backlighting legends
• Long life: solid state reliability
• Choice of 4 bright colors
– DH AS AlGaAs Red
– High Efficiency Red
– Yellow
– High Performance Green
• IC compatible/low current requirements
2.54 (0.100)
2.29 (0.090)
2.54 (0.100)
2.16 (0.085)
8.00 (0.315)
7.37 (0.290)
29.21 (1.15) MIN.
CATHODE LEAD
BOTTOM VIEW
SIDE VIEW
1.27 (0.50)
NOMINAL
NOTES:
1. ALL DIMENSIONS ARE IN
MILLIMETERS (INCHES).
2. AN EPOXY MENISCUS MAY EXTEND
ABOUT 1 mm (0.040") DOWN THE LEADS.
3. THERE IS A MXIMUM 1 TAPER FROM
BASE TO THE TOP OF LAMP.
2.54 (0.100)
NOMINAL
0.46 (0.018)
SQ. NOMINAL
7.62 (0.300)
7.11 (0.280)
7.62 (0.300)
6.99 (0.275)


Podobny numer części - HLMP-0401-B00xx

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Broadcom Corporation.
HLMP-0401-B00XX BOARDCOM-HLMP-0401-B00XX Datasheet
223Kb / 8P
   2.5 mm x 7.6 mm Rectangular LED Lamps
More results

Podobny opis - HLMP-0401-B00xx

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HLMA-SH05 AVAGO-HLMA-SH05 Datasheet
97Kb / 3P
   Rectangular light emitting surface
logo
Fairchild Semiconductor
QEB441TR FAIRCHILD-QEB441TR Datasheet
127Kb / 4P
   SURFACE MOUNT INFRARED LIGHT EMITTING DIODE
QEB441 FAIRCHILD-QEB441 Datasheet
121Kb / 4P
   SURFACE MOUNT INFRARED LIGHT EMITTING DIODE
logo
NEC
SE310 NEC-SE310 Datasheet
58Kb / 2P
   LIGHT EMITTING
logo
Lite-On Technology Corp...
LTL-57173HR LITEON-LTL-57173HR Datasheet
134Kb / 5P
   RECTANGULAR LIGHT BAR
LTL-2450Y LITEON-LTL-2450Y Datasheet
135Kb / 5P
   RECTANGULAR LIGHT BAR
LTL-2685HR LITEON-LTL-2685HR Datasheet
143Kb / 5P
   RECTANGULAR LIGHT BAR
logo
NTE Electronics
NTE30002 NTE-NTE30002 Datasheet
73Kb / 2P
   Light Emitting Diode (LED) 0805 Surface Mount
NTE30074 NTE-NTE30074 Datasheet
92Kb / 3P
   Light Emitting Diode (LED) 1206 Surface Mount
logo
Lite-On Technology Corp...
LTL-2755Y LITEON-LTL-2755Y Datasheet
136Kb / 5P
   RECTANGULAR LIGHT BAR
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com