Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14025BDR2G Arkusz danych(PDF) 7 Page - ON Semiconductor

Numer części MC14025BDR2G
Szczegółowy opis  B-SUFFIX SERIES CMOS GATES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14025BDR2G Arkusz danych(HTML) 7 Page - ON Semiconductor

Back Button MC14025BDR2G Datasheet HTML 3Page - ON Semiconductor MC14025BDR2G Datasheet HTML 4Page - ON Semiconductor MC14025BDR2G Datasheet HTML 5Page - ON Semiconductor MC14025BDR2G Datasheet HTML 6Page - ON Semiconductor MC14025BDR2G Datasheet HTML 7Page - ON Semiconductor MC14025BDR2G Datasheet HTML 8Page - ON Semiconductor MC14025BDR2G Datasheet HTML 9Page - ON Semiconductor MC14025BDR2G Datasheet HTML 10Page - ON Semiconductor MC14025BDR2G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MC14001B Series
http://onsemi.com
7
TYPICAL B−SERIES GATE CHARACTERISTICS (cont’d)
VOLTAGE TRANSFER CHARACTERISTICS
Figure 8. VDD = 5.0 Vdc
Figure 9. VDD = 10 Vdc
1.0
3.0
5.0
4.0
2.0
0
1.0
3.0
5.0
4.0
2.0
0
0
0
Vin, INPUT VOLTAGE (Vdc)
SINGLE INPUT NAND, AND
MULTIPLE INPUT NOR, OR
SINGLE INPUT NOR, OR
MULTIPLE INPUT NAND, AND
SINGLE INPUT NAND, AND
MULTIPLE INPUT NOR, OR
SINGLE INPUT NOR, OR
MULTIPLE INPUT NAND, AND
2.0
6.0
10
8.0
4.0
2.0
6.0
10
8.0
4.0
Vin, INPUT VOLTAGE (Vdc)
Figure 10. VDD = 15 Vdc
0
0
SINGLE INPUT NAND, AND
MULTIPLE INPUT NOR, OR
SINGLE INPUT NOR, OR
MULTIPLE INPUT NAND, AND
2.0
6.0
10
8.0
4.0
2.0
6.0
10
8.0
4.0
Vin, INPUT VOLTAGE (Vdc)
12
14
16
DC NOISE MARGIN
The DC noise margin is defined as the input voltage range
from an ideal “1” or “0” input level which does not produce
output state change(s). The typical and guaranteed limit
values of the input values VIL and VIH for the output(s) to
be at a fixed voltage VO are given in the Electrical
Characteristics table. VIL and VIH are presented graphically
in Figure 11.
Guaranteed minimum noise margins for both the “1” and
“0” levels =
1.0 V with a 5.0 V supply
2.0 V with a 10.0 V supply
2.5 V with a 15.0 V supply
Figure 11. DC Noise Immunity
Vout
VO
VO
VIL
0
VIH
Vin
VDD
VDD
Vout
VO
VO
VIL
0
VIH
Vin
VDD
VDD
(a) Inverting Function
(b) Non−Inverting Function
VSS = 0 VOLTS DC


Podobny numer części - MC14025BDR2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14025BDR2G ONSEMI-MC14025BDR2G Datasheet
171Kb / 14P
   B-Suffix Series CMOS Gates
October, 2006 ??Rev. 6
MC14025BDR2G ONSEMI-MC14025BDR2G Datasheet
135Kb / 11P
   B-Suffix Series CMOS Gates
July, 2014 ??Rev. 11
More results

Podobny opis - MC14025BDR2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14011BDG ONSEMI-MC14011BDG Datasheet
164Kb / 12P
   B-Suffix Series CMOS Gates
April, 2013 ??Rev. 10
MC14001B ONSEMI-MC14001B Datasheet
261Kb / 12P
   B-Suffix Series CMOS Gates
February, 2005 ??Rev. 4
MC14001B ONSEMI-MC14001B_14 Datasheet
135Kb / 11P
   B-Suffix Series CMOS Gates
July, 2014 ??Rev. 11
MC14012B ONSEMI-MC14012B Datasheet
177Kb / 8P
   B-Suffix Series CMOS Gates
April, 2000 ??Rev. 3
MC14001BDG ONSEMI-MC14001BDG Datasheet
171Kb / 14P
   B-Suffix Series CMOS Gates
October, 2006 ??Rev. 6
logo
Motorola, Inc
MC14001 MOTOROLA-MC14001 Datasheet
327Kb / 11P
   B-Suffix Series CMOS Gates
logo
ON Semiconductor
MC14001UB ONSEMI-MC14001UB Datasheet
216Kb / 8P
   UB-Suffix Series CMOS Gates
February, 2005 ??Rev. 5
MC14001UB ONSEMI-MC14001UB_09 Datasheet
194Kb / 7P
   UB-Suffix Series CMOS Gates
September, 2009 ??Rev. 7
MC14001UB ONSEMI-MC14001UB_14 Datasheet
144Kb / 6P
   UB-Suffix Series CMOS Gates
July, 2014 ??Rev. 10
MC14001B ONSEMI-MC14001B_06 Datasheet
195Kb / 14P
   B?뭆uffix Series CMOS Gates
October, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com