Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CX2024ANL Arkusz danych(PDF) 2 Page - Pulse A Technitrol Company

Numer części CX2024ANL
Szczegółowy opis  RF Balun Transformers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PULSE [Pulse A Technitrol Company]
Strona internetowa  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

CX2024ANL Arkusz danych(HTML) 2 Page - Pulse A Technitrol Company

  CX2024ANL Datasheet HTML 1Page - Pulse A Technitrol Company CX2024ANL Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
pulseelectronics.com
RF Balun Transformers
For Wideband RF Applications
C217.C (05/12)
Application Notes
Notes from Tables
For More Information
A. Bandwidth specifications for
CX2024, CX2024A and
CX2149 are for a 75 Ω system.
B. Materials used in the products are UL94-V0 recognized.
Products meet requirements of IEC 695-2-2 (Needle
Flame Test).
C. For additional impedance ratios and frequency ranges,
please contact Applications Engineering.
D. Pick and place operation: smooth upper surface of
device allows automatic pick and place.
1. Impedance and turns ratios are specified primary
:secondary.
2. These transformers are verified to operate from -40�C
to +85�C. Contact Applications Engineering for
performance data.
Pulse Worldwide
Headquarters
12220 World Trade Drive
San Diego, CA
92128
U.S.A.
Tel: 858 674 8100
Fax: 858 674 8262
Pulse Europe
Einsteinstrasse 1
D-71083 Herren-
berg
Germany
Tel: 49 7032 78060
Fax: 49 7032 7806 135
Pulse China Headquarters
B402, Shenzhen Academy of
Aerospace Technol-
ogy Bldg.
10th Kejinan Road
High-Tech Zone
Nanshan District
Shenzen, PR China
518057
Tel: 86 755 33966678
Fax: 86 755 33966700
Pulse North China
Room 2704/2705
Super Ocean Finance
Ctr.
2067 Yan An Road
West
Shanghai 200336
China
Tel: 86 21 62787060
Fax: 86 2162786973
Pulse South Asia
135 Joo Seng Road
#03-02
PM Industrial Bldg.
Singapore 368363
Tel: 65 6287 8998
Fax: 65 6287 8998
Pulse North Asia
3F, No. 198
Zhongyuan Road
Zhongli City
Taoyuan County 320
Taiwan R. O. C.
Tel: 886 3 4356768
Fax: 886 3 4356823 (Pulse)
Fax: 886 3 4356820 (FRE)
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product names mentioned herein may be
trademarks or registered trademarks of their respective owners. © Copyright, 2012. Pulse Electronics, Inc. All rights reserved.


Podobny numer części - CX2024ANL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pulse A Technitrol Comp...
CX2024ANL PULSE-CX2024ANL Datasheet
643Kb / 2P
   Low cost construction
More results

Podobny opis - CX2024ANL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MPS Industries, Inc.
R35040 MPSIND-R35040 Datasheet
521Kb / 2P
   RF & BALUN TRANSFORMERS
logo
EPCOS
B78408A1208A003 EPCOS-B78408A1208A003 Datasheet
88Kb / 4P
   RF transformers Balun
B78408A1246A003 EPCOS-B78408A1246A003 Datasheet
88Kb / 4P
   RF transformers Balun
logo
MPS Industries, Inc.
R36570 MPSIND-R36570 Datasheet
519Kb / 2P
   RF & BALUN TRANSFORMERS
logo
EPCOS
B78408A1243A003 EPCOS-B78408A1243A003 Datasheet
88Kb / 4P
   RF transformers Balun
logo
Abracon Corporation
ABT-4-XXX ABRACON-ABT-4-XXX Datasheet
139Kb / 1P
   WIDE BAND, RF AND BALUN TRANSFORMERS
ABT3 ABRACON-ABT3 Datasheet
126Kb / 1P
   WIDE BAND, RF AND BALUN TRANSFORMERS
ABT-6-XXX ABRACON-ABT-6-XXX Datasheet
142Kb / 1P
   WIDE BAND, RF AND BALUN TRANSFORMERS
ABT-2-XXX ABRACON-ABT-2-XXX Datasheet
147Kb / 1P
   WIDE BAND, RF AND BALUN TRANSFORMERS
ABT-7-XXX ABRACON-ABT-7-XXX Datasheet
141Kb / 1P
   WIDE BAND, RF AND BALUN TRANSFORMERS
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com