Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD12C Arkusz danych(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Numer części SD12C
Szczegółowy opis  Single Line TVS Diode for ESD
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BILIN [Galaxy Semi-Conductor Holdings Limited]
Strona internetowa  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SD12C Arkusz danych(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  SD12C Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SD12C Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SD12C Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited SD12C Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited SD12C Datasheet HTML 5Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Production specification
Single Line TVS Diode for ESD
SD05C-24C
B027
www.gmicroelec.com
Rev.A
1
FEATURES
350 Watts peak pulse power (tp=8/20μs)
Protects one I/O or power line
Low clamping voltage
Working voltage:5V,12V,15V,24V
Low leakage current
Solid-state silicon avalanche technology
SOD-323
APPLICATIONS
Cell Phone Handsets and Accessories
Microprocessor based equipment
Portable Instrumentation
ORDERING INFORMATION
Type No.
Marking
Package Code
SD05C
05C
SOD-323
SD12C
6/6
SOD-323
SD15C
7/7
SOD-323
SD24C
8/8
SOD-323
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Limits
Unit
Peak pulse power(tp=8/20μs)
Ppk
350
W
Peak pulse current(tp=8/20μs)
IPP
24
A
ESD voltage(HBM waveform per IEC 6100-4-2)
VPP
30
kV
Lead soldering temperature
TL
260 (10 sec.)
Operating temperature
Tj
-55 to+125
Storage temperature
TSTG
-55 to+150
Pb
Lead-free


Podobny numer części - SD12C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Semtech Corporation
SD12C SEMTECH-SD12C Datasheet
143Kb / 7P
   Single Line TVS Diode for ESD Protection in Portable Electronics?
logo
Shanghai Leiditech Elec...
SD12C LEIDITECH-SD12C Datasheet
125Kb / 3P
   Set-top box and digital TV
logo
Shanghai Semitech Semic...
SD12C SEMITECH-SD12C Datasheet
126Kb / 3P
   Unidirectional Configurations
logo
Thinki Semiconductor Co...
SD12C THINKISEMI-SD12C Datasheet
903Kb / 5P
   350W Discrete Bi-directional Surface Mount TVS Diode for ESD
logo
SHIKUES Electronics
SD12C SKTECHNOLGY-SD12C Datasheet
709Kb / 3P
   Bidirectional TVS Diodes
More results

Podobny opis - SD12C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nanjing International G...
ZX0524P DGNJDZ-ZX0524P Datasheet
1Mb / 4P
   Single Line TVS Diode for ESD
NJ0521L DGNJDZ-NJ0521L Datasheet
2Mb / 4P
   Single Line TVS Diode for ESD
NJ0311T DGNJDZ-NJ0311T Datasheet
2Mb / 4P
   Single Line TVS Diode for ESD
NJ0524P DGNJDZ-NJ0524P Datasheet
1Mb / 4P
   Single Line TVS Diode for ESD
logo
KEC(Korea Electronics)
PG05HSUSC KEC-PG05HSUSC Datasheet
36Kb / 2P
   Single Line TVS Diode for ESD
logo
Nanjing International G...
NJ1211L DGNJDZ-NJ1211L Datasheet
2Mb / 4P
   Single Line TVS Diode for ESD
logo
KEC(Korea Electronics)
PG48FSUSC KEC-PG48FSUSC Datasheet
126Kb / 3P
   Single Line TVS Diode for ESD
logo
Nanjing International G...
SD03MC DGNJDZ-SD03MC Datasheet
909Kb / 5P
   Single Line TVS Diode for ESD
NJ0511L3 DGNJDZ-NJ0511L3 Datasheet
2Mb / 4P
   Single Line TVS Diode for ESD
NJ2411L DGNJDZ-NJ2411L Datasheet
2Mb / 4P
   Single Line TVS Diode for ESD
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com