Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10EP11DTR2 Arkusz danych(PDF) 3 Page - ON Semiconductor

Numer części MC10EP11DTR2
Szczegółowy opis  3.3V / 5V ECL 1:2 Differential Fanout Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP11DTR2 Arkusz danych(HTML) 3 Page - ON Semiconductor

  MC10EP11DTR2 Datasheet HTML 1Page - ON Semiconductor MC10EP11DTR2 Datasheet HTML 2Page - ON Semiconductor MC10EP11DTR2 Datasheet HTML 3Page - ON Semiconductor MC10EP11DTR2 Datasheet HTML 4Page - ON Semiconductor MC10EP11DTR2 Datasheet HTML 5Page - ON Semiconductor MC10EP11DTR2 Datasheet HTML 6Page - ON Semiconductor MC10EP11DTR2 Datasheet HTML 7Page - ON Semiconductor MC10EP11DTR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC10EP11, MC100EP11
http://onsemi.com
3
10EP DC CHARACTERISTICS, PECL VCC = 3.3 V, VEE = 0 V (Note 3)
−40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Negative Power Supply Current
20
29
37
20
30
39
22
31
40
mA
VOH
Output HIGH Voltage (Note 4)
2165
2290
2415
2230
2355
2480
2290
2415
2540
mV
VOL
Output LOW Voltage (Note 4)
1365
1490
1615
1430
1555
1680
1490
1615
1740
mV
VIH
Input HIGH Voltage (Single−Ended)
2090
2415
2155
2480
2215
2540
mV
VIL
Input LOW Voltage (Single−Ended)
1365
1690
1430
1755
1490
1815
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential Configuration) (Note 5)
2.0
3.3
2.0
3.3
2.0
3.3
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
D
D
0.5
−150
0.5
−150
0.5
−150
mA
NOTE:
EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.
The circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500 lfpm is maintained.
3. Input and output parameters vary 1:1 with VCC. VEE can vary +0.3 V to −2.2 V.
4. All loading with 50
W to VCC − 2.0 V.
5. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differen-
tial input signal.
10EP DC CHARACTERISTICS, PECL VCC = 5.0 V, VEE = 0 V (Note 6)
−40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Negative Power Supply Current
20
29
37
20
30
39
22
31
40
mA
VOH
Output HIGH Voltage (Note 7)
3865
3990
4115
3930
4055
4180
3990
4115
4240
mV
VOL
Output LOW Voltage (Note 7)
3065
3190
3315
3130
3255
3380
3190
3315
3440
mV
VIH
Input HIGH Voltage (Single−Ended)
3790
4115
3855
4180
3915
4240
mV
VIL
Input LOW Voltage (Single−Ended)
3065
3390
3130
3455
3190
3515
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential Configuration) (Note 8)
2.0
5.0
2.0
5.0
2.0
5.0
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
D
D
0.5
−150
0.5
−150
0.5
−150
mA
NOTE:
EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.
The circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500 lfpm is maintained.
6. Input and output parameters vary 1:1 with VCC. VEE can vary +2.0 V to −0.5 V.
7. All loading with 50
W to VCC − 2.0 V.
8. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differen-
tial input signal.
10EP DC CHARACTERISTICS, NECL VCC = 0 V; VEE = −5.5 V to −3.0 V (Note 9)
−40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Negative Power Supply Current
20
29
37
20
30
39
22
31
40
mA
VOH
Output HIGH Voltage (Note 10)
−1135
−1010
−885
−1070
−945
−820
−1010
−885
−760
mV
VOL
Output LOW Voltage (Note 10)
−1935
−1810
−1685
−1870
−1745
−1620
−1810
−1685
−1560
mV
VIH
Input HIGH Voltage (Single−Ended)
−1210
−885
−1145
−820
−1085
−760
mV
VIL
Input LOW Voltage (Single−Ended)
−1935
−1610
−1870
−1545
−1810
−1485
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential Configuration)
(Note 11)
VEE+2.0
0.0
VEE+2.0
0.0
VEE+2.0
0.0
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
D
D
0.5
−150
0.5
−150
0.5
−150
mA
NOTE:
EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.
The circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500 lfpm is maintained.
9. Input and output parameters vary 1:1 with VCC.
10. All loading with 50
W to VCC − 2.0 V.
11. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differen-
tial input signal.


Podobny numer części - MC10EP11DTR2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10EP11DTR2 ONSEMI-MC10EP11DTR2 Datasheet
163Kb / 11P
   3.3V / 5V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 8
MC10EP11DTR2G ONSEMI-MC10EP11DTR2G Datasheet
163Kb / 11P
   3.3V / 5V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 8
MC10EP11DTR2G ONSEMI-MC10EP11DTR2G Datasheet
191Kb / 12P
   ECL 1:2 Differential Fanout Buffer
July, 2016 ??Rev. 11
More results

Podobny opis - MC10EP11DTR2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10EP11 ONSEMI-MC10EP11_06 Datasheet
163Kb / 11P
   3.3V / 5V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 8
logo
Fairchild Semiconductor
100EL11 FAIRCHILD-100EL11 Datasheet
130Kb / 5P
   5V ECL 1:2 Differential Fanout Buffer
logo
ON Semiconductor
MC100LVEL11 ONSEMI-MC100LVEL11_06 Datasheet
141Kb / 8P
   3.3V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 8
logo
Fairchild Semiconductor
100LVEL11 FAIRCHILD-100LVEL11 Datasheet
131Kb / 6P
   3.3V ECL 1:2 Differential Fanout Buffer
logo
Micrel Semiconductor
SY10EL11V MICREL-SY10EL11V Datasheet
52Kb / 5P
   5V/3.3V 1:2 DIFFERENTIAL FANOUT BUFFER
SY10EL11 MICREL-SY10EL11 Datasheet
59Kb / 5P
   5V/3.3V 1:2 DIFFERENTIAL FANOUT BUFFER
SY10EL11V MICREL-SY10EL11V_14 Datasheet
289Kb / 10P
   5V/3.3V 1:2 Differential Fanout Buffer
SY89311U MICREL-SY89311U_06 Datasheet
474Kb / 6P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY89311U MICREL-SY89311U_14 Datasheet
309Kb / 10P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY89311U MICREL-SY89311U Datasheet
49Kb / 6P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com