Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HCPL-0810 Arkusz danych(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Numer części HCPL-0810
Szczegółowy opis  High Current Line Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Strona internetowa  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-0810 Arkusz danych(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-0810 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-0810 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-0810 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-0810 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-0810 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-0810 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-0810 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-0810 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-0810 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Connection Diagram
Description
The HCPL-8100 and HCPL-0810 are low-cost high current
line drivers. With a 5 V single supply, they deliver up to 1
APP current. This is ideal for high current applications such
as a Powerline modem.
The HCPL-8100 and HCPL-0810 are internally protected
against over-temperature conditions through thermal
shutdown. Under-voltage or over-load condition is sensed
by internal detection circuit and indicated by Status pin
output. In addition, with the transmit enable (Tx-en) input,
the line driver output stage can be disabled to reduce
power dissipation when not operating.
The HCPL-8100 and HCPL-0810 are specified for
operation over extended temperature range from
-40°C to +85°C. The HCPL-8100 is available in DIP-8
package, and the HCPL-0810 is available in SO-8 package.
PLM
Transceiver
STATUS
TX -EN
TX
Filter
HCPL-8100/0810
1
2
3
4
5
6
7
8
Status
Tx -en
Tx -in
R ref
GND
GND
V CC
Tx -out
N
L
5 V
HCPL-8100/0810
High Current Line Driver
Data Sheet
Features
• 1 APP driving current
• 3.5 MHz gain bandwidth product
• - 60 dB maximum harmonic distortion
• Load detection function
• Under-voltage detection
• Over-temperature shutdown
• 5 V single supply
• Temperature range: -40°C to +85°C
• Suitable for FCC Part 15 and EN50065-1 compliant de-
sign
Applications
• Automatic meter reading (AMR)
• Powerline modem
• General purpose line driver
• Signal conditioning
• Digital-to-analog converter buffers
CAUTION: It is advised that normal static precautions be taken in handling and assembly
of this component to prevent damage and /or degradation which may be induced by ESD.
Lead (Pb) Free
RoHS 6 fully
compliant
RoHS 6 fully compliant options available;
-xxxE denotes a lead-free product


Podobny numer części - HCPL-0810

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
HCPL-0810 HP-HCPL-0810 Datasheet
266Kb / 11P
   High Current Line Driver
HCPL-0810-500 HP-HCPL-0810-500 Datasheet
266Kb / 11P
   High Current Line Driver
More results

Podobny opis - HCPL-0810

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
HCPL-8100 HP-HCPL-8100 Datasheet
266Kb / 11P
   High Current Line Driver
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-0820 AVAGO-ACPL-0820 Datasheet
390Kb / 10P
   High Current Dual Line-Driver IC 1.5 APP driving current
logo
Analog Devices
AD8016 AD-AD8016_15 Datasheet
707Kb / 21P
   Low Power, High Output Current xDSL Line Driver
REV. C
AD8016 AD-AD8016 Datasheet
569Kb / 20P
   Low Power, High Output Current xDSL Line Driver
REV. A
AD8016 AD-AD8016_03 Datasheet
369Kb / 20P
   Low Power, High Output Current xDSL Line Driver
REV. B
logo
Maxim Integrated Produc...
MAX44211 MAXIM-MAX44211_V01 Datasheet
653Kb / 15P
   High-Current Differential Line Driver for Powerline Communications
2017
MAX4147 MAXIM-MAX4147 Datasheet
81Kb / 8P
   300MHz, Low-Power, High-Output-Current, Differential Line Driver
Rev 1; 11/96
logo
Analog Devices
ADA4312-1 AD-ADA4312-1 Datasheet
578Kb / 13P
   Wideband, Differential, High Output Current Line Driver with Shutdown
ADA4312-1 AD-ADA4312-1_17 Datasheet
441Kb / 12P
   Wideband, Differential, High Output Current Line Driver with Shutdown
logo
Maxim Integrated Produc...
MAX4142 MAXIM-MAX4142 Datasheet
120Kb / 12P
   250MHz, Low-Power, High-Output-Current, Differential Line Driver
Rev 0; 7/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com