Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HCPL-0810 Arkusz danych(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Numer części HCPL-0810
Szczegółowy opis  High Current Line Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Strona internetowa  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-0810 Arkusz danych(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-0810 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-0810 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-0810 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-0810 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-0810 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-0810 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-0810 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-0810 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-0810 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Package Outline Drawings
HCPL-8100 Standard 8-pin DIP package
DIMENSIONS IN MILLIMETERS AND (INCHES)
HCPL-0810 Small Outline SO-8 Package
9.50 0.05
(0.374 0.002)
1.524 (0.060) MAX.
1.19 (0.047) MAX.
A 8100
YYWW
DATE CODE
1.094 0.320
(0.037 0.013)
2.54 0.25
(0.100 0.010)
0.381 (0.015) MIN.
0.555 (0.022) MAX.
3.92 (0.155) MAX.
3.05 (0.120) MIN.
5
6
7
8
4
3
2
1
5˚ TYP.
0.20 (0.008)
0.35 (0.014)
7.87 0.25
(0.310 0.010)
6.62 0.05
(0.260 0.002)
±
±
±
±
±
±
±
±
±
±
DIMENSIONS IN MILLIMETERS AND (INCHES)


Podobny numer części - HCPL-0810

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
HCPL-0810 HP-HCPL-0810 Datasheet
266Kb / 11P
   High Current Line Driver
HCPL-0810-500 HP-HCPL-0810-500 Datasheet
266Kb / 11P
   High Current Line Driver
More results

Podobny opis - HCPL-0810

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
HCPL-8100 HP-HCPL-8100 Datasheet
266Kb / 11P
   High Current Line Driver
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-0820 AVAGO-ACPL-0820 Datasheet
390Kb / 10P
   High Current Dual Line-Driver IC 1.5 APP driving current
logo
Analog Devices
AD8016 AD-AD8016_15 Datasheet
707Kb / 21P
   Low Power, High Output Current xDSL Line Driver
REV. C
AD8016 AD-AD8016 Datasheet
569Kb / 20P
   Low Power, High Output Current xDSL Line Driver
REV. A
AD8016 AD-AD8016_03 Datasheet
369Kb / 20P
   Low Power, High Output Current xDSL Line Driver
REV. B
logo
Maxim Integrated Produc...
MAX44211 MAXIM-MAX44211_V01 Datasheet
653Kb / 15P
   High-Current Differential Line Driver for Powerline Communications
2017
MAX4147 MAXIM-MAX4147 Datasheet
81Kb / 8P
   300MHz, Low-Power, High-Output-Current, Differential Line Driver
Rev 1; 11/96
logo
Analog Devices
ADA4312-1 AD-ADA4312-1 Datasheet
578Kb / 13P
   Wideband, Differential, High Output Current Line Driver with Shutdown
ADA4312-1 AD-ADA4312-1_17 Datasheet
441Kb / 12P
   Wideband, Differential, High Output Current Line Driver with Shutdown
logo
Maxim Integrated Produc...
MAX4142 MAXIM-MAX4142 Datasheet
120Kb / 12P
   250MHz, Low-Power, High-Output-Current, Differential Line Driver
Rev 0; 7/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com