Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HLMP-ED80 Arkusz danych(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Numer części HLMP-ED80
Szczegółowy opis  Radiometrically Tested AlInGaP II LED Lamps for Sensor-Based Applications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Strona internetowa  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-ED80 Arkusz danych(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-ED80 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-ED80 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-ED80 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-ED80 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-ED80 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-ED80 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-ED80 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-ED80 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-ED80 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Features
•  Characterized by radiometric intensity
•  High optical power output
•  Extremely long useful life
•  Low power consumption
•  Well defined spatial radiation patterns
•  639 nmPEAK red color
•  30° viewing angle
•  High operating temperature: TjLEd = +130°C
•  Superior resistance to moisture
•  Suitable for outdoor use
Applications
•  Photo sensor stimulus
•  Infrared emitter replacement
•  Solid state optical mouse sensors
•  Surface imaging sensors
•  Optical position and motion sensors
•  Human interface devices
•  Computer printer dot quality control
•  Battery powered systems
Benefits
•  Radiometric LEd characterization decreases system 
variability
•  Improved system reliability
•  Visual styling
•  Visible color for improved application safety
•  On/off indication
•  Suitable for a variety of sensor-based applications
Description
Radiometrically  Tested  Precision  Optical  Performance 
AlInGaP  II  (aluminum  indium  gallium  phosphide)  LEds 
offer increased sensor-based application design flexibility. 
High-resolution radiometric intensity bins (mW/sr) enable 
customers to precisely match LEd lamp performance with 
sensor functionality.
Visible LEds offer new styling alternatives — light can be 
leveraged  to  develop  more  attractive  products.  In  com-
parison to invisible infrared sources, safety concerns are 
significantly  improved  by  the  human  autonomic  pupil 
response and reflexive movement away from bright light. 
Visible LEds further indidcate system on/off status.
The AlInGaP II technology provides extremely stable light 
output  over  very  long  periods  of  time,  with  low  power 
consumption. 
These  lamps  are  made  with  an  advanced  optical  grade 
epoxy  system  offering  superior  high  temperature  and 
moisture resistance performance in outdoor systems. The 
epoxy contains both uv-a and uv-b inhibitors to reduce the 
effects of long term exposure to direct sunlight.
Please  contact  your  Avago Technologies  Representative 
for more information and design for manufacture advice. 
Application Brief I-024 Pulsed Operating Ranges for AlInGaP
LEDs vs. Projected Long Term Light Output Performance and 
other application information is available at: www.avago-
tech.com/go/led_lamps.
HLMP-ED80
Radiometrically Tested AlInGaP II LED Lamps
for Sensor-Based Applications
Data Sheet


Podobny numer części - HLMP-ED80

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
HLMP-ED80 HP-HLMP-ED80 Datasheet
203Kb / 12P
   Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-ED80-PS000 AVAGO-HLMP-ED80-PS000 Datasheet
620Kb / 14P
   Wireless USB Optical Mouse Designer?셲 Kit
logo
Broadcom Corporation.
HLMP-ED80-PS000 BOARDCOM-HLMP-ED80-PS000 Datasheet
620Kb / 14P
   Wireless USB Optical Mouse Designer?셲 Kit
HLMP-ED80-XX000 BOARDCOM-HLMP-ED80-XX000 Datasheet
108Kb / 1P
   Optical Mouse Sensor
HLMP-ED80-XX000 BOARDCOM-HLMP-ED80-XX000 Datasheet
112Kb / 3P
   Optical Mouse Designer?셲 Kit
More results

Podobny opis - HLMP-ED80

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EG2E AVAGO-HLMP-EG2E Datasheet
163Kb / 8P
   Radiometrically Tested AlInGaP LED Lamps for Sensor- Based Applications
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX Datasheet
280Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-ED16-WZ0DD AVAGO-HLMP-ED16-WZ0DD Datasheet
342Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
logo
Unity Opto Technology
MVL-514SO UOT-MVL-514SO Datasheet
37Kb / 2P
   Performance AlInGaP LED Lamps
MVL-324UYL UOT-MVL-324UYL Datasheet
40Kb / 2P
   HIGH POWER AlInGaP LED Lamps
MVL-504UOL UOT-MVL-504UOL Datasheet
38Kb / 2P
   HIGH POWER AlInGaP LED LAMPs
MVL-514TUYL UOT-MVL-514TUYL Datasheet
39Kb / 2P
   High Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-WLXX HP-HLMP-WLXX Datasheet
162Kb / 7P
   High Intensity AlInGaP LED Lamps
logo
Unity Opto Technology
MVL-504SO UOT-MVL-504SO Datasheet
39Kb / 2P
   HIGH POWER AlInGaP LED LAMPs
MVL-504UYL UOT-MVL-504UYL Datasheet
39Kb / 2P
   HIGH POWER AlInGaP LED LAMPs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com