Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HLMP-HG74 Arkusz danych(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Numer części HLMP-HG74
Szczegółowy opis  Well defined spatial radiation pattern
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Strona internetowa  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-HG74 Arkusz danych(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-HG74 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-HG74 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-HG74 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-HG74 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-HG74 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-HG74 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-HG74 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-HG74 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-HG74 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Avago Technologies
- 5 -
HLMP-HG74/75, HLMP-HM74/75, HLMP-HB74/75
Data Sheet
Electrical/Optical Characteristics at TJ = 25 °C
Electrical/Optical Characteristics at TJ = 25 °C
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Forward Voltage
Red
Green
Blue
VF
1.8
2.8
2.8
2.1
3.2
3.2
2.4
3.8
3.8
VIF = 20 mA
Reverse Voltagea
Red
Green and Blue
a.
Indicates product final testing condition. Long term reverse bias is not recommended.
VR
5
5
V
IR = 100 μA
IR = 10 μA
Dominant Wavelengthb
Red
Green
Blue
b.
The dominant wavelength is derived from the chromaticity diagram and represents the color of the lamp.
d
618
523
464
626
530
470
630
535
476
nm
IF = 20 mA
Peak Wavelength
Red
Green
Blue
PEAK
634
521
464
nm
Peak of Wavelength of Spectral
Distribution at IF = 20 mA
Thermal Resistance
R
J-PIN
240
°C/W
LED Junction-to-Pin
Luminous Efficacyc
Red
Green
Blue
c.
The radiant intensity, Ie in watts per steradian, may be found from the equation Ie = IV/V where IV is the luminous intensity in candelas and V is the luminous
efficacy in lumens/watt.
V
218
538
65
lm/W
Emitted Luminous Power/Emitted Radiant
Power


Podobny numer części - HLMP-HG74

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HG70 AVAGO-HLMP-HG70 Datasheet
1Mb / 13P
   5mm Standard Oval Red and Amber LEDs
HLMP-HG71 AVAGO-HLMP-HG71 Datasheet
1Mb / 13P
   5mm Standard Oval Red and Amber LEDs
More results

Podobny opis - HLMP-HG74

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
ALMD-LG37 AVAGO-ALMD-LG37 Datasheet
710Kb / 12P
   Well defined spatial radiation pattern
ALMD-LL36 AVAGO-ALMD-LL36 Datasheet
1Mb / 14P
   Well-defined spatial radiation pattern
HLMP-EJ37-R0PDD AVAGO-HLMP-EJ37-R0PDD Datasheet
71Kb / 4P
   Well defined Spatial radiation Patterns
HLMP-AG74 AVAGO-HLMP-AG74 Datasheet
214Kb / 11P
   Well defi ned spatial radiation pattern
logo
STANLEY ELECTRIC CO.,LT...
THB3801C STANLEY-THB3801C Datasheet
477Kb / 19P
   Spatial distribution
FKR3863X STANLEY-FKR3863X Datasheet
444Kb / 20P
   Narrow spatial distribution
logo
List of Unclassifed Man...
LG5804B ETC2-LG5804B Datasheet
45Kb / 1P
   Spatial Distribution
logo
STANLEY ELECTRIC CO.,LT...
THB3809X STANLEY-THB3809X Datasheet
487Kb / 19P
   Wide spatial distribution
LB3803X STANLEY-LB3803X Datasheet
44Kb / 1P
   LB.L G3803X Spatial Distribution
logo
Taoglas antenna solutio...
OMB.450.B03F21 TAOGLAS-OMB.450.B03F21 Datasheet
882Kb / 12P
   Omni-Directional Radiation Pattern
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com