Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HLMP-HB75 Arkusz danych(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Numer części HLMP-HB75
Szczegółowy opis  Well defined spatial radiation pattern
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Strona internetowa  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-HB75 Arkusz danych(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-HB75 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB75 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB75 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB75 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB75 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB75 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB75 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB75 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB75 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Avago Technologies
- 4 -
HLMP-HG74/75, HLMP-HM74/75, HLMP-HB74/75
Data Sheet
Part Numbering System
Part Numbering System
Absolute Maximum Ratings at TJ = 25 °C
Parameter
Red
Green/Blue
Unit
DC Forward Currenta
a.
Derate linearly as shown in Figure 4 and Figure 8.
50
30
mA
Peak Forward Current
100b
b.
Duty Factor 30%, frequency 1 KHz.
100c
c.
Duty Factor 10%, frequency 1 KHz.
mA
Power Dissipation
120
114
mW
LED Junction Temperature
130
110
°C
Operating Temperature Range
–40 to +100
–40 to +85
°C
Storage Temperature Range
–40 to +100
°C
Packaging Option
DD: Ammopack
Color Bin Selection
0 : Full Distribution
B : Color Bin 2 & 3
C : Color Bin 3 & 4
Maximum Intensity Bin
Refer to Device Selection Guide
Minimum Intensity Bin
Refer to Device Selection Guide
Standoff/Non Standoff
74: Non Standoff
75: Standoff
Color
G : Red
M : Green
B : Blue
Package
H: 5 mm Standard Oval 40° x 100°
HLMP – H x xx – x x x xx


Podobny numer części - HLMP-HB75

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HB70 AVAGO-HLMP-HB70 Datasheet
1Mb / 11P
   Green and Blue 5mm Standard Oval LEDs
HLMP-HB70-TVBDD AVAGO-HLMP-HB70-TVBDD Datasheet
1Mb / 11P
   Green and Blue 5mm Standard Oval LEDs
HLMP-HB70-TVCDD AVAGO-HLMP-HB70-TVCDD Datasheet
1Mb / 11P
   Green and Blue 5mm Standard Oval LEDs
HLMP-HB71 AVAGO-HLMP-HB71 Datasheet
1Mb / 11P
   Green and Blue 5mm Standard Oval LEDs
HLMP-HB71-TVBDD AVAGO-HLMP-HB71-TVBDD Datasheet
1Mb / 11P
   Green and Blue 5mm Standard Oval LEDs
More results

Podobny opis - HLMP-HB75

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
ALMD-LG37 AVAGO-ALMD-LG37 Datasheet
710Kb / 12P
   Well defined spatial radiation pattern
ALMD-LL36 AVAGO-ALMD-LL36 Datasheet
1Mb / 14P
   Well-defined spatial radiation pattern
HLMP-EJ37-R0PDD AVAGO-HLMP-EJ37-R0PDD Datasheet
71Kb / 4P
   Well defined Spatial radiation Patterns
HLMP-AG74 AVAGO-HLMP-AG74 Datasheet
214Kb / 11P
   Well defi ned spatial radiation pattern
logo
STANLEY ELECTRIC CO.,LT...
THB3801C STANLEY-THB3801C Datasheet
477Kb / 19P
   Spatial distribution
FKR3863X STANLEY-FKR3863X Datasheet
444Kb / 20P
   Narrow spatial distribution
logo
List of Unclassifed Man...
LG5804B ETC2-LG5804B Datasheet
45Kb / 1P
   Spatial Distribution
logo
STANLEY ELECTRIC CO.,LT...
THB3809X STANLEY-THB3809X Datasheet
487Kb / 19P
   Wide spatial distribution
LB3803X STANLEY-LB3803X Datasheet
44Kb / 1P
   LB.L G3803X Spatial Distribution
logo
Taoglas antenna solutio...
OMB.450.B03F21 TAOGLAS-OMB.450.B03F21 Datasheet
882Kb / 12P
   Omni-Directional Radiation Pattern
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com