Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HLMP-LB75 Arkusz danych(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Numer części HLMP-LB75
Szczegółowy opis  Red, Green and Blue 4 mm Standard Oval LEDs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Strona internetowa  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-LB75 Arkusz danych(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-LB75 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-LB75 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-LB75 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-LB75 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-LB75 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-LB75 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-LB75 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-LB75 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-LB75 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
Figure 10. Radiation pattern-Major Axis
Figure11. Radiation pattern-Minor Axis
Intensity Bin Limit Table (1.2: 1 Iv Bin Ratio)
Bin
Intensity (mcd) at 20 mA
Min
Max
V
1150
1380
W
1380
1660
X
1660
1990
Y
1990
2400
Z
2400
2900
1
2900
3500
2
3500
4200
3
4200
5040
4
5040
6050
Tolerance for each bin limit is ±15%
Figure12. Relative Light Output vs Junction Temperature
Figure13. Forward Voltage Shift vs Junction Temperature
VF Bin Table (V at 20 mA)
Bin ID
Min
Max
VD
1.8
2.0
VA
2.0
2.2
VB
2.2
2.4
Notes:
1. Tolerance for each bin limit is ±0.05 V
2. VF binning only applicable to Red color.
0.0
0.2
0.4
0.6
0.8
1.0
-90
-60
-30
0
30
60
90
ANGULAR DISPALCEMENT (°)
0.0
0.2
0.4
0.6
0.8
1.0
-90
-60
-30
0
30
60
90
ANGULAR DISPALCEMENT (°)
0.1
1
10
-40
-20
0
20
40
60
80
100
120
140
TJ -JUNCTION TEMPERATURE
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
-40
-20
0
20
40
60
80
100 120
140
TJ -JUNCTION TEMPERATURE
Green
Red
Blue
Green
Red
Blue
LG75 Red
LM75
LB75
LG75 Red
LM75
LB75


Podobny numer części - HLMP-LB75

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-LB71 AVAGO-HLMP-LB71 Datasheet
292Kb / 11P
   Red, Green and Blue 4 mm Standard Oval LEDs
More results

Podobny opis - HLMP-LB75

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-LG71 AVAGO-HLMP-LG71 Datasheet
292Kb / 11P
   Red, Green and Blue 4 mm Standard Oval LEDs
HLMP-HD55 AVAGO-HLMP-HD55 Datasheet
333Kb / 12P
   Precision Optical Performance Red, Green and Blue 5 mm Standard Oval LEDs
HLMP-HD61 AVAGO-HLMP-HD61 Datasheet
272Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
HLMP-LD15 AVAGO-HLMP-LD15 Datasheet
428Kb / 12P
   Precision Optical Performance Red, Green and Blue 4mm Standard Oval LEDs
HLMP-HM70 AVAGO-HLMP-HM70 Datasheet
1Mb / 11P
   Green and Blue 5mm Standard Oval LEDs
HLMP-HG70 AVAGO-HLMP-HG70 Datasheet
1Mb / 13P
   5mm Standard Oval Red and Amber LEDs
HLMP-HG63 AVAGO-HLMP-HG63 Datasheet
449Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-LD63 AVAGO-HLMP-LD63 Datasheet
469Kb / 12P
   Precision Optical Performance Red, Green and Blue New 4mm Standard Oval LEDs
HLMP-HG64 AVAGO-HLMP-HG64 Datasheet
265Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG65 AVAGO-HLMP-HG65 Datasheet
884Kb / 14P
   Precision Optical Performance Red, Green, and Blue New 5mm Standard Oval LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com