Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

54-367-006 Arkusz danych(PDF) 8 Page - API Technologies Corp

Numer części 54-367-006
Szczegółowy opis  Hermetically Sealed Threaded Case Filters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  APITECH [API Technologies Corp]
Strona internetowa  http://www.apitech.com/
Logo APITECH - API Technologies Corp

54-367-006 Arkusz danych(HTML) 8 Page - API Technologies Corp

Back Button 54-367-006 Datasheet HTML 4Page - API Technologies Corp 54-367-006 Datasheet HTML 5Page - API Technologies Corp 54-367-006 Datasheet HTML 6Page - API Technologies Corp 54-367-006 Datasheet HTML 7Page - API Technologies Corp 54-367-006 Datasheet HTML 8Page - API Technologies Corp 54-367-006 Datasheet HTML 9Page - API Technologies Corp 54-367-006 Datasheet HTML 10Page - API Technologies Corp 54-367-006 Datasheet HTML 11Page - API Technologies Corp 54-367-006 Datasheet HTML 12Page - API Technologies Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
Hermetically Sealed
Threaded Case Filters
Thread length: A - 0.187 (4.76) B - 0.312 (7.92)
85°C
125°C
Rated Voltage
DC
AC
24
15
21
28
6
9
9
8
66
54
45
35
35
18
32
70
51
39
41
28
16
24
24
20
50
40
18
14
70
70
62
55
55
60
40
70
69
68
60
59
41
28
29
29
40
20
12
66
56
33
20
70
70
70
70
70
70
35
70
70
70
70
70
70
65
40
40
70
55
50
70
70
63
30
70
70
70
70
70
70
68
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
Minimum Insertion Loss (dB)
I
Amp
Min
Cap
µF
150
KHz
Part Number
SCI-2030-010
SCI-2030-004
SCI-2030-005
SCI-2030-006
SCI-2030-013
¦
9001-100-1080
¦
9001-100-1081
SCI-2130-009
51-311-319
¦
9001-100-1010
51-311-320
¦
9001-100-1013
51-311-321
¦
51-311-322
SCI-2130-007
SCI-2130-014
51-311-316
51-311-317
¦
9001-100-1025
SCI-2330-009
SCI-2330-010
SCI-2330-012
SCI-2330-007
Figure
300
KHz
1
MHz
10
MHz
100
MHz
1
GHz
30
KHz
2
2
2
2
2
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
0.50
1.00
2.00
3.00
3.00
5.00
10.0
0.25
0.50
0.50
1.00
1.00
3.00
5.00
10.0
10.0
1.00
3.00
5.00
0.25
0.50
2.00
10.0
1.500
1.500
1.500
1.500
1.500
2.800
2.800
1.000
1.000
1.000
1.000
1.000
1.000
1.000
1.000
1.000
0.300
0.300
0.300
0.300
0.300
0.300
0.300
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
80
70
70
70
70
80
80
80
80
80
80
80
150
150
150
150
150
150
150
150
150
250
250
250
300
300
300
300
50
50
50
50
50
50
50
100
100
100
100
100
100
100
100
100
200
200
200
300
300
300
300
125
125
125
125
125
125
125
125
125
125
125
125
125
125
DC
AC
MIL
No
Max
L
0.758
0.758
0.758
0.758
0.758
0.758
0.758
0.758
0.758
0.758
0.758
0.758
0.758
0.758
0.758
0.758
0.758
0.758
0.758
0.758
0.758
0.758
0.758
(19.253)
(19.253)
(19.253)
(19.253)
(19.253)
(19.253)
(19.253)
(19.253)
(19.253)
(19.253)
(19.253)
(19.253)
(19.253)
(19.253)
(19.253)
(19.253)
(19.253)
(19.253)
(19.253)
(19.253)
(19.253)
(19.253)
(19.253)
In
(mm)
DCR
Max
Ohms
1.000
0.250
0.063
0.027
0.027
0.015
0.005
4.000
0.600
0.600
0.250
0.250
0.060
0.015
0.003
0.005
0.250
0.050
0.015
4.000
1.000
0.063
0.003
Thd
Lgth
B
A
A
A
B
A
A
B
A
A
A
A
A
A
A
B
A
A
A
B
B
B
A
¦
Also available through API’s authorized distributors.
.200
(5.08)
.160
(4.064)
Max.
A/B
.115 Ref.
(2.921)
L
ø .385 Max.
(9.779)
1/4–28 Unf–2A Thd.
.050
(1.27) x .070 (1.78)
Slot, both ends
Figure 1
.200
(5.08)
Max.
.150
(3.81)
Max.
A/B
L
ø .385 Max.
(9.779)
.062
(1.52) ø Hole
Both ends
1/4–28 Unf–2A Thd.
.115 Ref.
(2.92)
Figure 2
.375 ø Pi Circuit
.375 ø Pi Circuit Standard Product
Dimensions in inches
(mm)
LP33


Podobny numer części - 54-367-006

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Spectrum Microwave, Inc...
54-367-006 SPECTRUM-54-367-006 Datasheet
313Kb / 16P
   Hermetically Sealed Threaded Case Filters
More results

Podobny opis - 54-367-006

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Spectrum Microwave, Inc...
51-311-309 SPECTRUM-51-311-309 Datasheet
313Kb / 16P
   Hermetically Sealed Threaded Case Filters
logo
List of Unclassifed Man...
CL700 ETC2-CL700 Datasheet
39Kb / 1P
   HERMETICALLY SEALED TO-5 CASE
logo
Microsemi Corporation
1N4614 MICROSEMI-1N4614 Datasheet
120Kb / 2P
   Hermetically sealed glass case. DO - 35 outline.
logo
Thinki Semiconductor Co...
1N60 THINKISEMI-1N60 Datasheet
3Mb / 2P
   Hermetically Sealed Glass Case Point Contact Germanium Diode
logo
Vishay Siliconix
TSTS730 VISHAY-TSTS730 Datasheet
81Kb / 5P
   GaAs IR Emitting Diodes in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTS750 VISHAY-TSTS750 Datasheet
81Kb / 5P
   GaAs IR Emitting Diodes in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTA7100 VISHAY-TSTA7100 Datasheet
82Kb / 6P
   GaAlAs IR Emitting Diode in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTA7300 VISHAY-TSTA7300 Datasheet
82Kb / 6P
   GaAlAs IR Emitting Diode in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTA7500 VISHAY-TSTA7500 Datasheet
82Kb / 6P
   GaAlAs IR Emitting Diode in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTS710 VISHAY-TSTS710 Datasheet
81Kb / 5P
   GaAs IR Emitting Diodes in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com