Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FW.45.B.SMA.M Arkusz danych(PDF) 3 Page - Taoglas antenna solutions

Numer części FW.45.B.SMA.M
Szczegółowy opis  rohs compliant
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAOGLAS [Taoglas antenna solutions]
Strona internetowa  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

FW.45.B.SMA.M Arkusz danych(HTML) 3 Page - Taoglas antenna solutions

  FW.45.B.SMA.M Datasheet HTML 1Page - Taoglas antenna solutions FW.45.B.SMA.M Datasheet HTML 2Page - Taoglas antenna solutions FW.45.B.SMA.M Datasheet HTML 3Page - Taoglas antenna solutions FW.45.B.SMA.M Datasheet HTML 4Page - Taoglas antenna solutions FW.45.B.SMA.M Datasheet HTML 5Page - Taoglas antenna solutions FW.45.B.SMA.M Datasheet HTML 6Page - Taoglas antenna solutions FW.45.B.SMA.M Datasheet HTML 7Page - Taoglas antenna solutions FW.45.B.SMA.M Datasheet HTML 8Page - Taoglas antenna solutions FW.45.B.SMA.M Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SP-15-8 SPE-16-8-005/C/WY
Page 3 of 13
2. Specification
CDMA450 450-470MHz
Center Frequency
450-470 MHz
Design Environment
On 30x30cm ground
Efficiency
73.66 %
Peak Gain
1.10 dBi
Return loss
< -10 dB
VSWR
≤ 2:1
Impedance
50 Ω
Polarization
Linear
Radiation Pattern
Omnidirectional
Input Power
2 W
MECHANICAL
Dimensions
Length 290 ± 9 mm
Base Diameter
16 ± 0.6 mm
Whip Diameter
6.2 ± 0.6 mm
Casing
ABS
Connector
SMA Type(M) Straight
Weight
63.5 g
Dust and Water
Resistance
IP65
ENVIRONMENTAL
Temperature Range
-40°C to 85°C
Humidity
Non-condensing 65°C 95% RH


Podobny numer części - FW.45.B.SMA.M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
FW.45.B.SMA-.M-1 ETC2-FW.45.B.SMA-.M-1 Datasheet
1Mb / 13P
   Monopole Antenna
More results

Podobny opis - FW.45.B.SMA.M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
   RoHs Compliant
logo
Assmann Electronics Inc...
V7236A1 ASSMANN-V7236A1 Datasheet
107Kb / 1P
   RoHS compliant
logo
List of Unclassifed Man...
S6006FS22 ETC2-S6006FS22 Datasheet
205Kb / 12P
   RoHS Compliant
logo
Pulse A Technitrol Comp...
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
   ROHS COMPLIANT
logo
International Rectifier
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
   RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
   RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
   RoHS compliant
logo
Pulse A Technitrol Comp...
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
   ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
   ROHS COMPLIANT
logo
Assmann Electronics Inc...
A-CCS-052-Z-T ASSMANN-A-CCS-052-Z-T Datasheet
303Kb / 1P
   RoHS compliant
logo
Everlight Electronics C...
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
   RoHS compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com