Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMAJ40 Arkusz danych(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Numer części SMAJ40
Szczegółowy opis  TRANSIENT VOLTAGE SUPPRESSOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BILIN [Galaxy Semi-Conductor Holdings Limited]
Strona internetowa  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SMAJ40 Arkusz danych(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  SMAJ40 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SMAJ40 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SMAJ40 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited SMAJ40 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited SMAJ40 Datasheet HTML 5Page - Galaxy Semi-Conductor Holdings Limited SMAJ40 Datasheet HTML 6Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Production specification
TRANSIENT VOLTAGE SUPPRESSOR
SMAJ5.0--SMAJ440CA
Document Number: SMA601AE
www.gmicroelec.com
2
ELECTRICAL CHARACTERISTICS (TA=25℃)
Type
Device
marking
code
Dynamic
VWM
IRM
IPPM
VC
UNI
BI
V
@IT
VWM
IPPM
Min
Max
m A
V
u A
A
V
SMAJ5.0
AAD
AWD
6.4
7.81
10
5.0
800
41.7
9.6
SMAJ5.0A
AAE
AWE
6.4
7.08
10
5.0
800
43.5
9.2
SMAJ6.0
AAF
AWF
6.67
8.15
10
6.0
800
35.1
11.4
SMAJ6.0A
AAG
AWG
6.67
7.37
10
6.0
800
38.8
10.3
SMAJ6.5
AAH
AWH
7.22
8.82
10
6.5
500
32.5
12.3
SMAJ6.5A
AAK
AWK
7.22
7.98
10
6.5
500
35.7
11.2
SMAJ7.0
AAL
AWL
7.78
9.51
10
7.0
200
30.1
13.3
SMAJ7.0A
AAM
AWM
7.78
8.6
10
7.0
200
33.3
12
SMAJ7.5
AAN
AWN
8.33
10.3
1.0
7.5
100
28.0
14.3
SMAJ7.5A
AAP
AWP
8.33
9.21
1.0
7.5
100
31.0
12.9
SMAJ8.0
AAQ
AWQ
8.89
10.9
1.0
8.0
50
26.7
15.0
SMAJ8.0A
AAR
AWR
8.89
9.83
1.0
8.0
50
29.4
13.6
SMAJ8.5
AAS
AWS
9.44
11.5
1.0
8.5
10
25.2
15.9
SMAJ8.5A
AAT
AWT
9.44
10.4
1.0
8.5
10
27.8
14.4
SMAJ9.0
AAU
AWU
10.0
12.2
1.0
9.0
5.0
23.7
16.9
SMAJ9.0A
AAV
AWV
10.0
11.1
1.0
9.0
5.0
26.0
15.4
SMAJ10
AAW
AWW
11.1
13.6
1.0
10
5.0
21.3
18.8
SMAJ10A
AAX
AWX
11.1
12.3
1.0
10
5.0
23.5
17.0
SMAJ11
AAY
AWY
12.2
14.9
1.0
11
5.0
19.9
20.1
SMAJ11A
AAZ
AWZ
12.2
13.5
1.0
11
5.0
22.0
18.2
SMAJ12
ABD
AXD
13.3
16.3
1.0
12
5.0
18.2
22.0
SMAJ12A
ABE
AXE
13.3
14.7
1.0
12
5.0
20.1
19.9
SMAJ13
ABF
AXF
14.4
17.6
1.0
13
5.0
16.8
23.8
SMAJ13A
ABG
AXG
14.4
15.9
1.0
13
5.0
18.6
21.5
SMAJ14
ABH
AXH
15.6
19.1
1.0
14
5.0
15.5
25.8
SMAJ14A
ABK
AXK
15.6
17.2
1.0
14
5.0
17.2
23.2
SMAJ15
ABL
AXL
16.7
20.4
1.0
15
5.0
14.9
26.9
SMAJ15A
ABM
AXM
16.7
18.5
1.0
15
5.0
16.4
24.4
SMAJ16
ABN
AXN
17.8
21.8
1.0
16
5.0
13.9
28.8
SMAJ16A
ABP
AXP
17.8
19.7
1.0
16
5.0
15.4
26
SMAJ17
ABQ
AXQ
18.9
23.1
1.0
17
5.0
13.1
30.5
SMAJ17A
ABR
AXR
18.9
20.9
1.0
17
5.0
14.5
27.6
SMAJ18
ABS
AXS
20.0
24.4
1.0
18
5.0
12.4
32.2
SMAJ18A
ABT
AXT
20.0
22.4
1.0
18
5.0
13.7
39.2


Podobny numer części - SMAJ40

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Socay Electornics Co., ...
SMAJ40 SOCAY-SMAJ40 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Jinan Gude Electronic D...
SMAJ40 JGD-SMAJ40 Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
AiT Semiconductor Inc.
SMAJ40 AITSEMI-SMAJ40 Datasheet
322Kb / 7P
   TRANSIENT VOLTAGE SUPPRESSOR 400 WATT PEAK POWER
REV1.0
logo
RFE international
SMAJ40 RFE-SMAJ40 Datasheet
55Kb / 1P
   SURFACE MOUNT TVS DIODE Electrical Characteristics, 33 to 170 Volts
logo
Vishay Siliconix
SMAJ40 VISHAY-SMAJ40 Datasheet
100Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 29-Oct-08
More results

Podobny opis - SMAJ40

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com