Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N4148WS-G Arkusz danych(PDF) 2 Page - Vishay Siliconix

Numer części 1N4148WS-G
Szczegółowy opis  Small Signal Fast Switching Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N4148WS-G Arkusz danych(HTML) 2 Page - Vishay Siliconix

  1N4148WS-G Datasheet HTML 1Page - Vishay Siliconix 1N4148WS-G Datasheet HTML 2Page - Vishay Siliconix 1N4148WS-G Datasheet HTML 3Page - Vishay Siliconix 1N4148WS-G Datasheet HTML 4Page - Vishay Siliconix 1N4148WS-G Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1N4148WS-G
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 14-Oct-16
2
Document Number: 85413
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Forward Characteristics
Fig. 2 - Dynamic Forward Resistance vs. Forward Current
Fig. 3 - Admissible Power Dissipation vs. Ambient Temperature
Fig. 4 - Relative Capacitance vs. Reverse Voltage
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Forward voltage
IF = 10 mA
VF
1V
IF = 100 mA
VF
1.2
V
Leakage current
VR = 20 V
IR
25
nA
VR = 75 V
IR
5
μA
VR = 100 V
IR
100
VR = 20 V, Tj = 150 °C
IR
50
Diode capacitance
VF = VR = 0 V
CD
4pF
Voltage rise when switching ON
Tested with 50 mA pulses,
tp = 0.1 μs, rise time < 30 ns,
fp = (5 to 100) kHz
Vfr
2.5
V
Reverse recovery time
IF = 10 mA, iR = 1 mA, VR = 6 V,
RL = 100 
trr
4ns
17437
0
1
2
V
F (V)
10
-1
10
-2
1
10
10
2
10
3
T
j = 100 °C
T
j = 25 °C
17438
f = 1 kHz
T
j = 25 °C
IF (mA)
10
10
2
10
3
10
4
10
-2
10
-1
110
2
10
2
5
2
5
2
5
2
5
0
50
100
150
200
250
0
50
100
150
200
20324
T
amb - Ambient Temperature (°C)
17440
VR (V)
0.7
0.8
0.9
1.0
1.1
f = 1 MHz
T
j = 25 °C
2
08
6
410


Podobny numer części - 1N4148WS-G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
1N4148WS-G TSC-1N4148WS-G Datasheet
192Kb / 5P
   Switching Diode
logo
Vishay Siliconix
1N4148WS-G VISHAY-1N4148WS-G Datasheet
98Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.4, 31-Jan-18
1N4148WS-G VISHAY-1N4148WS-G Datasheet
99Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.4, 31-Jan-18
1N4148WS-G VISHAY-1N4148WS-G Datasheet
100Kb / 5P
   Small Signal Fast Switching Diode
01-Jan-2022
logo
Taiwan Semiconductor Co...
1N4148WS-G-N0RVG TSC-1N4148WS-G-N0RVG Datasheet
192Kb / 5P
   Switching Diode
More results

Podobny opis - 1N4148WS-G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
1N4151W-V VISHAY-1N4151W-V Datasheet
205Kb / 6P
   Small Signal Fast Switching Diode
Rev. 1.2, 06-Apr-05
1N4148W-V VISHAY-1N4148W-V_15 Datasheet
93Kb / 6P
   Small Signal Fast Switching Diode
Rev. 1.5, 27-Jul-12
LL4154-M VISHAY-LL4154-M Datasheet
85Kb / 4P
   Small Signal Fast Switching Diode
Rev. 1.0, 02-Mar-15
1N4148WFL-G VISHAY-1N4148WFL-G Datasheet
94Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.0., 24-Oct-13
1N4148W-G VISHAY-1N4148W-G Datasheet
96Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.2, 08-May-13
1N4448WS VISHAY-1N4448WS Datasheet
91Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.4, 14-Oct-16
1N4148W VISHAY-1N4148W Datasheet
105Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.7, 08-May-13
BAS16-V-GS08 VISHAY-BAS16-V-GS08 Datasheet
140Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.5, 09-Mar-06
logo
KODENSHI_AUK CORP.
SDS914 KODENSHI-SDS914 Datasheet
251Kb / 5P
   Small Signal Fast Switching Diode
SDS2838EF KODENSHI-SDS2838EF Datasheet
265Kb / 5P
   Small Signal Fast Switching Diode
SUD494J KODENSHI-SUD494J Datasheet
280Kb / 5P
   Small Signal Fast Switching Diode
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com