Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA7468D Arkusz danych(PDF) 5 Page - STMicroelectronics

Numer części TDA7468D
Szczegółowy opis  TWO BANDS DIGITALLY CONTROLLED AUDIO PROCESSOR WITH BASS ALC SURROUND
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7468D Arkusz danych(HTML) 5 Page - STMicroelectronics

  TDA7468D Datasheet HTML 1Page - STMicroelectronics TDA7468D Datasheet HTML 2Page - STMicroelectronics TDA7468D Datasheet HTML 3Page - STMicroelectronics TDA7468D Datasheet HTML 4Page - STMicroelectronics TDA7468D Datasheet HTML 5Page - STMicroelectronics TDA7468D Datasheet HTML 6Page - STMicroelectronics TDA7468D Datasheet HTML 7Page - STMicroelectronics TDA7468D Datasheet HTML 8Page - STMicroelectronics TDA7468D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5/22
TDA7468D
BASS CONTROL
Gb
Control Range
Max. Boost/cut
±12.0
±14.0
±16.0
dB
BSTEP
Step Resolution
1
2
3
dB
RB
Internal Feedback Resistance
33
44
55
K
BASS ALC CONTROL
Rattack1
Attack Time Resistor 1
12.5
K
Rattack2
Attack Time Resistor 2
25
K
Rattack3
Attack Time Resistor 3
50
K
Rattack4
Attack Time Resistor 4
100
K
Thresh1
Threshold 1
700
mVrms
Thresh2
Threshold 2
485
mVrms
Thresh3
Threshold 3
320
mVrms
Thresh4
Threshold 4
170
mVrms
TREBLE CONTROL
Gt
Control Range
Max. Boost/cut
+13.0
+14.0
+15.0
dB
TSTEP
Step Resolution
1
2
3
dB
Rt
Internal Resistance
25
K
AUDIO OUTPUTS
VOCL
Clipping Level
THD = 0.3%
2
2.5
Vrms
RL
Output Load Resistance
2
K
VOUT
DC Voltage Level
4.5
V
GENERAL
ENO
Output Noise
BW = 20Hz to 20KHz;
All gains 0dB;
output muted
5
µV
flat
10
15
µV
S/N
Signal to Noise Ratio
All gains 0dB
; VO = 1Vrms ;
100
dB
SC
Channel Separation Left/Right
90
dB
d
Distortion
AV = 0; VI = 0.1Vrms ;
0.1
%
AV = 0; VI = 1Vrms ;
0.01
%
SC
Channel Separation left/right
90
dB
Total Tracking Error
0
1
dB
BUS INPUT
VIL
Input Low Voltage
1V
VIH
Input High Voltage
2.5
V
IIN
Input Current
VIN = 0.4V
-5
5
µA
VO
Output Voltage (ACK)
IO = 1.6mA
0.4
0.8
V
ELECTRICAL CHARACTERISTICS (continua)
(refer to the test circuit Tamb = 25°C, VS = 9V, f = 1KHz all controls flat (G = 0dB), unless otherwise
specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit


Podobny numer części - TDA7468D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TDA7468D STMICROELECTRONICS-TDA7468D Datasheet
254Kb / 23P
   TWO BANDS DIGITALLY CONTROLLED AUDIO PROCESSOR WITH BASS ALC SURROUND
April 2010 Rev. 4
TDA7468D13TR STMICROELECTRONICS-TDA7468D13TR Datasheet
254Kb / 23P
   TWO BANDS DIGITALLY CONTROLLED AUDIO PROCESSOR WITH BASS ALC SURROUND
April 2010 Rev. 4
More results

Podobny opis - TDA7468D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TDA7468 STMICROELECTRONICS-TDA7468 Datasheet
254Kb / 23P
   TWO BANDS DIGITALLY CONTROLLED AUDIO PROCESSOR WITH BASS ALC SURROUND
April 2010 Rev. 4
TDA7438 STMICROELECTRONICS-TDA7438_04 Datasheet
198Kb / 19P
   THREE BANDS DIGITALLY CONTROLLED AUDIO PROCESSOR
TDA7439 STMICROELECTRONICS-TDA7439 Datasheet
167Kb / 19P
   THREE BANDS DIGITALLY CONTROLLED AUDIO PROCESSOR
June 2004 REV. 10
TDA7438 STMICROELECTRONICS-TDA7438 Datasheet
150Kb / 17P
   THREE BANDS DIGITALLY CONTROLLED AUDIO PROCESSOR
TDA7439DS STMICROELECTRONICS-TDA7439DS Datasheet
140Kb / 16P
   THREE BANDS DIGITALLY CONTROLLED AUDIO PROCESSOR
TDA7429S STMICROELECTRONICS-TDA7429S Datasheet
160Kb / 20P
   DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
July 1999
TDA7429 STMICROELECTRONICS-TDA7429 Datasheet
243Kb / 22P
   DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
TDA7345 STMICROELECTRONICS-TDA7345 Datasheet
122Kb / 18P
   DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
November 1999
logo
New Japan Radio
NJM2706 NJRC-NJM2706 Datasheet
125Kb / 15P
   3D Surround Audio Processor with Dynamic Bass Boost
logo
STMicroelectronics
TDA7442 STMICROELECTRONICS-TDA7442 Datasheet
154Kb / 17P
   TONE CONTROL AND SURROUND DIGITALLY CONTROLLED AUDIO PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com