Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD12 Arkusz danych(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Numer części SD12
Szczegółowy opis  Single Line TVS Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BILIN [Galaxy Semi-Conductor Holdings Limited]
Strona internetowa  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SD12 Arkusz danych(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  SD12 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SD12 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SD12 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited SD12 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Production specification
Single Line TVS Diode
SD05/SD12
B036
www.gmicroelec.com
Rev.A
2
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
SD05 TVS for 5V Lines
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Reverse stand-off voltage
VRWM
5
V
Reverse breakdown voltage
VBR
It=1mA
6
V
Reverse leakage current
IR
VRWM=5V,T=25
10
μA
Clamping voltage
VC
IPP=5A,tp=8/20μs
9.8
V
Clamping voltage
VC
IPP=24A,tp=8/20μs
14.5
V
Junction capacitance
Cj
VR=0V,f=1MHz
350
pF
SD12 TVS for 12V Lines
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Reverse stand-off voltage
VRWM
12
V
Reverse breakdown voltage
VBR
It=1mA
13.3
V
Reverse leakage current
IR
VRWM=12V,T=25
1
μA
Clamping voltage
VC
IPP=5A,tp=8/20μs
19
V
Clamping voltage
VC
IPP=15A,tp=8/20μs
23
V
Junction capacitance
Cj
VR=0V,f=1MHz
150
pF
TYPICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified


Podobny numer części - SD12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Semtech Corporation
SD12 SEMTECH-SD12 Datasheet
137Kb / 6P
   Single Line TVS Diode for ESD Protection in Portable Electronics
logo
Guangdong Youtai Semico...
SD12 UMW-SD12 Datasheet
435Kb / 3P
   Unidirectional TVS Diodes
logo
ON Semiconductor
SD12 ONSEMI-SD12 Datasheet
216Kb / 2P
   Low cap. diode array for 2 Line High Speed USB protection devic
Rev.1, Nov-2006
logo
Goodwork Semiconductor ...
SD12 GWSEMI-SD12 Datasheet
1Mb / 2P
   Unidirectional TVS Diodes
logo
Semtech Corporation
SD12 SEMTECH-SD12 Datasheet
150Kb / 6P
   Single Line TVS Diode for ESD Protection in Portable Electronics
More results

Podobny opis - SD12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Galaxy Semi-Conductor H...
SD24 BILIN-SD24 Datasheet
196Kb / 3P
   Single Line TVS Diode
GESDXVXD3 BILIN-GESDXVXD3 Datasheet
234Kb / 5P
   Single Line TVS Diode
logo
Shenzhen Luguang Electr...
GESD5V0D1 LUGUANG-GESD5V0D1 Datasheet
215Kb / 3P
   Single Line TVS Diode
logo
KEC(Korea Electronics)
PG24GSUSC KEC-PG24GSUSC Datasheet
551Kb / 2P
   Single Line TVS Diode
logo
Galaxy Semi-Conductor H...
SD18 BILIN-SD18 Datasheet
196Kb / 3P
   Single Line TVS Diode
logo
Nanjing International G...
ZX0524P DGNJDZ-ZX0524P Datasheet
1Mb / 4P
   Single Line TVS Diode for ESD
NJ0521L DGNJDZ-NJ0521L Datasheet
2Mb / 4P
   Single Line TVS Diode for ESD
logo
Union Semiconductor, In...
UM5060 UNIONSEMI-UM5060_16 Datasheet
194Kb / 6P
   Bidirectional Single Line TVS Protection Diode
logo
Nanjing International G...
NJ0311T DGNJDZ-NJ0311T Datasheet
2Mb / 4P
   Single Line TVS Diode for ESD
NJ0524P DGNJDZ-NJ0524P Datasheet
1Mb / 4P
   Single Line TVS Diode for ESD
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com