Zakładka z wyszukiwarką danych komponentów |
|
SA25C512HMN Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers |
|
SA25C512HMN Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 19 page This Data Sheet states Saifun's current technical specifications regarding the Products described herein. This Data Sheet may be revised by subsequent versions or modifications due to changes in technical specifications. Publication# 1909 Rev: 1.1 Amendment: 1 Issue Date: January 27, 2003 SA25C512 Data Sheet Features •= Saifun NROM™ Flash Cell •= Serial Peripheral Interface (SPI) Compatible •= Supports SPI Modes 0 (0,0) and 3 (1,1) •= Byte and Page Write Modes (up to 128 bytes) •= Single Supply Voltage: – 2.7V to 3.6V (L) – 4.5V to 5.5V (H) •= 10MHz Clock Rate •= Block Write Protection: – Protect ¼, ½, or Entire Array •= Write Protect Pin and Write Disable Instructions of both Hardware and Software Data Protection •= Self-timed Write Cycle (10mS max) •= 100,000 Write Cycles (Minimum) •= 20 Year Data Retention •= Low-power Standby Current (less than 1 µµµµA) •= 8-SOIC Narrow Package (0.150” Wide Body, JEDEC SOIC) •= Temperature Range: – Industrial: -40°C to +85°C – Commercial: 0°C to +70°C General Description SA25C512 is a 512Kb CMOS non-volatile serial EEPROM, organized as a 64K x 8-bit memory. The SA25C512 is available in a space-saving, 8-lead narrow SOIC package. In addition, it is available in a wide range of voltages – 2.7-3.6 V and 4.5-5.5 V. The SA25C512 is enabled through the Chip Select (CSb) pin and is accessed via a 3-wire interface consisting of Serial Data Input (SI), Serial Data Output (SO) and Serial Data Clock (SCK). All write cycles are completely self-timed, and no separate ERASE cycle is required before write. (continued) 512Kb EEPROM SPI with 10MHz and Low Standby http://www.saifun.com Saifun NROM TM is a trademark of Saifun Semiconductors Ltd. |
Podobny numer części - SA25C512HMN |
|
Podobny opis - SA25C512HMN |