Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SA25C512HEMN Arkusz danych(PDF) 2 Page - List of Unclassifed Manufacturers

Numer części SA25C512HEMN
Szczegółowy opis  512Kb EEPROM SPI with 10MHz and Low Standby
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

SA25C512HEMN Arkusz danych(HTML) 2 Page - List of Unclassifed Manufacturers

  SA25C512HEMN Datasheet HTML 1Page - List of Unclassifed Manufacturers SA25C512HEMN Datasheet HTML 2Page - List of Unclassifed Manufacturers SA25C512HEMN Datasheet HTML 3Page - List of Unclassifed Manufacturers SA25C512HEMN Datasheet HTML 4Page - List of Unclassifed Manufacturers SA25C512HEMN Datasheet HTML 5Page - List of Unclassifed Manufacturers SA25C512HEMN Datasheet HTML 6Page - List of Unclassifed Manufacturers SA25C512HEMN Datasheet HTML 7Page - List of Unclassifed Manufacturers SA25C512HEMN Datasheet HTML 8Page - List of Unclassifed Manufacturers SA25C512HEMN Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
SA25C512 Data Sheet
SAIFUN
2
Table of Contents
Features ......................................................................... 1
General Description ...................................................... 1
Ordering Information .................................................... 5
Product Specifications ................................................. 6
Absolute Maximum Ratings..................................... 6
Latch Up Specifications........................................... 6
ESD Specifications.................................................. 6
Operating Conditions............................................... 6
DC Characteristics ........................................................ 7
AC Test Conditions ....................................................... 8
Serial Interface Description .......................................... 9
Master ..................................................................... 9
Slave ....................................................................... 9
Transmitter/Receiver ............................................... 9
Serial Opcode ......................................................... 9
Invalid Opcode ........................................................ 9
Chip Select (CSb).................................................... 9
HOLDb .................................................................... 9
Write Protect ........................................................... 9
Functional Description ............................................... 10
Write Enable (WREN) ........................................... 10
Write Disable (WRDI)............................................ 10
Read Status Register (RDSR) ............................... 11
Write Status Register (WRSR) .............................. 11
Read Sequence (READ) ....................................... 11
Write Sequence (WRITE)...................................... 12
Timing Diagrams ......................................................... 13
Physical Dimensions .................................................. 16
Life Support Policy...................................................... 19
List of Figures
Figure 1. SOIC 8 – Narrow/PDIP Package (Top View) .... 4
Figure 2: SA25C512 Ordering Information ...................... 5
Figure 3. AC Measurements I/O Waveform..................... 8
Figure 4. SPI Serial Interface ........................................ 10
Figure 5. SPI Mode 0 (0,0) Timing................................. 13
Figure 6. SPI Mode 0 (0,0) and 3 (1,1) Timing............... 13
Figure 7. HOLDb Timing ............................................... 14
Figure 8. Read Timing................................................... 14
Figure 9. Write Timing................................................... 14
Figure 10. Write Status Register Timing........................ 15
Figure 11. Read Status Register Timing........................ 15
Figure 12. 8-pin SOIC Package..................................... 16
Figure 13. 8-pin Molded Small Outline Package (MN),
0.150” Wide Body, JEDEC SOIC......................... 17
Figure 14. Molded Dual-in-line Package (N) Package
Number N08E...................................................... 18
List of Tables
Table 1. Pin Names......................................................... 4
Table 2. DC Characteristics............................................. 7
Table 3. AC Measurements............................................. 8
Table 4. AC Characteristics............................................. 8
Table 5. Instruction Set ................................................. 10
Table 6. Status Register Format.................................... 10
Table 7. Block Write Protect Bits................................... 11
Table 8. WPBEN Operation .......................................... 11
Table 9. Read Status Register Definition....................... 12


Podobny numer części - SA25C512HEMN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SA25C020 ETC-SA25C020 Datasheet
504Kb / 31P
   2Mb EEPROM with 25MHz SPI Bus Interface
SA25C020LEMLF ETC-SA25C020LEMLF Datasheet
504Kb / 31P
   2Mb EEPROM with 25MHz SPI Bus Interface
SA25C020LEMLFF ETC-SA25C020LEMLFF Datasheet
504Kb / 31P
   2Mb EEPROM with 25MHz SPI Bus Interface
SA25C020LEMLFFX ETC-SA25C020LEMLFFX Datasheet
504Kb / 31P
   2Mb EEPROM with 25MHz SPI Bus Interface
SA25C020LEMLFX ETC-SA25C020LEMLFX Datasheet
504Kb / 31P
   2Mb EEPROM with 25MHz SPI Bus Interface
More results

Podobny opis - SA25C512HEMN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SA25C1024 ETC-SA25C1024 Datasheet
1Mb / 19P
   1Mb EEPROM SPI with 10MHz and Low Standby
logo
STMicroelectronics
AN970 STMICROELECTRONICS-AN970 Datasheet
69Kb / 10P
   SPI COMMUNICATION BETWEEN ST7 AND EEPROM
logo
Xicor Inc.
X5645 XICOR-X5645 Datasheet
117Kb / 19P
   CPU Supervisor with 64Kbit SPI EEPROM
logo
Intersil Corporation
X5163S INTERSIL-X5163S Datasheet
371Kb / 21P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Renesas Technology Corp
X5643 RENESAS-X5643 Datasheet
734Kb / 19P
   CPU Supervisor with 64Kbit SPI EEPROM
July 18, 2005
logo
Intersil Corporation
X5043 INTERSIL-X5043 Datasheet
404Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5045S8IZ-4.5A INTERSIL-X5045S8IZ-4.5A Datasheet
409Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5328 INTERSIL-X5328 Datasheet
340Kb / 21P
   CPU Supervisor with 32Kbit SPI EEPROM
X5043 INTERSIL-X5043_06 Datasheet
402Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5083 INTERSIL-X5083 Datasheet
348Kb / 20P
   CPU Supervisor with 9Kbit SPI EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com